Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-DA21R-S2M Datasheet(PDF) 11 Page - Omron Electronics LLC

Part # E3X-DA21R-S2M
Description  Digital Fiber Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA21R-S2M Datasheet(HTML) 11 Page - Omron Electronics LLC

Back Button E3X-DA21R-S2M Datasheet HTML 7Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 8Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 9Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 10Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 11Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 12Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 13Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 14Page - Omron Electronics LLC E3X-DA21R-S2M Datasheet HTML 15Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 28 page
background image
E3X-DA-S
11
E3X-DA
@R-S (@: 21/51/7/9)
✽1. The fiber length is 10 m on each side, so the sensing distance is given as 20,000 mm.
✽2. The fiber length is 2 m on each side, so the sensing distance is given as 4,000 mm.
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Long distance / Dust resistance (High-power),
Detection through gaps (Narrow vision field)
Sensing distance (unit: mm)
Sensing
method
Type
Sensing direction /
Lens type
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
High-power
(integrated unit)
Top view
E32-T17L 10M
20,000 ✽1
20,000 ✽1
20,000 ✽1
10,000
4,000
Side view
E32-T14 2M
4,000 ✽2
4,000 ✽2
3,400
2,250
900
High-power
(with lens unit)
High-power
E32-T11N 2M + E39-F1
4,000 ✽2
4,000 ✽2
3,700
2,400
970
Ultrahigh-power
E32-T11N 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
1,800
High-power
E32-T11R 2M + E39-F1
4,000 ✽2
4,000 ✽2
3,700
2,400
970
Ultrahigh-power
E32-T11R 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
1,800
Side view
E32-T11R 2M + E39-F2
725
520
400
250
100
High-power
E32-TC200 2M + E39-F1
4,000 ✽2
4,000 ✽2
4,000 ✽2
2,600
1,500
Ultrahigh-power
E32-TC200 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
Side view
E32-TC200 2M + E39-F2
1,170
840
700
450
160
High-power
E32-T11 2M + E39-F1
4,000 ✽2
4,000 ✽2
3,600
2,300
930
Ultrahigh-power
E32-T11 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
2,300
Side view
E32-T11 2M + E39-F2
1,150
820
660
430
160
High-power
E32-T11U 2M + E39-F1
4,000 ✽2
4,000 ✽2
3,600
2,300
930
Ultrahigh-power
E32-T11U 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
4,000 ✽2
2,300
Side view
E32-T11U 2M + E39-F2
1,150
820
660
430
160
High-power
E32-T11NU 2M + E39-F1
4,000 ✽2
2,600
2,000
1,300
500
Ultrahigh-power
E32-T11NU 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
3,300
1,300
High-power
E32-T81R-S 2M + E39-F1
4,000 ✽2
2,650
2,100
1,300
520
Ultrahigh-power
E32-T81R-S 2M + E39-F16
4,000 ✽2
4,000 ✽2
3,600
2,300
900
Side view
E32-T81R-S 2M + E39-F2
500
360
280
180
70
High-power
E32-T61-S 2M + E39-F1
4,000 ✽2
4,000 ✽2
3,400
2,200
900
Ultrahigh-power
E32-T61-S 2M + E39-F16
4,000 ✽2
4,000 ✽2
4,000 ✽2
3,900
1,500
Side view
E32-T61-S 2M + E39-F2
840
600
450
300
120
Narrow vision field
(aperture angle: 4
°)
Top view
E32-T22S 2M
3,500
2,500
1,900
1,250
500
Side view
E32-T24S 2M
2,400
1,750
1,300
870
350
Reflective
models
High-power
Top view
E32-D16 2M
40 to 1,400
40 to 1,000
40 to 700
40 to 450
40 to 240
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Minute object detection (Small-spot model)
Sensing distance (unit: mm)
Sensing
method
Spot diameter
(mm)
Focal length
(mm)
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Reflective
models
φ0.1 to 0.6
(Variable)
6 to 15
E32-C42 1M + E39-F3A
Spot diameter of 0.1 to 0.6 mm at 6 to 15 mm
φ0.3 to 1.6
(Variable)
10 to 30
E32-C42 1M + E39-F17
Spot diameter of 0.3 to 1.6 mm at 10 to 30 mm
φ0.1
5
E32-C42S 1M
Spot diameter of 0.1 mm at 5 mm
7
E32-C41 1M + E39-F3A-5
Spot diameter of 0.1 mm at 7 mm
φ0.2
17
E32-C41 1M + E39-F3B
Spot diameter of 0.2 mm at 17 mm
φ0.5
7
E32-C31 2M + E39-F3A-5
Spot diameter of 0.5 mm at 7 mm
17
E32-C31 2M + E39-F3B
Spot diameter of 0.5 mm at 17 mm
φ6
50
E32-L15 2M
Spot diameter of 6 mm at 50 mm
Sensing distance in all mode (40 to 100 mm)
φ4
Parallel light
0 to 20
E32-C31 2M + E39-F3C
Spot diameter of 4 mm max. at 0 to 20 mm
φ350
E32-C11N 2M + E39-F18
Spot diameter of 3 mm at 50 mm
E32-CC200 2M + E39-F18
Spot diameter of 3 mm at 50 mm
Fiber Unit
Amplifier Unit
E3X-DA
@R-S (@: 21/51/7/9)
Area-sensing (Area beam)
Sensing distance (unit: mm)
Sensing
method
Area range
Sensing
direction
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Through-
beam
models
11mm
Side view
E32-T16PR 2M
1,550
1,100
840
560
220
Flat view
E32-T16JR 2M
1,370
980
750
480
190
30mm
Side view
E32-T16WR 2M
2,000
1,700
1,300
850
340
Reflective
models
11mm
E32-D36P1 2M
350
250
150
100
45
For information on Fiber Units, refer to the Fiber Sensors Best Selection Catalog (Cat. No. E353).


Similar Part No. - E3X-DA21R-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA21 OMRON-E3X-DA21 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA21-N OMRON-E3X-DA21-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DA21R-S2M

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
TEXAS ADVANCED OPTOELEC...
TCS3404 TAOS-TCS3404 Datasheet
347Kb / 40P
   DIGITAL COLOR SENSORS
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com