Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E4PA-LS50-M1-N Datasheet(PDF) 7 Page - Omron Electronics LLC

Part # E4PA-LS50-M1-N
Description  Ultrasonic Displacement Sensor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E4PA-LS50-M1-N Datasheet(HTML) 7 Page - Omron Electronics LLC

  E4PA-LS50-M1-N Datasheet HTML 1Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 2Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 3Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 4Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 5Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 6Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 7Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 8Page - Omron Electronics LLC E4PA-LS50-M1-N Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
E4PA-N Ultrasonic Displacement Sensor
7
Dimensions
Note:
All units are in millimeters unless otherwise indicated.
■ Sensors
E4PA-LS50-M1-N
E4PA-LS200-M1-N
E4PA-LS400-M1-N
E4PA-LS600-M1-N
36
(25)
27.5
22
5
(12)
114
M30
× 1.5
M12
× 1
Two clamping nuts
Indicator (See note.)
Setting Plug
Note: RUN indicator (yellow)
Power indicator (green)
Error indicator (red)
36
(25)
27.5
22
5
(12)
114
M30
× 1.5
M12
× 1
Two clamping nuts
Indicator (See note.)
Setting Plug
Note: RUN indicator (yellow)
Power indicator (green)
Error indicator (red)
36
(See note 2.)
(25)
22
25
5
(12)
128
27.5
40 dia.
M30
× 1.5
M12
× 1
Two clamping nuts
Indicator (See note.)
Setting Plug
Note: 1. RUN indicator (yellow)
Power indicator (green)
Error indicator (red)
2. This is the dimension
between the flat sides of
the nuts.
19
27.5
(25)
22
32.5
5
(41.6)
(12)
132
73 dia.
M30
× 1.5
M12
× 1
Two clamping nuts (See note 2.)
Indicator (See note.)
Setting Plug
Note: 1. RUN indicator (yellow)
Power indicator (green)
Error indicator (red)
2. The distance between
the flat sides of the nuts
is 36 mm.


Similar Part No. - E4PA-LS50-M1-N

ManufacturerPart #DatasheetDescription
logo
Edal Industries, Inc.
E4P3 EDAL-E4P3 Datasheet
1Mb / 2P
   Silicon Power Rectifiers
logo
List of Unclassifed Man...
E4PB ETC2-E4PB Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
E4PBG ETC2-E4PBG Datasheet
607Kb / 2P
   77SC66p33e..c4422-0220..22362510710 Mild Steel
More results

Similar Description - E4PA-LS50-M1-N

ManufacturerPart #DatasheetDescription
logo
Mitsumi Electronics, Co...
SUD-40165CB00 MITSUMI-SUD-40165CB00 Datasheet
89Kb / 2P
   Ultrasonic Sensor
logo
Pepperl+Fuchs Inc.
UC2500-F65-E8R2-V15 PF-UC2500-F65-E8R2-V15 Datasheet
627Kb / 5P
   Ultrasonic sensor
UC4000-30GM-2EP-IO-V15 PF-UC4000-30GM-2EP-IO-V15 Datasheet
1Mb / 8P
   Ultrasonic sensor
UC4000-L2M-E7-T-2M PF-UC4000-L2M-E7-T-2M Datasheet
692Kb / 5P
   Ultrasonic sensor
UC2000-30GM70-UE2R2-K-V15 PF-UC2000-30GM70-UE2R2-K-V15 Datasheet
916Kb / 6P
   Ultrasonic sensor
UC2000-30GM-E6R2-V15 PF-UC2000-30GM-E6R2-V15 Datasheet
845Kb / 7P
   Ultrasonic sensor
UC2000-30GM-E7R2-V15 PF-UC2000-30GM-E7R2-V15 Datasheet
837Kb / 7P
   Ultrasonic sensor
UCC2500-50GK-B26-8MOL PF-UCC2500-50GK-B26-8MOL Datasheet
760Kb / 3P
   Ultrasonic sensor
UCC6000-30GH70-IE2R2-V15 PF-UCC6000-30GH70-IE2R2-V15 Datasheet
1Mb / 6P
   Ultrasonic sensor
UB500-30GM-H3-V1 PF-UB500-30GM-H3-V1 Datasheet
582Kb / 4P
   Ultrasonic sensor
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com