Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

E3X-DA21R-S Datasheet(PDF) 8 Page - Omron Electronics LLC

Part # E3X-DA21R-S
Description  Digital Fiber Sensors
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

E3X-DA21R-S Datasheet(HTML) 8 Page - Omron Electronics LLC

Back Button E3X-DA21R-S Datasheet HTML 4Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 5Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 6Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 7Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 8Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 9Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 10Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 11Page - Omron Electronics LLC E3X-DA21R-S Datasheet HTML 12Page - Omron Electronics LLC Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
E3X-DA-S
8
E3X-DA
@-S (@: 21/51/7/9)
E3X-DA
@F-S(@: 21/51/7/9)
Note: The E3X-DA
@F-S uses only Super-high-speed mode. The sensing distance is the same as for the Super-high-speed mode of the E3X-DA@-S.
✽ If operation is affected by the background, perform power tuning or set operation to ECO mode to reduce the amount of light that is received.
✽1. When using a highly reflective object, light reflected from the object may affect the sensor.
✽2. The effect may be small due to the film. Also, stable detection may not be possible when there is a sensing object directly in front of the Lens
Unit. Be sure to check operation in advance.
✽ If operation is affected by the background, perform power tuning or set operation to ECO mode to reduce the amount of light that is received.
✽1. If a high level of light is received, perform power tuning or set operation to ECO mode to reduce the amount of light that is received.
✽2. In Tough mode, detection may not be possible depending on the pipe diameter. Check operation with the pipe that will be used.
Fiber Unit
Amplifier Unit
E3X-DA
@-S (@: 21/51/7/9)
Detection without background interference (Convergent-reflective)
Sensing distance (unit: mm)
Sensing
method
Sensing
direction
Size
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Reflective
models
Flat view
Standard
E32-L16-N 2M
0 to 15
0 to 12
Small
E32-L24S 2M
0 to 4
Top view
---
E32-L25L 2M
5.4 to 9 (center 7.2)
Flat view
E32-L24L 2M
2 to 6 (center 4)
Fiber Unit
Amplifier Unit
E3X-DA
@-S (@: 21/51/7/9)
Detection of transparent objects (Retro-reflective)
Sensing distance (unit: mm)
Sensing
method
Type
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Retrore-
flective
models
Square
E32-R16 5M + E39-R1 (attached) ✽1
150 to 1,500
Small
E32-R21 2M + E39-R3 (attached) ✽1
10 to 250
Film detection ✽2
E32-C31 2M + E39-F3R+E39-RP37 ✽1
250
200
---
E32-C31 2M + E39-F3R+E39-RSP1 ✽1
450
300
100
Fiber Unit
Amplifier Unit
E3X-DA
@-S (@: 21/51/7/9)
FPD / Semiconductor / Solar battery industry
Sensing distance (unit: mm)
Sensing
method
Application
Operating
temperature
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Reflective
models
Glass detection
70
°C
E32-L16-N 2M
0 to 15
0 to 12
Glass substrate
alignment
E32-L16-N 2M
0 to 15
0 to 12
E32-A08 2M
10 to 20
---
300
°C
E32-A08H2 3M
10 to 20
---
Glass substrate
mapping
70
°C
E32-A09 2M
15 to 38
---
150
°C
E32-A09H 2M
15 to 38
---
300
°C
E32-A09H2 2M
20 to 30
---
WET process
60
°C
E32-L11FP 5M
8 to 20 mm from end of lens (recommended: 11 mm)
70
°C
E32-L12FS 5M
8 to 20 mm from end of lens (recommended: 11 mm)
85
°C
E32-L11FS 5M
8 to 20 mm from end of lens (recommended: 11 mm)
Through-
beam
models
Wafer mapping
70
°C
E32-A03 2M
3,220
2,300
1,780
1,200
500
E32-A03-1 2M
3,220
2,300
1,780
1,200
500
E32-A04 2M
1,280
920
680
450
200
E32-A04-1 2M
1,280
920
680
450
200
Fiber Unit
Amplifier Unit
E3X-DA
@-S (@: 21/51/7/9)
Liquid-level detection model
Sensing distance (unit: mm)
Sensing
method
Sensing
direction
Pipe diameter
Model
Tough mode
High-resolution
mode
Standard
mode
High-speed
mode
Super-high-
speed mode
Reflective
models
Mounted to pipe
No limit
E32-D36T 5M ✽1, ✽2
Applicable pipe: Transparent (no restriction on diameter)
φ8 to 10 mm
E32-L25T 2M
Applicable pipe: Transparent pipe with diameter of 8 to 10 mm,
recommended pipe wall thickness: 1 mm
Wet
---
E32-D82F1 4M ✽1
Wet model
For information on Fiber Units, refer to the Fiber Sensors Best Selection Catalog (Cat. No. E353).


Similar Part No. - E3X-DA21R-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA21 OMRON-E3X-DA21 Datasheet
199Kb / 13P
   Fiber-Optic System for Sensing Under Vacuum
E3X-DA21-N OMRON-E3X-DA21-N Datasheet
1Mb / 10P
   The Ultimate Fiber Amplifier for Maximum Ease of Use and High Performance
More results

Similar Description - E3X-DA21R-S

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
E3X-DA41RM-S OMRON-E3X-DA41RM-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E3X-DA8-S OMRON-E3X-DA8-S Datasheet
5Mb / 34P
   Digital Fiber Sensors
E32C312M OMRON-E32C312M Datasheet
17Mb / 67P
   Fiber Sensors
E32T24S OMRON-E32T24S Datasheet
17Mb / 67P
   Fiber Sensors
logo
SICK AG
LL3-DW01 SICK-LL3-DW01 Datasheet
208Kb / 4P
   FIBER-OPTIC SENSORS AND FIBER
logo
List of Unclassifed Man...
FX-300 ETC-FX-300 Datasheet
13Mb / 28P
   Digital Fiber Sensor
logo
TEXAS ADVANCED OPTOELEC...
TCS3404 TAOS-TCS3404 Datasheet
347Kb / 40P
   DIGITAL COLOR SENSORS
logo
SICK AG
LL3-DM02 SICK-LL3-DM02 Datasheet
230Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DJ02 SICK-LL3-DJ02 Datasheet
231Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
LL3-DC06 SICK-LL3-DC06 Datasheet
207Kb / 4P
   FIBER-OPTIC SENSORS AND FIBERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com