Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7CN-2M-1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # A7CN-2M-1
Description  Thumbwheel Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7CN-2M-1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  A7CN-2M-1 Datasheet HTML 1Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 2Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 3Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 4Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 5Page - Omron Electronics LLC A7CN-2M-1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
3
A7CN/A7CN-L
Dimensions
(Unit: mm)
Switches
8
4
1
C
2.4
0.3
P=6±0.2
*
5.4
3
A
* Terminal position dimensions
18
16
2.8
6±0.1
A
C
B
0.6±0.2
PCB terminal
P=2.54
±0.2
16
11.6
2
4.6
2
15.7
3.5
A
+0.7
0
B
16.2
+0.5
0
2
Panel thickness: 2
Tow, M2.5 or
M2.6
Note: 1. The dimensions above include both End
Caps, and will increase 6 mm for each
Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 6 + 6)
Size B
(n x 6 + 11)
Size C
(n x 6 + 16)
1
121722
2
182328
3
242934
4
303540
5
364146
6
424752
7
485358
8
545964
9
606570
10
66
71
76
A7CN-106-1
PCB Terminals
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout
8
4
1
C
5.4
*
B
+0.7
0
16.2
+0.6
0
2.4
0.3
P=6
3
B
18
6±0.1
4
A
0.6±0.1
P=2.54
±0.2
16
11.6
2
4.9
2.2
15.5
3.5
2
PCB terminal
Panel thickness: 1 to 2
* Terminal position dimensions
±0.2
Note: 1. The dimensions above include both End
Caps, and will increase 6 mm for each
Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 6 + 8)
Size B
(n x 6 + 6)
114
12
220
18
326
24
432
30
538
36
644
42
750
48
856
54
962
60
10
68
66
A7CN-206(-1)
PCB Terminals
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout
8
4
1
C
B
+0.7
0
16.2
+0.6
0
2.4
0.3
P=6±0.2
5.4
3
B
18
6±0.1
4
A
0.6 ±0.2
P=2.54
±0.2
16
11.6
1.9
2.2
15.5
4.7
3.5
2
PCB terminal
Panel thickness: 1 to 2
When setting
* Terminal position dimensions
*
Note: 1. The dimensions above include both End
Caps, and will increase 6 mm for each
Spacer inserted.
2. Unless otherwise specified, a tolerance of
±0.4 mm applies to all dimensions.
The tolerance for multiple connection is
±(number of units x 0.4) mm.
Number of
Switches (n)
Size A
(n x 6 + 8)
Size B
(n x 6 + 6)
114
12
220
18
326
24
432
30
538
36
644
42
750
48
856
54
962
60
10
68
66
A7CN-L206(-1)
PCB Terminals
Locking Model
Note: Common terminal C is at the bottom when the Switch Unit is viewed
from the front.
Panel Cutout


Similar Part No. - A7CN-2M-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7CN-206 ETC-A7CN-206 Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7CN-206 OMRON-A7CN-206 Datasheet
1Mb / 25P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN-206-1 ETC-A7CN-206-1 Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7CN-206-1 OMRON-A7CN-206-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7CN-2M-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
A7F OMRON-A7F Datasheet
329Kb / 4P
   SCSI Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
   Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com