Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

3210237 Datasheet(PDF) 4 Page - PHOENIX CONTACT

Part # 3210237
Description  PIT 2,5-DIO/R-L, Feed-through modular terminal block
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

3210237 Datasheet(HTML) 4 Page - PHOENIX CONTACT

  3210237 Datasheet HTML 1Page - PHOENIX CONTACT 3210237 Datasheet HTML 2Page - PHOENIX CONTACT 3210237 Datasheet HTML 3Page - PHOENIX CONTACT 3210237 Datasheet HTML 4Page - PHOENIX CONTACT 3210237 Datasheet HTML 5Page - PHOENIX CONTACT 3210237 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
PIT 2,5-DIO/R-L Order No.: 3210237
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=3210237
PHOENIX CONTACT Inc., USA
Page 4 / 6
http://www.phoenixcon.com
Apr 9, 2010
3030187
FBS 4-5
Cross connector/bridge, Number of positions: 4, Color: red
3030190
FBS 5-5
Cross connector/bridge, Number of positions: 5, Color: red
3030213
FBS 10-5
Cross connector/bridge, Number of positions: 10, Color: red
3030226
FBS 20-5
Cross connector/bridge, Number of positions: 20, Color: red
3038930
FBS 50-5
Cross connector/bridge, Number of positions: 50, Color: red
General
0810588
GBS 5-25X12
Group marker label, snaps onto terminal center for screw, spring-
cage and quick connection terminal blocks, labeled with a 25 x 12
mm label or manually with the B-STIFT, in the foot part with ZB 5
0809298
GBS-ZB/26X6
Group marking label, snaps onto terminal center for screw, spring-
cage and quick connection terminal blocks, labeled with ESL
26x6 mm or EST 25x6 mm, in the foot part with Zack marker strip,
length: 29 mm
Marking
3037643
STP 5-2-ZB
Double marker carrier, snaps onto the spring-cage terminal blocks
ST 2.5..., labeled with ZB 5 or ZBF 5
0818108
UC-TM 5
UniCard sheets, for labeling terminal blocks using Zack marker
strip groove,96-section, labeling with BLUEMARK X1 and CMS-
P1-PLOTTER, color: White
0824581
UC-TM 5 CUS
UniCard sheets, for labeling terminal blocks with a zack marker
strip groove, can be printed as per customer requirements
0819796
UC-TMF 5L
UniCard sheets, for labeling terminal blocks using a flat Zack
marker strip groove, 192-section, can be labeled with CMS-P1-
PLOTTER, color: White
1050004
ZB 5 :UNBEDRUCKT
Zack strip, unprinted, 10-section, for individual labeling with M-
PEN, ZB-T or CMS system, pack is sufficient for 100 terminal
blocks, for a terminal width of 5.2 mm, color: White
1050295
ZB 5:SO/CMS
Zack strip, 10-section, divisible, special printing, marking
according to customer requirements
Plug/Adapter
3002843
ISH 2,5/0,2
Insulation stop sleeve, Color: white
3002856
ISH 2,5/0,5
Insulation stop sleeve, Color: gray
3002869
ISH 2,5/1,0
Insulation stop sleeve, Color: black
0201731
MPS-IH BK
Insulating sleeve, for MPS metal part, Color: black
0201689
MPS-IH BU
Insulating sleeve, for MPS metal part, Color: blue
0201702
MPS-IH GN
Insulating sleeve, for MPS metal part, Color: green
0201728
MPS-IH GY
Insulating sleeve, for MPS metal part, Color: gray
0201676
MPS-IH RD
Insulating sleeve, Color: red
0201715
MPS-IH VT
Insulating sleeve, for MPS metal part, Color: violet


Similar Part No. - 3210237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210230 PHOENIX-3210230 Datasheet
68Kb / 6P
   Disconnect terminal block - PTT 2,5-L/TG
More results

Similar Description - 3210237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
3210224 PHOENIX-3210224 Datasheet
108Kb / 6P
   PIT 2,5-DIO/L-R, Feed-through modular terminal block
3209510 PHOENIX-3209510 Datasheet
116Kb / 6P
   PIT 2,5 - Feed-through modular terminal block
3209578 PHOENIX-3209578 Datasheet
133Kb / 6P
   PIT 2,5-QUATTRO, Feed-through modular terminal block
3209549 PHOENIX-3209549 Datasheet
122Kb / 6P
   PIT 2,5-TWIN, Feed-through modular terminal block
3210266 PHOENIX-3210266 Datasheet
118Kb / 6P
   PIT 2,5-QUATTRO-DIO/L-R
3210279 PHOENIX-3210279 Datasheet
108Kb / 6P
   PIT 2,5-QUATTRO-DIO/R-L
3210567 PHOENIX-3210567 Datasheet
109Kb / 6P
   PITTB 2,5 , Feed-through modular terminal block
3210240 PHOENIX-3210240 Datasheet
80Kb / 6P
   Component terminal block - PT 2,5-TWIN-DIO/L-R
3036534 PHOENIX-3036534 Datasheet
136Kb / 13P
   Component terminal block - ST 2,5-QUATTRO-DIO/R-L
3210253 PHOENIX-3210253 Datasheet
571Kb / 29P
   Component terminal block - PT 2,5-TWIN-DIO/R-L
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com