Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NVD0.7EGG-M6 Datasheet(PDF) 11 Page - Power-One

Part # NVD0.7EGG-M6
Description  NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

NVD0.7EGG-M6 Datasheet(HTML) 11 Page - Power-One

Back Button NVD0.7EGG-M6 Datasheet HTML 3Page - Power-One NVD0.7EGG-M6 Datasheet HTML 4Page - Power-One NVD0.7EGG-M6 Datasheet HTML 5Page - Power-One NVD0.7EGG-M6 Datasheet HTML 6Page - Power-One NVD0.7EGG-M6 Datasheet HTML 7Page - Power-One NVD0.7EGG-M6 Datasheet HTML 8Page - Power-One NVD0.7EGG-M6 Datasheet HTML 9Page - Power-One NVD0.7EGG-M6 Datasheet HTML 10Page - Power-One NVD0.7EGG-M6 Datasheet HTML 11Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
Product Specifications
NV Series: 4 - 6W DC/DC Converters
Oct 2001
9-36V, 18-36V, 36-72V & 16-75V Inputs
3.3V, 5.0V, 12V, 15V, ±5.0V, ±12V, ±15V & ±24V Outputs
18-Oct-01
Rev 1.0
Page 11 of 11
www.power-one.com
Pin-Out
Function
Pin
Single Output
Dual Output
Reference
1
+Vin
+Vin
Primary
2
-Vin
-Vin
Primary
3
-Vin
-Vin
Primary
4
No Pin
No Pin
-
5
No Pin
No Pin
-
6
No Pin
No Pin
-
7
No Pin
No Pin
-
8
No Pin
No Pin
-
9
No Connection
No Connection
Secondary
10
No Connection
Vo Return / Common
Secondary
11
No Connection
-Vo
Secondary
12
-Vo
-Vo
Secondary
13
+Vo
-Vo
Secondary
14
No Connection
+Vo
Secondary
15
No Connection
+Vo
Secondary
16
No Connection
Vo Return / Common
Secondary
17
No Pin
No Pin
-
18
No Pin
No Pin
-
19
No Pin
No Pin
-
20
No Pin
No Pin
-
21
No Pin
No Pin
-
22
+Vi
+Vi
Primary
23
+Vi
+Vi
Primary
24
-Vi
-Vi
Primary
Ordering Information
Options
Suffixes to part number
Surface Mount Version, shipped
in JEDEC Tray
Suffix “–M6”.
Through hole (leaded) version.
Consult factory for availability.
Notes
1.
Consult factory for the complete list of available options.
2.
Power -One products are not authorized for use as critical components in life support systems, equipment used in hazardous
environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
3.
Specifications are subject to change without notice.


Similar Part No. - NVD0.7EGG-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
NVD0.7EGG-M6 POWER-ONE-NVD0.7EGG-M6 Datasheet
321Kb / 11P
   6W SMT Converter Wide Input 3.3V to 24V Outputs
More results

Similar Description - NVD0.7EGG-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RND02ZGE POWER-ONE-RND02ZGE Datasheet
316Kb / 14P
   RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
logo
Maxim Integrated Produc...
MAX17500AEVKIT MAXIM-MAX17500AEVKIT Datasheet
1Mb / 9P
   36V to 72V or -36V to -72V DC Input Range
Rev 0; 2/11
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
AAEON Technology
GENE-SKU6 AAEON-GENE-SKU6 Datasheet
458Kb / 2P
   Wide DC Support 9~36V, 12V Only (Optional)
logo
Everlight Electronics C...
XUAN1313-KM407N8-36306 EVERLIGHT-XUAN1313-KM407N8-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT577N9-36306 EVERLIGHT-XUAN1313-KT577N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT657N9-36306 EVERLIGHT-XUAN1313-KT657N9-36306 Datasheet
825Kb / 24P
   36V/6W series
XUAN1313-KT507N9-36306 EVERLIGHT-XUAN1313-KT507N9-36306 Datasheet
825Kb / 24P
   36V/6W series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com