Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A7CN-106-1 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # A7CN-106-1
Description  Thumbwheel Switch
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

A7CN-106-1 Datasheet(HTML) 5 Page - Omron Electronics LLC

  A7CN-106-1 Datasheet HTML 1Page - Omron Electronics LLC A7CN-106-1 Datasheet HTML 2Page - Omron Electronics LLC A7CN-106-1 Datasheet HTML 3Page - Omron Electronics LLC A7CN-106-1 Datasheet HTML 4Page - Omron Electronics LLC A7CN-106-1 Datasheet HTML 5Page - Omron Electronics LLC A7CN-106-1 Datasheet HTML 6Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
5
A7CN/A7CN-L
Safety Precautions
Refer to Precautions for Correct Use on in the Technical Guide for Thumbwheel Switches.
Environment
• Do not use where gases are generated (ammonia, chlorine, sulfur
dioxide).
• Although Switches are of nearly dust-proof construction, they are
not drip-proof, therefore do not use in areas subject to water or oil
exposure and do not operate with wet or oily hands.
• Provide additional dust-proofing measures, such as using a dust-
proof cover, when using in sand-exposed areas.
Handling
• The A7CN cannot be connected to the A7C.
• The molded components of the Switch use polyacetal resin and
polycarbonate resin. It is recommended that alcohol is used to wipe
off dirt and smudges from the molded components. Take care to
prevent the alcohol from getting inside.
Do not use thinner or other solutions which might damage the resin.
• When changing settings, do not touch the operating buttons if your
fingers are wet or there is oil or any other foreign substance on your
fingers.
• Do not drop the individual Switches. Doing so may damage the
resin catch (for connecting) on the side of the Switch.
• When separating Switches, use a screwdriver as shown in the
figure below; disconnect them by releasing the top and bottom
hooks. Be careful not to bend the hooks.
• When connecting Switches, fit the mating parts together.
• Do not push the (+) and (-) operating push-buttons at the same
time.
Models with PCB Terminals
Do not use excessive force in handling the Switches. In particular,
take care to avoid dropping them because the terminals might bend
or break.
Screw-mounting Models
Tighten mounting screws to a torque between 0.2 to 0.24 N·m, using
M2.6 screws. Use plain washers or spring washers together with the
screws.
Setting Numbers
Locking Type
• Set with the setting button by raising it.
• Return the button to its original position
after setting. It is then locked to prevent
rotation, and the set numbers will not
change accidentally.
Soldering
Note the following points when soldering
printed circuit boards:
• The terminal insertion holes on the PCB must be at least 1 mm in
diameter.
• Automatic Soldering
Do not use dip cleaning. Doing so may result in flux penetration of
the Switch interior, causing contact and rotational defects. Clean
the flux as shown in Figure 1, tilting the Switch 80
° or less and using
a brush to apply the solvent only to the back of the board. It may
also be cleaned by dipping only the back of the board into the
solvent and then using a brush to clean.
• Dip Soldering
When applying flux solvent, the dipping time is a maximum of 2
seconds. As shown in Figure 2, avoid flooding the top surface of the
printed circuit board with flux. Using a brush to apply flux further
reduces the danger of flux penetration. When cleaning flux with a
brush, tilt the Switch 80
° or less, as shown in Figure 1, in order to
prevent flux from flowing onto the switch mounting surface. Clean
flux as described above under Automatic Soldering.
• Using a Soldering Iron
Use a 30-W soldering iron at a temperature of 350
°C for a
maximum of 3 seconds, and flush as described above.
Do not apply force to the terminals during soldering and for 3
minutes after soldering is completed. Doing so may result in
conduction or operation failure.
• Ensure that soldering flux and alcohol do not penetrate into the
Switch interior
Precautions for Correct Use
Do not
push here
Top surface
of board
80
° or less
Back surface
of board
Wipe away flux
with a brush.
Figure 1
Figure 2


Similar Part No. - A7CN-106-1

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
A7CN-106-1 ETC-A7CN-106-1 Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7CN-106-1 OMRON-A7CN-106-1 Datasheet
1Mb / 25P
   Thumbwheel Switch
More results

Similar Description - A7CN-106-1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
A7MA OMRON-A7MA Datasheet
109Kb / 5P
   Thumbwheel Switch
logo
List of Unclassifed Man...
A7CN ETC-A7CN Datasheet
101Kb / 5P
   Thumbwheel Switch
logo
Omron Electronics LLC
A7AS OMRON-A7AS Datasheet
77Kb / 4P
   Thumbwheel Switch
A7P-M OMRON-A7P-M Datasheet
1Mb / 25P
   Thumbwheel Switch
A7F OMRON-A7F Datasheet
329Kb / 4P
   SCSI Thumbwheel Switch
logo
C&K Components
301100000 CK-COMPONENTS-301100000 Datasheet
387Kb / 8P
   Thumbwheel Switches
logo
Grayhill, Inc
62T22-N0-040C GRAYHILL-62T22-N0-040C Datasheet
258Kb / 2P
   Thumbwheel with Pushbutton
logo
ITT Industries
301100000 ITT-301100000 Datasheet
671Kb / 8P
   Thumbwheel Switches
logo
Marki Microwave
TW-1 MARKIMICROWAVE-TW-1 Datasheet
223Kb / 1P
   Connector Thumbwheel
logo
C&K Components
3 CK-COMPONENTS-3 Datasheet
1Mb / 8P
   Thumbwheel Switches
2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com