Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTD08A020W Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # PTD08A020W
Description  20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

PTD08A020W Datasheet(HTML) 10 Page - Texas Instruments

Back Button PTD08A020W Datasheet HTML 6Page - Texas Instruments PTD08A020W Datasheet HTML 7Page - Texas Instruments PTD08A020W Datasheet HTML 8Page - Texas Instruments PTD08A020W Datasheet HTML 9Page - Texas Instruments PTD08A020W Datasheet HTML 10Page - Texas Instruments PTD08A020W Datasheet HTML 11Page - Texas Instruments PTD08A020W Datasheet HTML 12Page - Texas Instruments PTD08A020W Datasheet HTML 13Page - Texas Instruments PTD08A020W Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
–Vsens-rail3
10 kW
0.1 mF
FCX491A
+3.3 V
UCD9240RGC
53
52
51
50
57
56
55
54
3
59
60
61
62
63
1
2
EAp1
EAn2
EAp2
EAn1
EAn4
EAp4
EAn3
EAp3
AddrSens1
AddrSens0
CS-1A(COMP1)
CS-2A(COMP2)
CS-2B
CS-1B
CS-4A(COMP4)
CS-3A(COMP3)
+Vsens-rail1
–Vsens-rail2
+Vsens-rail2
–Vsens-rail1
–Vsens-rail4
+Vsens-rail4
+Vsens-rail3
CS-rail2B
CS-rail1A
CS-rail4A
CS-rail3A
CS-rail2A
CS-rail1B
6
5
4
Temp
Vtrack
Vin/Iin
16
15
PMBus-Data
PMBus-Clk
39
28
27
PowerGood (TMS)
PMBus-Ctrl
PMBus-Alert
+3.3 V
4.7 mF
20
19
18
17
12
11
23
21
DPWM-1A
15 kW
0.1 mF
34
25
14
13
24
22
35
33
30
29
32
31
42
FAN-Tach
36
41
FAN-PWM
SyncOut
37
38
SyncIn
10
40
DPWM-2B
DPWM-2A
DPWM-1B
FAULT-1B
FAULT-1A
DPWM-4A
DPWM-3A
FAULT-2A
FAULT-4A
FAULT-3A
FAULT-2B
SRE-1B
SRE-1A
SRE-2B
SRE-2A
SRE-4A
SRE-3A
TMUX-1
TMUX-0
TMUX-2
FAN-TACH
FAN-PWM
SYNC-OUT
SYNC-IN
RCR
TRST
9
RESET
10 kW
10 kW
V
IN
10 kW
14
13
A1
A0
1
12
15
A4
A3
A2
4
2
A7
A6
A5
5
8
11
10
6
S2
Com
S0
S1
EN
3
Temp-rail1B
Temp-rail1A
Temp-rail2B
Temp-rail2A
Temp-rail4A
Temp-rail3A
CD74HC4051
+3.3 V
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
Commutation
UCD7230 Driver
Logic
FAULT
PWM
SRE
INH
IOUT
Temp Sensor
PTD08A020W
Temp-rail1A
INH
+3.3 V
V
IN
V
O
PTD08A020W
FAULT
PWM
SRE
INH
IOUT
Temp-rail1B
CS-rail1A
+Vsens-rail1
–Vsens-rail1
Temp-rail2A
Temp-rail2B
+Vsens-rail2
–Vsens-rail2
CS-rail1B
CS-rail2A
CS-rail2B
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
PTD08A010W
FAULT
PWM
SRE
INH
IOUT
Temp-rail3A
Temp-rail4A
+Vsens-rail4
–Vsens-rail4
CS-rail3A
CS-rail4A
+Vsens-rail3
–Vsens-rail3
82.5 kW
TEMP
VOUT
GND
VBIAS
TEMP
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
TEMP
VOUT
GND
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
VBIAS
VIN
VIN
[A]
UDG-08035
PTD08A020W
SLTS286F – MAY 2007 – REVISED FEBRUARY 2010
www.ti.com
APPLICATION INFORMATION
DIgital Power
Figure 19. Typical Application Schematic
Figure 19 shows the UCD9240 power supply controller working in a system which requires the regulation of four
independent power supplies. The loop for each power supply is created by the respective voltage outputs feeding
into the Error ADC differential inputs, and completed by DPWM outputs feeding into the UCD7230 drivers which
are shown on the PTD08A010W and PTD08A020W modules.
10
Submit Documentation Feedback
Copyright © 2007–2010, Texas Instruments Incorporated
Product Folder Link(s): PTD08A020W


Similar Part No. - PTD08A020W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020WAD TI-PTD08A020WAD Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
More results

Similar Description - PTD08A020W

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
PTD08A020W TI-PTD08A020W Datasheet
121Kb / 6P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A020W TI-PTD08A020W_08 Datasheet
312Kb / 14P
[Old version datasheet]   20-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A015W TI1-PTD08A015W Datasheet
572Kb / 15P
[Old version datasheet]   15-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A010W TI-PTD08A010W Datasheet
765Kb / 15P
[Old version datasheet]   10-A, 4.75-V to 14-V INPUT, NON-ISOLATED, WIDE-OUTPUT, DIGITAL POWERTRAIN??MODULE
PTD08A210W TI-PTD08A210W Datasheet
340Kb / 15P
[Old version datasheet]   SINGLE 10-A OUTPUT 4.75-V to 14-V INPUT, NON-ISOLATED DIGITAL POWERTRAIN MODULE
PTD08A006W TI1-PTD08A006W Datasheet
979Kb / 15P
[Old version datasheet]   6-A, 4.75-V TO 14-V, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTD08D210W TI1-PTD08D210W Datasheet
485Kb / 19P
[Old version datasheet]   DUAL 10-A OUTPUTS, 4.75-V to 14-V INPUT, NON-ISOLATED, DIGITAL POWERTRAIN??MODULE
PTH12040W TI-PTH12040W_15 Datasheet
570Kb / 27P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI1-PTH12040W_14 Datasheet
626Kb / 28P
[Old version datasheet]   50-A, 8-V TO 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
PTH12040W TI-PTH12040W Datasheet
636Kb / 27P
[Old version datasheet]   50-A, 8-V to 14-V INPUT, NON-ISOLATED WIDE-OUTPUT ADJUST POWER MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com