Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51EM256CLK Datasheet(PDF) 6 Page - Freescale Semiconductor, Inc

Part # MCF51EM256CLK
Description  ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51EM256CLK Datasheet(HTML) 6 Page - Freescale Semiconductor, Inc

Back Button MCF51EM256CLK Datasheet HTML 2Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 3Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51EM256CLK Datasheet HTML 10Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 54 page
background image
MCF51EM256 Series ColdFire Microcontroller Data Sheet, Rev.2
Preliminary—Subject to Change Without Notice
MCF51EM256 Series Configurations
Freescale Semiconductor
6
1.3
Features
Table 2 describes the functional units of the MCF51EM256 series.
Table 2. MCF51EM256 Series Functional Units
Unit
Function
ADC (analog-to-digital converter)
Measures analog voltages at up to 16 bits of resolution. Each ADC has
up to four differential and 24 single-ended inputs.
BDM (background debug module)
Provides single pin debugging interface (part of the V1 ColdFire core)
CF1 CORE (V1 ColdFire core) with MAC
unit
Executes programs, handles interrupts and containes
multiply-accumulate hardware (MAC).
PRACMP1, PRACMP2 (comparators)
Analog comparators for comparing external analog signals against
each other, or a variety of reference levels.
COP (computer operating poperly)
Software watchdog
IRQ (interrupt request)
Single pin high priority interrupt (part of the V1 ColdFire core)
CRC (cyclic Redundancy Check)
High-speed CRC calculation
DBG (debug)
Provides debugging and emulation capabilities (part of the V1 ColdFire
core)
FLASH (flash memory)
Provides storage for program code, constants and variables
IIC (inter-integrated circuits)
Supports standard IIC communications protocol and SMBus
INTC (interrupt controller)
Controls and prioritizes all device interrupts
KBI1 & KBI2
Keyboard Interfaces 1 and 2
LCD
Liquid crystal display driver
LVD (low voltage detect)
Provides an interrupt to the CF1CORE in the event that the supply
voltage drops below a critical value. The LVD can also be programmed
to reset the device upon a low voltage event
ICS (internal clock source)
Provides clocking options for the device, including a three
frequency-locked loops (FLLs) for multiplying slower reference clock
sources
IRTC (independent real-time clock)
The independent real time clock provides an independent time-base
with optional interrupt, battery backup and tamper protection
VREF (voltage reference)
The voltage reference output is available for both on and off-chip use
MTIM1, MTIM2 (modulo timers)
8-bit modulo timers with configurable clock inputs and interrupt
generation on overflow
MTIM3 (modulo timer)
16-bit modulo timer with configurable clock inputs and interrupt
generation on overflow
PDB (programmable delay block)
This timer is optimized for scheduling ADC conversions
RAM (random-access memory)
Provides stack and variable storage
RGPIO (rapid general-purpose
input/output)
Allows for I/O port access at CPU clock speeds and is used to
implement GPIO functionality for PTA and PTB.


Similar Part No. - MCF51EM256CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
More results

Similar Description - MCF51EM256CLK

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com