Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RND02ZGE-M6 Datasheet(PDF) 5 Page - Power-One

Part # RND02ZGE-M6
Description  RND Series: 8-10W DC/DC Converters 38-75V Input 3.3V & 5.0V, 짹12V Dual Outputs 짹15V, available with trimming
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

RND02ZGE-M6 Datasheet(HTML) 5 Page - Power-One

  RND02ZGE-M6 Datasheet HTML 1Page - Power-One RND02ZGE-M6 Datasheet HTML 2Page - Power-One RND02ZGE-M6 Datasheet HTML 3Page - Power-One RND02ZGE-M6 Datasheet HTML 4Page - Power-One RND02ZGE-M6 Datasheet HTML 5Page - Power-One RND02ZGE-M6 Datasheet HTML 6Page - Power-One RND02ZGE-M6 Datasheet HTML 7Page - Power-One RND02ZGE-M6 Datasheet HTML 8Page - Power-One RND02ZGE-M6 Datasheet HTML 9Page - Power-One Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
Product Specifications
RND Series: 8-10W DC/DC Converters
Nov 2001
38-75V Input
3.3V & 5.0V, ±12V Dual Outputs (±15V, available with trimming)
5-Nov-01
Rev 1.1
Page 5 of 14
www.power-one.com
Output Specifications
All specifications apply over input voltage, output load and temperature range, unless otherwise noted.
RND0.8ZHH: (Vo1) +12.0V/0.42A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 0.3A, 25
°C
11.82
12.00
12.18
Vdc
Output Current *
Io
Vin.Min to Vin.Max
0.042
0.42
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
90
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
100
170
mV
Cross Regulation
Io1 = 0.42A, Io2 Min to Max,
measure ∆Vo2
60
mV
Dynamic Regulation
Peak Deviation
Settling Time
25-75% Io.Max load step
change.
to 1% error band
400
300
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
40
100
mVp-p
Admissible Load Cap.
Comax
Io.Max, Vin.Nom
100**
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom, both
outputs set to Icl
110
150
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature Coeff.
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
9.0
15.0
Vo
RND0.8ZHH: (Vo2) -12.0V/0.42A
Parameter
Conditions/Description
Min
Nom
Max
Units
Output Voltage
Setpoint Accuracy
Vo
Vin.Nom, Io = 0.3A, 25
°C
-11.82
-12.00
-12.18
Vdc
Output Current *
Io
Vin.Min to Vin.Max
0.042
0.42
Adc
Line Regulation
Vin.Min to Vin.Max, 50%
Io.Max
90
mV
Load Regulation
Vin.Nom, Io.Min to Io.Max
100
170
mV
Cross Regulation
Io1 = 0.42A, Io2 Min to Max,
measure ∆Vo2
60
mV
Dynamic Regulation
Peak Deviation
Settling Time
25-75% Io.Max load step
change.
to 1% error band
400
300
± mV
µs
Output Voltage Ripple
Vr
Vin.Min to Vin.Max, Io.Min to
Io Max, 20MHz Bandwidth
40
100
mVp-p
Admissible Load Cap.
Comax
Io.Max, Vin.Nom
100**
µF
Output Current Limit
Threshold
Icl
Vout ≤0.90 Vo.Nom, both
outputs set to Icl
110
150
%Io.Max
Switching Frequency
Fs
Vin.Nom, Io.Max
400
kHz
Temperature Coeff.
Tco
0.02
%Vo/
°C
Trim Range
Vt
Io.Min to Io.Max, Vin.Min to
Vin.Max
-9.0
-15.0
Vo
* At Iout<Iout.Min, the output may contain low frequency component that exceeds ripple specifications.
** 100
µF on each output


Similar Part No. - RND02ZGE-M6

ManufacturerPart #DatasheetDescription
logo
Rohm
RND030N20 ROHM-RND030N20 Datasheet
409Kb / 13P
   Nch 200V 3.0A Power MOSFET
More results

Similar Description - RND02ZGE-M6

ManufacturerPart #DatasheetDescription
logo
Power-One
RNS01EE POWER-ONE-RNS01EE Datasheet
429Kb / 16P
   RNS Series: 5-10W DC/DC Converters 18-72 & 38-75V Input 3.3V, 5.0V, 7.0V and 12V Outputs Outputs of 2.5V & 15V, available with trimming
NDS03ZA POWER-ONE-NDS03ZA Datasheet
312Kb / 14P
   NDS Series: 10W / 3.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
NVS01YG POWER-ONE-NVS01YG Datasheet
224Kb / 11P
   NV Series: 4 - 6W DC/DC Converters 9-36V, 18-36V, 36-72V & 16-75V Inputs 3.3V, 5.0V, 12V, 15V, 짹5.0V, 짹12V, 짹15V & 짹24V Outputs
RFS06ZA POWER-ONE-RFS06ZA Datasheet
248Kb / 14P
   RFS Series: 20W / 6.0A DC/DC Converters 36-75V Input 1.5V, 1.8V, 2.5V, 3.3V and 5.0V Outputs
logo
Artesyn Technologies
BXA10 ARTESYN-BXA10 Datasheet
70Kb / 3P
   8-10W Wide Input DC/DC Converters
logo
MicroPower Direct, LLC
B1000R MPD-B1000R Datasheet
69Kb / 2P
   10W, 5 VDC Input Compact, Dual Output DC/DC Converters
logo
Maxim Integrated Produc...
REFD5510 MAXIM-REFD5510 Datasheet
137Kb / 5P
   Lakewood (MAXREFDES7#): 3.3V Input, 짹12V (짹15V) Output Isolated Power Supply
MAXREFDES9 MAXIM-MAXREFDES9 Datasheet
353Kb / 8P
   3.3V to 15V Input, 짹15V (짹12V) Output, Isolated Power Supply
Oct 25, 2012
logo
Minmax Technology Co., ...
MKW1000 MINMAX-MKW1000 Datasheet
250Kb / 8P
   10W, Wide Input Range, Single & Dual Output DC/DC Converters
logo
Artesyn Technologies
CXA10 ARTESYN-CXA10 Datasheet
50Kb / 2P
   10W DC/DC Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com