Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MCF51EM256 Datasheet(PDF) 8 Page - Freescale Semiconductor, Inc

Part # MCF51EM256
Description  ColdFire Microcontroller
Download  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MCF51EM256 Datasheet(HTML) 8 Page - Freescale Semiconductor, Inc

Back Button MCF51EM256 Datasheet HTML 4Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 5Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 6Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 7Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 8Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 9Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 10Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 11Page - Freescale Semiconductor, Inc MCF51EM256 Datasheet HTML 12Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 54 page
background image
MCF51EM256 Series ColdFire Microcontroller Data Sheet, Rev.2
Preliminary—Subject to Change Without Notice
MCF51EM256 Series Configurations
Freescale Semiconductor
8
—6
μs typical wakeup time from stop3 mode
Clock source options
— Two independent oscillators (XOSC1 and XOSC2) — loop-control Pierce oscillator;
32.768 kHz crystal or ceramic resonator. XOSC1 nominally supports the independent real time
clock, and can be powered by a separate battery backup. XOSC2 is the primary external clock
source for the ICS
— Internal clock source (ICS) — internal clock source module containing a
frequency-locked-loop (FLL) controlled by internal or external reference (XOSC1 or XOSC2);
precision trimming of internal reference allowing 0.2% resolution and typical 0.5% to –1%
deviation over temperature and voltage; supporting CPU frequencies from 4 kHz to 50 MHz
System protection
— Watchdog computer operating properly (COP) reset with option to run from dedicated 1 kHz
internal clock source or bus clock
— Low voltage detection with reset or interrupt; selectable trip points; seperate low voltage
warning with optional interrupt; selectable trip points
— Illegal opcode and illegal address detection with reset
— Flash block protection for each array to prevent accidental write/erasure
— Hardware CRC module to support fast cyclic redundancy checks
Development support
— Integrated ColdFire DEBUG_Rev_B+ interface with single wire BDM connection supports
same electrical interface used by the S08 family debug modules
— Real-time debug support with six hardware breakpoints (4 PC, 1 address and 1 data)
— On-chip trace buffer provides programmable start/stop recording conditions
Peripherals
— ADC16 — 4 analog-to-digital converters; the 100 pin version of the device has 1 dedicated
differential channel and 1 dedicated single-ended channel per ADC, along with 3 muxed
single-ended channels per ADC. The ADCs have 16-bit resolution, range compare function,
1.7 mV/
°C temperature sensor, internal bandgap reference channel, operate in stop3 and are
fully functional from 3.6 V to 1.8 V
— PDB — Programmable delay block with 16-bit counter and modulus and 3-bit prescaler; 8
trigger outputs for ADC16 modules (2 per ADC); provides periodic coordination of ADC
sampling sequence with programmable sequence completion interrupt
— IRTC — Ultra-low power independent real time clock with calendar features (IRTC); runs in
all MCU modes; external clock source with trim capabilities (XOSC1); independent voltage
source runs IRTC when MCU is powered-down; tamper detection and indicator; battery
monitor output to ADC; unaffected by MCU resets
— PRACMPx — Two analog comparators with selectable interrupt on rising, falling, or either
edge of comparator output; compare option to programmable internal reference voltage;
operation in stop3
— LCD — up to 288 segments (8
× 36); 160 segments (4 × 40); internal charge pump and option
to provide internal reference voltage that can be trimmed for contrast control; flexible


Similar Part No. - MCF51EM256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_1 Datasheet
90Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 110V Technical Specifications
MCF51EM256 FREESCALE-MCF51EM256_2 Datasheet
89Kb / 3P
   MCF51EM256-based Poly Phase Energy Meter Reference Design 220V Technical Specifications
More results

Similar Description - MCF51EM256

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MCF52211 FREESCALE-MCF52211 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF51AC256 FREESCALE-MCF51AC256_09 Datasheet
1Mb / 46P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_10 Datasheet
2Mb / 46P
   ColdFire Microcontroller
MCF52235DS FREESCALE-MCF52235DS Datasheet
1,001Kb / 54P
   ColdFire Microcontroller
MCF5213 FREESCALE-MCF5213_07 Datasheet
944Kb / 56P
   ColdFire Microcontroller
MCF52211 FREESCALE-MCF52211_07 Datasheet
957Kb / 56P
   ColdFire Microcontroller
MCF52223DS FREESCALE-MCF52223DS Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52110 FREESCALE-MCF52110 Datasheet
1Mb / 54P
   ColdFire Microcontroller
MCF52223 FREESCALE-MCF52223_07 Datasheet
1Mb / 56P
   ColdFire Microcontroller
MCF52259 FREESCALE-MCF52259_09 Datasheet
3Mb / 46P
   ColdFire Microcontroller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com