Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP352-152124AC-25245 Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # NP352-152124AC-25245
Description  Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP352-152124AC-25245 Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  NP352-152124AC-25245 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. NP352-152124AC-25245 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
NP352-04808
48
6 x 8
10 x 11
24.4 x 28.0
Page 3
NP352-04811
48
6 x 8
10 x 14
24.4 x 28.0
NP352-04813
48
6 x 8
11 x 14
24.4 x 28.0
NP352-256-81-*
256
16 x 16
17 x 17
39.0 x 39.0
NP352-34534
345
21 x 21
23 x 23
62.0 x 62.0
NP352-103 AC-29401
352
26 x 26
27 x 27
47.0 x 47.0
NP352-56009 AC-19416
360
33 x 33
35 x 35
62.0 x 62.0
NP352-66 AC-29556
388
26 x 26
27 x 27
62.0 x 62.0
NP352-40025
400
29 x 29
31 x 31
62.0 x 62.0
NP352-400-40
400
25 x 25
27 x 27
62.0 x 62.0
NP352-432-44
432
25 x 25
27 x 27
62.0 x 62.0
NP352-436-68
436
33 x 33
35 x 35
62.0 x 62.0
NP352-48031 AC-21938
468
29 x 29
31 x 31
62.0 x 62.0
NP352-456-66
456
26 x 26
27 x 27
62.0 x 62.0
NP352-48031
480
29 x 29
31 x 31
62.0 x 62.0
NP352-484-87-*-*
484
26 x 26
31 x 31
47.0 x 47.0
NP352-484-98
484
22 x 22
23 x 23
62.0 x 62.0
NP352-152124 AC-21918
513
39 x 39
40 x 40
62.0 x 62.0
NP352-55212
552
29 x 29
31 x 31
62.0 x 62.0
NP352-56009
560
33 x 33
35 x 35
62.0 x 62.0
NP352-56009 AC-24855
560
33 x 33
35 x 35
62.0 x 62.0
NP352-64819
648
33 x 33
35 x 35
62.0 x 62.0
NP352-78832 AC-19367
660
38 x 38
40 x 40
62.0 x 62.0
NP352-676-103
676
26 x 26
27 x 27
47.0 x 47.0
NP352-1206-38AC-28934
677
36 x 36
37.5 x 37.5
55.8 x 55.8
NP352-115523.AC-22615
680
34 x 34
35 x 35
62.0 x 62.0
NP352-87-*-* AC-27191
696
30 x 30
31 x 31
47.0 x 47.0
NP352-724-95
724
34 x 34
35 x 35
62.0 x 62.0
NP352-87-1-1 AC-28845
764
30 x 30
31 x 31
47.0 x 47.0
NP352-76814
768
38 x 38
40 x 40
62.0 x 62.0
NP352-78832
788
38 x 38
40 x 40
62.0 x 62.0
NP352-152124 AC-25245
792
39 x 39
40 x 40
62.0 x 62.0
NP352-829-50
829
39 x 39
40 x 40
62.0 x 62.0
NP352-83615
836
31 x 31
33 x 33
62.0 x 62.0
NP352-1008-39
1008
43 x 43
45 x 45
74.0 x 74.0
NP352-106426-*
1064
43 x 43
45 x 45
74.0 x 74.0
NP352-115523
1155
34 x 34
35 x 35
62.0 x 62.0
NP352-1206-38
1206
36 x 36
37.5 x 37.5
55.8 x 55.8
NP352-129636
1296
36 x 36
37.5 x 37.5
62.0 x 62.0
NP352-1296-52
1296
36 x 36
37.5 x 37.5
74.0 x 74.0
NP352-152124
1521
39 x 39
40 x 40
62.0 x 62.0
NP352-1521-53
1521
39 x 39
40 x 40
74.0 x 74.0
NP352-160018
1600
41 x 41
42.5 x 42.5
74.0 x 74.0
NP352-1600-54-*
1600
40 x 40
45 x 45
74.0 x 74.0
NP352-1849-35
1849
43 x 43
45 x 45
74.0 x 74.0
NP352-2116-71
2116
46 x 46
47.5 x 47.5
74.0 x 74.0
Page 3
Page 3
Page 3
Page 3
Page 3
Page 5
Page 3
Page 4
Page 3
Page 3
Page 5
Page 4
Page 3
Page 4
Page 4
Page 3
Page 7
Page 4
Page 5
Page 5
Page 5
Page 5
Page 4
Page 6
Page 6
Page 5
Page 6
Page 5
Page 7
Page 7
Page 7
Page 7
Page 5
Page 8
Page 8
Page 6
Page 6
Page 6
Page 6
Page 7
Page 7
Page 8
Page 8
Page 8
Page 8
NP352 Series (Open Top)
Fine Ball Grid Array (FBGA, 1.00mm Pitch)
Applicable Dimensions
Part Number
Body Size(mm)
IC Dimensions
Base Socket
Dimensions
Grid Size
BGA
Layouts
see page
A x B
Pin
Count
D-37


Similar Part No. - NP352-152124AC-25245

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
NP352 SHUNYE-NP352 Datasheet
198Kb / 2P
   1/2 PRESS-FIT STRAIGHT LEAD DIODES
logo
Naina Semiconductor ltd...
NP3520 NAINA-NP3520 Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
NP3520R NAINA-NP3520R Datasheet
117Kb / 2P
   TVS Auto Rectifier, 35A
More results

Similar Description - NP352-152124AC-25245

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
Yamaichi Electronics Co...
NP276-11904 YAMAICHI-NP276-11904 Datasheet
738Kb / 11P
   Ball Grid Array (BGA, 1.27mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
logo
Alliance Semiconductor ...
AS4C128M16D3LB ALSC-AS4C128M16D3LB Datasheet
3Mb / 45P
   96 ball FBGA PACKAGE
AS4C512M8D3A-12BCN ALSC-AS4C512M8D3A-12BCN Datasheet
1Mb / 83P
   78 ball FBGA PACKAGE
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com