Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QLS30ZB Datasheet(PDF) 4 Page - Power-One

Part # QLS30ZB
Description  QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QLS30ZB Datasheet(HTML) 4 Page - Power-One

  QLS30ZB Datasheet HTML 1Page - Power-One QLS30ZB Datasheet HTML 2Page - Power-One QLS30ZB Datasheet HTML 3Page - Power-One QLS30ZB Datasheet HTML 4Page - Power-One QLS30ZB Datasheet HTML 5Page - Power-One QLS30ZB Datasheet HTML 6Page - Power-One QLS30ZB Datasheet HTML 7Page - Power-One QLS30ZB Datasheet HTML 8Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
QLS30 Series – 30A Quarter-Brick DC/DC Converter
48V Input
Data Sheet
1.8V, 1.5V, 1.2V Output
REV. 10/01
Page 4 of 8
Characteristic Curves
50
55
60
65
70
75
80
85
90
95
0
3
6
9
12
15
18
21
24
27
30
Output current, A
36V
48V
75V
Fig. 1 QLS30ZB Efficiency vs. Output Load
50
55
60
65
70
75
80
85
90
0
3
6
9
12
15
18
21
24
27
30
Output current, A
36V
48V
75V
Fig. 2 QLS30ZA Efficiency vs. Output Load
50
55
60
65
70
75
80
85
90
95
0
3
6
9
12151821
242730
Output current, A
36V
48V
75V
Fig. 3 QLS30ZY Efficiency vs. Output Load
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
2.2
0
10
2030
405060
70
Input Voltage, VDC
Fig. 4 QLS30ZB Input Characteristic
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
0
1020
3040
5060
70
Input voltage, VDC
Fig. 5 QLS30ZA Input Characteristic
0.0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
0
1020
3040506070
Input voltage, VDC
Fig. 6 QLS30ZY Input Characteristic


Similar Part No. - QLS30ZB

ManufacturerPart #DatasheetDescription
logo
Quelighting Corp
QLS05WXK QUELIGHTING-QLS05WXK Datasheet
1Mb / 14P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application. These 0.2W LEDs are equipped with heat sink to enhance operating performance.
1.0 03-10-2020
QLS19WXH QUELIGHTING-QLS19WXH Datasheet
1Mb / 15P
   This high output reflector type 2835S LEDs are available in warm white / neutral white / pure white / and cold white to suit customer?셲 application.
1.4 08-25-2021
logo
Power-One
QLS20ZG POWER-ONE-QLS20ZG Datasheet
217Kb / 8P
   Distributed power architectures
QLS25ZD POWER-ONE-QLS25ZD Datasheet
217Kb / 8P
   Distributed power architectures
QLS25ZE POWER-ONE-QLS25ZE Datasheet
217Kb / 8P
   Distributed power architectures
More results

Similar Description - QLS30ZB

ManufacturerPart #DatasheetDescription
logo
Power-One
Q2S30ZA POWER-ONE-Q2S30ZA Datasheet
100Kb / 2P
   Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
G2PW5V030 GALAXY-G2PW5V030 Datasheet
636Kb / 7P
   48V or 24V Input 1.0V, 1.2V, 1.5V, 1.8V, 2.0V, 2.5VDC, 60A Output 3.3V, 45A; 5.0V, 30A Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com