Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1770995 Datasheet(PDF) 3 Page - PHOENIX CONTACT

Part # 1770995
Description  PTSM 0,5/ 6-2,5-V THR R44
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1770995 Datasheet(HTML) 3 Page - PHOENIX CONTACT

  1770995 Datasheet HTML 1Page - PHOENIX CONTACT 1770995 Datasheet HTML 2Page - PHOENIX CONTACT 1770995 Datasheet HTML 3Page - PHOENIX CONTACT 1770995 Datasheet HTML 4Page - PHOENIX CONTACT 1770995 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
PTSM 0,5/ 6-2,5-V THR R44 Order No.: 1770995
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1770995
PHOENIX CONTACT Inc., USA
Page 3 / 5
http://www.phoenixcon.com
Feb 25, 2010
UL
Nominal voltage UN
150 V
Nominal current IN
5 A
AWG/kcmil
26-20
Accessories
Item
Designation
Description
Tools
1205202
SZS 0,4X2,0
Screwdriver, bladed, matches all screw terminal blocks up to
1.5 mm² connection cross section, blade width: 2.5 mm, without
approvals
Diagrams/Drawings
Drilling plan/solder pad geometry
Diagram


Similar Part No. - 1770995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1770999 PHOENIX-1770999 Datasheet
149Kb / 8P
   MSTB 2,5/ 7-ST-5,08
1770999 PHOENIX-1770999 Datasheet
176Kb / 7P
   MVSTBR 2,5/ 7-ST-5,08
1770999 PHOENIX-1770999 Datasheet
156Kb / 7P
   MVSTBW 2,5/ 7-ST-5,08
1770999 PHOENIX-1770999 Datasheet
142Kb / 7P
   FKC 2,5/ 7-ST-5,08
More results

Similar Description - 1770995

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1770953 PHOENIX-1770953 Datasheet
138Kb / 5P
   PTSM 0,5/ 2-2,5-V THR R44
1771017 PHOENIX-1771017 Datasheet
139Kb / 5P
   PTSM 0,5/ 8-2,5-V THR R44
1770982 PHOENIX-1770982 Datasheet
138Kb / 5P
   PTSM 0,5/ 5-2,5-V THR R44
1770979 PHOENIX-1770979 Datasheet
138Kb / 5P
   PTSM 0,5/ 4-2,5-V THR R44
1770966 PHOENIX-1770966 Datasheet
139Kb / 5P
   PTSM 0,5/ 3-2,5-V THR R44
1771004 PHOENIX-1771004 Datasheet
138Kb / 5P
   PTSM 0,5/ 7-2,5-V THR R44
1771130 PHOENIX-1771130 Datasheet
140Kb / 5P
   PTSM 0,5/ 6-2,5-V SMD R44
1778609 PHOENIX-1778609 Datasheet
127Kb / 4P
   PTSM 0,5/ 7-HV-2,5-THR R44
1778670 PHOENIX-1778670 Datasheet
127Kb / 4P
   PTSM 0,5/ 7-HH-2,5-THR R44
1778683 PHOENIX-1778683 Datasheet
127Kb / 4P
   PTSM 0,5/ 8-HH-2,5-THR R44
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com