Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSC129-2 Datasheet(PDF) 4 Page - Power-One

Part # PSC129-2
Description  6...12 A Switching Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSC129-2 Datasheet(HTML) 4 Page - Power-One

  PSC129-2 Datasheet HTML 1Page - Power-One PSC129-2 Datasheet HTML 2Page - Power-One PSC129-2 Datasheet HTML 3Page - Power-One PSC129-2 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
279
www.power-one.ch
Edition 5/05.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
Gi–
Go–
Vo+
i
Vi+
D
Uo
Ut
GR
144 (5.67") for M4 mounting screws
151 (5.94")
Measuring point
of case temperature
T
C
S09023
Uo
2.8 x 0.8
(0.11 x 0.03")
6.3 x 0.8
(0.25 x 0.03")
5 (0.2")
Accessories
Isolation pads for easy and safe PCB mounting
Ring core chokes for ripple and interference reduction
European
Projection
Chassis Mountable
PSC Series


Similar Part No. - PSC129-2

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC129-2 POWER-ONE-PSC129-2 Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
logo
Bel Fuse Inc.
PSC129-2iR BEL-PSC129-2iR Datasheet
2Mb / 19P
   Positive Switching Regulators
More results

Similar Description - PSC129-2

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL5A10-7R POWER-ONE-PSL5A10-7R Datasheet
59Kb / 4P
   6...12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Power-One
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com