Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1770924 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 1770924
Description  PTSM 0,5/ 6-2,5-H THR R32
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

1770924 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  1770924 Datasheet HTML 1Page - PHOENIX CONTACT 1770924 Datasheet HTML 2Page - PHOENIX CONTACT 1770924 Datasheet HTML 3Page - PHOENIX CONTACT 1770924 Datasheet HTML 4Page - PHOENIX CONTACT 1770924 Datasheet HTML 5Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 5
http://www.phoenixcon.com
Feb 25, 2010
Extract from the online
catalog
 
PTSM 0,5/ 6-2,5-H THR R32
Order No.: 1770924
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=1770924
 
 
PC terminal block, Nominal current: 6 A, Nom. voltage: 63 V, Pitch: 2.5
mm, Number of positions: 6, Type of connection: Spring-cage conn.,
Assembly: SMD/THT/THR, Conductor/PCB connection direction: 0 °,
Color: black
 
Commercial data
EAN
4046356459501
Pack
530 pcs.
Customs tariff
85369010
Weight/Piece
0.00217 KG
Catalog page information
Page 463 (CC-2009)
Product notes
WEEE/RoHS-compliant since:
02/19/2010
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
Dimensions / positions
Length
10 mm
Pitch
2.5 mm
Dimension a
12.5 mm


Similar Part No. - 1770924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1770908 PHOENIX-1770908 Datasheet
139Kb / 5P
   PTSM 0,5/ 4-2,5-H THR R32
1770911 PHOENIX-1770911 Datasheet
139Kb / 5P
   PTSM 0,5/ 5-2,5-H THR R32
1770931 PHOENIX-1770931 Datasheet
69Kb / 3P
   Base strip - MSTB 2,5/24-G-5,08-LA
1770937 PHOENIX-1770937 Datasheet
139Kb / 5P
   PTSM 0,5/ 7-2,5-H THR R32
1770940 PHOENIX-1770940 Datasheet
139Kb / 5P
   PTSM 0,5/ 8-2,5-H THR R32
More results

Similar Description - 1770924

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
1770911 PHOENIX-1770911 Datasheet
139Kb / 5P
   PTSM 0,5/ 5-2,5-H THR R32
1770898 PHOENIX-1770898 Datasheet
139Kb / 5P
   PTSM 0,5/ 3-2,5-H THR R32
1770940 PHOENIX-1770940 Datasheet
139Kb / 5P
   PTSM 0,5/ 8-2,5-H THR R32
1770908 PHOENIX-1770908 Datasheet
139Kb / 5P
   PTSM 0,5/ 4-2,5-H THR R32
1770937 PHOENIX-1770937 Datasheet
139Kb / 5P
   PTSM 0,5/ 7-2,5-H THR R32
1778667 PHOENIX-1778667 Datasheet
129Kb / 4P
   PTSM 0,5/ 6-HH-2,5-THR R32
1778599 PHOENIX-1778599 Datasheet
131Kb / 4P
   PTSM 0,5/ 6-HV-2,5-THR R32
1814812 PHOENIX-1814812 Datasheet
49Kb / 3P
   Header - PTSM 0,5/ 6-HH1-2,5-THR R32
1814883 PHOENIX-1814883 Datasheet
84Kb / 4P
   Header - PTSM 0,5/ 6-HH-2,5-THR WH R32
1778573 PHOENIX-1778573 Datasheet
131Kb / 4P
   PTSM 0,5/ 4-HV-2,5-THR R32
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com