Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP276-40009 Datasheet(PDF) 8 Page - Yamaichi Electronics Co., Ltd.

Part # NP276-40009
Description  Ball Grid Array (BGA, 1.27mm Pitch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP276-40009 Datasheet(HTML) 8 Page - Yamaichi Electronics Co., Ltd.

Back Button NP276-40009 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 10Page - Yamaichi Electronics Co., Ltd. NP276-40009 Datasheet HTML 11Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
Test & Burn-In
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Test & Burn-In
NP276 Series (Open Top)
Base Socket NP276-40009
Pin Count
400
Body Size
27.0 x 27.0
Grid Size
20 x 20
Outline Socket Dimensions (49.4 x 49.4mm)
Various
Pin Counts
Top View from Socket
Recommended PC Board Layouts
49.40
Ball Grid Array Base Socket (BGA, 1.27mm Pitch)
NP276 Series (Open Top)
Various
Pins
Various
Pin Counts
Base Socket NP276-59608
Outline Socket Dimensions (58.4 x 58.4mm)
Top View from Socket
Recommended PC Board Layouts
Pin Count
596
Body Size
35.0 x 35.0
Grid Size
26 x 26
58.40
Ball Grid Array Base Socket (BGA, 1.27mm Pitch)


Similar Part No. - NP276-40009

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NP2 DBLECTRO-NP2 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
logo
3M Electronics
NP2 3M-NP2 Datasheet
15Kb / 2P
   Packing List Envelopes
logo
Renesas Technology Corp
NP20N10YDF RENESAS-NP20N10YDF Datasheet
5Mb / 6P
   Product Scout Automotive
NP20N10YDF-E1-AY*1 RENESAS-NP20N10YDF-E1-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP20N10YDF-E2-AY*1 RENESAS-NP20N10YDF-E2-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP276-40009

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
   Fine Ball Grid Array (FBGA, 1.00mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
Fujitsu Component Limit...
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
   PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com