Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NP276-37206 Datasheet(PDF) 9 Page - Yamaichi Electronics Co., Ltd.

Part # NP276-37206
Description  Ball Grid Array (BGA, 1.27mm Pitch)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NP276-37206 Datasheet(HTML) 9 Page - Yamaichi Electronics Co., Ltd.

Back Button NP276-37206 Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 10Page - Yamaichi Electronics Co., Ltd. NP276-37206 Datasheet HTML 11Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
Test & Burn-In
Test & Burn-In
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Test & Burn-In
Test & Burn-In
NP276 Series (Open Top)
Various
Pins
Various
Pin Counts
Base Socket NP276-62525
Outline Socket Dimensions (58.4 x 58.4mm)
Top View from Socket
Recommended PC Board Layouts
Pin Count
625
Body Size
35.0 x 35.0
Grid Size
25 x 25
58.40
Ball Grid Array Base Socket (BGA, 1.27mm Pitch)
NP276 Series (Open Top)
Various
Pin Counts
Base Socket NP276-87318
Outline Socket Dimensions (68.0 x 68.0mm)
Top View from Socket
Recommended PC Board Layouts
Pin Count
873
Body Size
42.0 x 42.0
Grid Size
35 x 35
68.00
Ball Grid Array Base Socket (BGA, 1.27mm Pitch)


Similar Part No. - NP276-37206

ManufacturerPart #DatasheetDescription
logo
DB Lectro Inc
NP2 DBLECTRO-NP2 Datasheet
264Kb / 2P
   TO220 35W HIGH POWER RESISTORS
logo
3M Electronics
NP2 3M-NP2 Datasheet
15Kb / 2P
   Packing List Envelopes
logo
Renesas Technology Corp
NP20N10YDF RENESAS-NP20N10YDF Datasheet
5Mb / 6P
   Product Scout Automotive
NP20N10YDF-E1-AY*1 RENESAS-NP20N10YDF-E1-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
NP20N10YDF-E2-AY*1 RENESAS-NP20N10YDF-E2-AY*1 Datasheet
125Kb / 8P
   MOS FIELD EFFECT TRANSISTOR
More results

Similar Description - NP276-37206

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC264-22501-1 YAMAICHI-IC264-22501-1 Datasheet
200Kb / 1P
   Ball Grid Array (BGA, 1.50mm Pitch)
NP396-500 YAMAICHI-NP396-500 Datasheet
120Kb / 1P
   Shrink Ball Grid Array (1.27mm Pitch)
logo
KOA Speer Electronics, ...
BR KOA-BR Datasheet
370Kb / 2P
   ball grid array (bga) resistor networks
logo
STATS ChipPAC, Ltd.
FBGA STATSCHIP-FBGA Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array
logo
Abracon Corporation
ASCSM ABRACON-ASCSM Datasheet
1Mb / 3P
   Ball Grid Array Packaging
04.24.14
logo
STATS ChipPAC, Ltd.
FBGA-SD STATSCHIP-FBGA-SD Datasheet
559Kb / 2P
   Fine Pitch Ball Grid Array - Stacked Die
logo
Yamaichi Electronics Co...
NP291-03617 YAMAICHI-NP291-03617 Datasheet
41Kb / 1P
   Fine Ball Grid Array (FBGA, 0.75mm Pitch)
NP352-04808 YAMAICHI-NP352-04808 Datasheet
563Kb / 8P
   Fine Ball Grid Array (FBGA, 1.00mm Pitch)
IC280-169-127 YAMAICHI-IC280-169-127 Datasheet
263Kb / 5P
   Ball Grid Array (FBGA / CSP / LGA)
logo
Fujitsu Component Limit...
BGA-320P-M06 FUJITSU-BGA-320P-M06 Datasheet
34Kb / 1P
   PLASTIC BALL GRID ARRAY PACKAGE 320 PIN PLASTIC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com