Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QAS050ZG Datasheet(PDF) 2 Page - Power-One

Part # QAS050ZG
Description  Overvoltage Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

QAS050ZG Datasheet(HTML) 2 Page - Power-One

  QAS050ZG Datasheet HTML 1Page - Power-One QAS050ZG Datasheet HTML 2Page - Power-One QAS050ZG Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
C-29
MECHANICAL DRAWING
Thermal Impedance
Natural Convection
10.0 °C/W
100 LFM
7.6 °C/W
200 LFM
5.7 °C/W
300 LFM
4.4 °C/W
400 LFM
3.4 °C/W
Tolerances
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
1-V
in
2+V
in
3
Enable
4-V
out
5+V
out
6
-Sense
7
Trim
8
+Sense
QAS SERIES - 50 WATT
Inches:
(Millimeters)
.XX ± 0.020
.X ± 0.5
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
( Dimensions as listed unless otherwise
specified.)
P i n
Function
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
48
48
48
36 - 72
36 - 72
36 - 72
1.60
2.00
1.60
5.0
57.0
60.0
10.0
1.10
0.83
50
200
200
86%
87%
88%
QAS050ZG
QAS060Z57
QAS050Z60
Denotes advanced product release. Consult factory for product availability.
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.
MODELS - (See the last page of this file for options.)
8
7
6
5
4
3
2
1
0.18" (4.6mm)
MOUNTING INSERTS M3X.5 THRU.
STANDOFF 4PL
1.850"(47.0mm)
1.300"(33.0mm)
0.900"(22.9mm)
0.400"(10.2mm)
0.100"(2.5mm)
-0.200"(-5.1mm)
-0.35"(-8.9mm)
-0.150"(-3.8mm)
1.000"(25.4mm)
0.600"(15.2mm)
0
(1.0mm)
DIA 0.040"
(12.7mm)
(71.1mm)
(61.0mm)
0.50"
2.40"
2.80"
BOTTOM VIEW
(-3.8mm)
-0.15"
(7.6mm)
0.300"
0
(55.9mm)
2.200"
(63.5mm)
2.500"


Similar Part No. - QAS050ZG

ManufacturerPart #DatasheetDescription
logo
Qualtek Electronics Cor...
QAS QUALTEK-QAS Datasheet
529Kb / 1P
   MOLDED PARTS
logo
PANDUIT CORP.
QASP24BL PANDUIT-QASP24BL Datasheet
120Kb / 2P
   QuickNet Patch Panels and Accessories
QASP48HDBL PANDUIT-QASP48HDBL Datasheet
120Kb / 2P
   QuickNet Patch Panels and Accessories
More results

Similar Description - QAS050ZG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STEVAL-ISA026V1 STMICROELECTRONICS-STEVAL-ISA026V1 Datasheet
91Kb / 4P
   Overvoltage protection
December 2007 Rev 1
logo
ON Semiconductor
NCP346 ONSEMI-NCP346_06 Datasheet
361Kb / 15P
   Overvoltage Protection IC
September, 2006 ??Rev. 6
logo
Linear Technology
LTC4360-1 LINER-LTC4360-1 Datasheet
319Kb / 12P
   Overvoltage Protection Controller
LTC1696 LINER-LTC1696 Datasheet
221Kb / 12P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP345 ONSEMI-NCP345 Datasheet
57Kb / 8P
   Overvoltage Protection IC
December, 2004 ??Rev. 5
logo
Linear Technology
LTC4360 LINER-LTC4360 Datasheet
847Kb / 8P
   Overvoltage Protection Controller
logo
ON Semiconductor
NCP345 ONSEMI-NCP345_06 Datasheet
66Kb / 8P
   Overvoltage Protection IC
March, 2006 ??Rev. 6
logo
Texas Instruments
TPS2400 TI-TPS2400 Datasheet
253Kb / 15P
[Old version datasheet]   OVERVOLTAGE PROTECTION CONTROLLER
logo
STMicroelectronics
STBP110 STMICROELECTRONICS-STBP110 Datasheet
751Kb / 40P
   Overvoltage protection device
June 2012 Rev 3
logo
ON Semiconductor
NCP346 ONSEMI-NCP346 Datasheet
386Kb / 15P
   Overvoltage Protection IC
December, 2004 ??Rev. 4
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com