Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IC-657-1-MF Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # IC-657-1-MF
Description  Dual Inline Memory Module 144, 172 and 200 Pins
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

IC-657-1-MF Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  IC-657-1-MF Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE – DIMENSIONS IN MILLIMETER
Memory Modules
81
Test & Burn-In
35.50 (IC-657-3**) / 42.50 (IC-657-2**)
0.80
1.00
Front Side
37.00 (IC-657-3**) / 44.50 (IC-657-2**)
Part Numbers IC657-3 / IC657-2
101.00 ±0.2
110.00 ±0.4
92.00 ±0.4
65.30
120.65 ±0.2
0.60 ±0.15
0.60 ±0.15
0.6x19=11.40 ±0.2
0.60x79=47.40 ±0.2
∅3.20 Thru hole
Series IC-657
Dual Inline Memory Module 144, 172 and 200 Pins
Part Number (Details)
Specifications
Insulation Resistance:
1,000MΩ min. at 500V DC
Dielectric Withstanding Voltage: 700V AC for 1 minute
Contact Resistance:
30mΩ max. at 10mA/20mV max.
Operating Temperature Range:
–55°C to +170°C
Mating Cycles:
10,000 insertions min.
Materials and Finish
Housing: Polyetherimide (PEI), glass-filled
Contacts: Beryllium Copper (BeCu)
Plating:
Gold over Nickel
Features
144 and 172 contact pins with 0.5mm pitch
200 contact pins with 0.6mm pitch
Outline Socket Dimensions
Recommended PCB Layout
Matching Module Dimensions
Top View from Socket
Series No.
MF = Flanged
Unmarked = Not Flanged
IC- 657
*
MF
-
-
1 = 200 Pins with 0.6mm Pitch
2 = 172 Pins with 0.5mm Pitch
3 = 144 Pins with 0.5mm Pitch
70.30 (IC-657-3**) / 77.80 (IC-657-2**)
79.30 (IC-657-3**) / 86.80 (IC-657-2**)
61.30 (IC-657-3**) / 68.80 (IC-657-2**)
0.50 ±0.15
0.50x71=35.50 (IC-657-3**)
0.50x85=42.50 (IC-657-2**)
∅3.20 Thru hole
3.50 ±0.5
W0.30 x t0.25
91.50 (ref)
65.00 (ref)
3.50
W0.30 x t0.25
59.80 (IC-657-3**) / 67.30 (IC-657-2**)
Part Number IC67-1
Part Numbers IC657-3 / IC657-2
Part Numbers IC657-3 / IC657-2
Part Number IC657-1
Part Number IC657-1
∅3.20
200- 0.60
63.00 ±0.1
101.00 ±0.1
0.60 ±0.05
Thru hole
Thru hole
+ 0.1
0
+ 0.1
0
0.60 ±0.05
0.6x19=11.40 ±0.1
0.60x79=47.40 ±0.1
∅3.20
144- 0.60
(IC657-3**)
70.30 (IC-657-3**) / 77.80 (IC-657-2**)
Thru hole
Thru hole
0.50 ±0.05
0.50x71=35.50 (IC-657-3**)
0.50x85=42.50 (IC-657-2**)
172- 0.60
(IC657-2**)
Thru hole
63.00
1.00
3.80
3.00
1.00±0.1
4.00
67.60
0.6x19=11.40 ±0.1
0.60x79=47.40 ±0.1
Part Number IC657-1
IC-667-1-*
IC-667-2-*
IC-667-3-*


Similar Part No. - IC-657-1-MF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC-176-10 YAMAICHI-IC-176-10 Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
IC-176-10-MF YAMAICHI-IC-176-10-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
IC-176-2 YAMAICHI-IC-176-2 Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
IC-176-2-MF YAMAICHI-IC-176-2-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
IC-176-4 YAMAICHI-IC-176-4 Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
More results

Similar Description - IC-657-1-MF

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
IC-497-1-1-MF YAMAICHI-IC-497-1-1-MF Datasheet
52Kb / 1P
   Dual InlineMemoryModule (DIMM, 144 pins)
IC-176-4-MF YAMAICHI-IC-176-4-MF Datasheet
69Kb / 2P
   Single Inline Memory Module (SIMM)
logo
SynQor Worldwide Headqu...
NQ04W33XKA10 SYNQOR-NQ04W33XKA10 Datasheet
527Kb / 13P
   SIP Single Inline Pins
NQ16W50XKA10 SYNQOR-NQ16W50XKA10 Datasheet
538Kb / 13P
   SIP Single Inline Pins
NQ16W50XMA16 SYNQOR-NQ16W50XMA16 Datasheet
539Kb / 13P
   SIP Single Inline Pins
logo
Infineon Technologies A...
HYS64T32000GDL INFINEON-HYS64T32000GDL Datasheet
1Mb / 48P
   200-Pin Small Outline Dual-In-Line Memory Module
Rev. 0.91, June 2004
logo
Xilinx, Inc
XC95288XV XILINX-XC95288XV Datasheet
108Kb / 12P
   144-pin TQFP (117 user I/O pins)
logo
Yamaichi Electronics Co...
IC37NRB-1403-G4 YAMAICHI-IC37NRB-1403-G4 Datasheet
39Kb / 1P
   Dual Inline Package (DIP)
logo
Molex Electronics Ltd.
0622020232 MOLEX11-0622020232 Datasheet
26Kb / 1P
   Interposer Insertion Module, 144 Circuit
logo
Dallas Semiconductor
DS1845 DALLAS-DS1845 Datasheet
105Kb / 13P
   Dual NV Potentiometer and Memory
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com