Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75185DWRG4 Datasheet(PDF) 7 Page - Texas Instruments

Part # SN75185DWRG4
Description  MULTIPLE RS-232 DRIVERS AND RECEIVERS
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75185DWRG4 Datasheet(HTML) 7 Page - Texas Instruments

Back Button SN75185DWRG4 Datasheet HTML 3Page - Texas Instruments SN75185DWRG4 Datasheet HTML 4Page - Texas Instruments SN75185DWRG4 Datasheet HTML 5Page - Texas Instruments SN75185DWRG4 Datasheet HTML 6Page - Texas Instruments SN75185DWRG4 Datasheet HTML 7Page - Texas Instruments SN75185DWRG4 Datasheet HTML 8Page - Texas Instruments SN75185DWRG4 Datasheet HTML 9Page - Texas Instruments SN75185DWRG4 Datasheet HTML 10Page - Texas Instruments SN75185DWRG4 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
www.ti.com
RECEIVER SECTION
Switching Characteristics
SN75185
MULTIPLE RS-232 DRIVERS AND RECEIVERS
SLLS181D–DECEMBER 1994–REVISED JANUARY 2006
abc
Electrical Characteristics
over recommended operating conditions (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX UNIT
TA =25°C
1.75
1.9
2.3
VT+
Positive-going threshold voltage
See Figure 5
V
TA =0°Cto70°C
1.55
2.3
VT–
Negative-going threshold voltage
0.75
0.97
1.25
V
Vhys
Input hysteresis (VT+ –VT–)
0.5
V
VIH =0.75V
2.6
4
5
VOH
High-level output voltage
IOH = –0.5 mA
V
Inputs open
2.6
VOL
Low-level input voltage
IOL = 10 mA,
VI = 3 V
0.2
0.45
V
VI = 25 V,
See Figure 5
3.6
8.3
IIH
High-level input current
mA
VI = 3 V,
See Figure 5
0.43
VI = –25 V,
See Figure 5
–3.6
–8.3
IIL
Low-level output current
mA
VI = –3 V,
See Figure 5
–0.43
IOS
Short-circuit output current
See Figure 4
–3.4
–12
mA
(1) All typical values are at TA =25°C, VCC = 5 V, VDD = 9 V, and VSS =–9V.
VCC = 5 V, VDD =12V,VSS = -12 V, TA =25°C (see Figure 6)
PARAMETER
TEST CONDITIONS
MIN
TYP MAX
UNIT
tPLH
Propagation delay time, low- to high-level output
CL =50pF,
RL =5kΩ
107
500
ns
tPHL
Propagation delay time, high- to low-level output
CL =50pF,
RL =5kΩ
42
150
ns
tTLH
Transition time, low- to high-level output
CL =50pF,
RL =5kΩ
175
525
ns
tTHL
Transition time, high- to low-level output
CL =50pF,
RL =5kΩ
16
60
ns
7


Similar Part No. - SN75185DWRG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75185DWRG4 TI-SN75185DWRG4 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
More results

Similar Description - SN75185DWRG4

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
75232 UTC-75232 Datasheet
300Kb / 10P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI-GD75323 Datasheet
158Kb / 11P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75185 TI-SN75185_06 Datasheet
357Kb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
STMicroelectronics
ST75185 STMICROELECTRONICS-ST75185 Datasheet
478Kb / 18P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
ST75185 STMICROELECTRONICS-ST75185_06 Datasheet
376Kb / 21P
   Multiple RS-232 drivers and receivers
logo
Unisonic Technologies
75323 UTC-75323_15 Datasheet
383Kb / 12P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Texas Instruments
GD75323 TI1-GD75323_16 Datasheet
1Mb / 19P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
SN75196 TI-SN75196 Datasheet
189Kb / 12P
[Old version datasheet]   MULTIPLE RS-232 DRIVERS AND RECEIVERS
logo
Holtek Semiconductor In...
HT6571 HOLTEK-HT6571 Datasheet
483Kb / 8P
   Multiple RS-232 Drivers and Receivers
logo
STMicroelectronics
ST75285 STMICROELECTRONICS-ST75285 Datasheet
300Kb / 13P
   MULTIPLE RS-232 DRIVERS AND RECEIVERS
December 2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com