Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

Q2S30ZA Datasheet(PDF) 2 Page - Power-One

Part # Q2S30ZA
Description  Q2S Series - 30A Quarter Brick DC/DC Converter 48V Input 1.5V to 3.3V Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

Q2S30ZA Datasheet(HTML) 2 Page - Power-One

  Q2S30ZA Datasheet HTML 1Page - Power-One Q2S30ZA Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2
Q2S SERIES
BOTTOM VIEW
2
6
3
1
7
8
5
4
2.300 0.010
(58.42 0.25)
1.450 0.010
(36.83 0.25)
0.188 0.005
(4.78
0.1)
2.000
(50.80)
0.145
(3.68)
0.300
(7.62)
0.430
(10.92)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
0.600
(15.24)
SIDE VIEW
CUSTOMER BOARD
CL
HT
LOWEST COMPONENT
MECHANICAL DRAWING (SURFACE-MOUNT)
BOTTOM VIEW
2
6
3
1
7
8
5
4
SIDE VIEW
2.300 0.010
(58.42 0.25)
1.450 0.010
(36.83 0.25)
0.258 0.015
(6.55 0.38)
2.186
(55.52)
0.057
(1.45)
0.300
(7.62)
0.430
(10.92)
0.150
(3.81)
0.300
(7.62)
0.450
(11.43)
0.600
(15.24)
CUSTOMER BOARD
0.600
(15.24)
PIN CONNECTIONS
PIN
FUNCTION
1
Vin (+)
2
Remote ON/OFF
3
Vin (-)
4
Vout (-)
5
Sense (-)
6
Trim
7
Sense (+)
8
Vout (+)
• All dimensions are in inches (mm)
• Pins 1-3 and 5-7 are
φ 0.040" (1.02)
with
φ 0.078" (1.98) shoulder
• Pins 4 and 8 are
φ 0.062" (1.57)
without shoulder
• Pin material: Brass
• Pin Finish: Tin/Lead over Nickel
• Module Weight: 0.95 oz (27 g)
HT (Max Height)
+0.000 (+0.00)
-0.038 (-0.97)
0.336 (8.53)
0.063 (1.60)
CL (Min Clearance)
+0.030 (+0.77)
-0.000 (-0.00)
ORDERING INFORMATION (Consult factory for the complete list of available options.)
OPTIONS
SUFFIXES TO ADD TO PART NUMBER WHEN ORDERING OPTIONS (ADD SEQUENTIALLY TO PART NUMBER...TOP OF LIST TO BOTTOM)
Remote ON/OFF
No Suffix
Positive Enable Logic
N
Negative Logic
7
0.145 Pin Length (0.336" Total Height)
8
0.11 Pin Length (0.336" Total Height)
Through-Hole
No Suffix
Surface-Mount
M6
0.336" (8.5mm) Max. Height 0.063" Clearance
EXAMPLE: Q2S30ZA-NM6
MECHANICAL DRAWING (THROUGH-HOLE)
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems,
equipment used in hazardous environments, or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the
date manufactured. Specifications are subject to change without notice.


Similar Description - Q2S30ZA

ManufacturerPart #DatasheetDescription
logo
Power-One
QLS30ZB POWER-ONE-QLS30ZB Datasheet
143Kb / 8P
   QLS30 Series . 30A Quarter-Brick DC/DC Converter 48V Input 1.8V, 1.5V, 1.2V Output
HLS30ZG POWER-ONE-HLS30ZG Datasheet
650Kb / 8P
   HLS30 Series . 30A Half-Brick DC/DC Converter 48V Input 5.0V, 3.3V, 2.5V Output
logo
Astec America, Inc
AV45C ASTEC-AV45C Datasheet
287Kb / 25P
   1.5V, 1.8V, 3.3V, 5V Single Output 48V Input, 100W DC-DC Converter
logo
Power-One
HHS40ZE POWER-ONE-HHS40ZE Datasheet
67Kb / 2P
   HHS40 Series . 40A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V Output
HHS60ZE POWER-ONE-HHS60ZE Datasheet
56Kb / 2P
   HHS60 Series . 60A Half-Brick DC/DC Converter 48V Input 3.3V, 2.5V, 1,8V, 1.5V, 1.2V Outputs
logo
Galaxy Power, Inc.
GHPW5V020 GALAXY-GHPW5V020 Datasheet
1Mb / 7P
   Very High Efficiency DC/DC Converter 24/48V Input, 1.5V, 1.8V, 2.0V, 2.5V, 3.3V DC, 30A Output or 5.0V DC, 20A Output
logo
SynQor Worldwide Headqu...
PQ60033QPA45 SYNQOR-PQ60033QPA45 Datasheet
563Kb / 14P
   Quarter-brick DC/DC Converter
DQ61212QMA06 SYNQOR-DQ61212QMA06 Datasheet
857Kb / 15P
   Quarter-brick DC/DC Converter
DQ62412QKA02 SYNQOR-DQ62412QKA02 Datasheet
623Kb / 15P
   Quarter-brick DC/DC Converter
logo
Power Mate Technology C...
QAE150 P-DUKE-QAE150_14 Datasheet
1Mb / 4P
   QUARTER-BRICK DC-DC CONVERTER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com