Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PSL5A11-2R Datasheet(PDF) 4 Page - Power-One

Part # PSL5A11-2R
Description  6...12 A Switching Regulators
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PSL5A11-2R Datasheet(HTML) 4 Page - Power-One

  PSL5A11-2R Datasheet HTML 1Page - Power-One PSL5A11-2R Datasheet HTML 2Page - Power-One PSL5A11-2R Datasheet HTML 3Page - Power-One PSL5A11-2R Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
283
www.power-one.ch
Edition 5/05.2001
Mechanical data
Tolerances
±0.3 mm (0.012") unless otherwise indicated.
Cassette Style
PSL Series
Accessories
Isolation pads for easy and safe PCB mounting
Ring core chokes for ripple and interference reduction
127 (5")
168.5 (6.63")
173.7 (6.83")
Measuring point of
case temperature
T
C
M3, 4 mm deep
(for mounting screws)
20 (0.79")
S09027
European
Projection


Similar Part No. - PSL5A11-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSL5A11-2R POWER-ONE-PSL5A11-2R Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
More results

Similar Description - PSL5A11-2R

ManufacturerPart #DatasheetDescription
logo
Power-One
PSC3E122 POWER-ONE-PSC3E122 Datasheet
54Kb / 4P
   6...12 A Switching Regulators
PSC POWER-ONE-PSC Datasheet
213Kb / 3P
   6 to 12 A Switching Regulators
PSL POWER-ONE-PSL Datasheet
405Kb / 4P
   6 to 12 A Switching Regulators
PSA3E6-2 POWER-ONE-PSA3E6-2 Datasheet
46Kb / 4P
   1...6 A Switching Regulators
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
logo
Power-One
PSB5A4-7IR POWER-ONE-PSB5A4-7IR Datasheet
57Kb / 4P
   3...8 A Switching Regulators
PSK3E25-7 POWER-ONE-PSK3E25-7 Datasheet
104Kb / 5P
   9...25 A Switching Regulators
logo
Texas Instruments
PT6340 TI1-PT6340 Datasheet
206Kb / 11P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
PT6341 TI-PT6341 Datasheet
174Kb / 9P
[Old version datasheet]   6-A 12-V Input Adjustable Integrated Switching Regulator
logo
Power-One
PSB POWER-ONE-PSB Datasheet
96Kb / 3P
   3 to 8 A Switching Regulators
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com