Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TCA6408RGTR Datasheet(PDF) 3 Page - Texas Instruments

Part # TCA6408RGTR
Description  LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TCA6408RGTR Datasheet(HTML) 3 Page - Texas Instruments

  TCA6408RGTR Datasheet HTML 1Page - Texas Instruments TCA6408RGTR Datasheet HTML 2Page - Texas Instruments TCA6408RGTR Datasheet HTML 3Page - Texas Instruments TCA6408RGTR Datasheet HTML 4Page - Texas Instruments TCA6408RGTR Datasheet HTML 5Page - Texas Instruments TCA6408RGTR Datasheet HTML 6Page - Texas Instruments TCA6408RGTR Datasheet HTML 7Page - Texas Instruments TCA6408RGTR Datasheet HTML 8Page - Texas Instruments TCA6408RGTR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 31 page
background image
www.ti.com
TCA6408
LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER
WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
SCPS151C – FEBRUARY 2007 – REVISED JUNE 2007
ZXY Terminal Assignments
1
2
3
4
5
A
P3
P2
P1
RESET
ADDR
B
GND
N.C.(1)
P0
N.C.(1)
VCCI
C
P4
N.C.(1)
INT
N.C.(1)
VCCP
D
P5
P6
P7
SCL
SDA
(1)
N.C. – No internal connection
TERMINAL FUNCTIONS
PIN NUMBER
NAME
DESCRIPTION
TSSOP
QFN
BGA
(PW)
(RGT)
(ZXY)
Supply voltage of I2C bus. Connect directly to the VCC of the external I2C master.
1
15
B5
VCCI
Provides voltage level translation.
2
16
A5
ADDR
Address input. Connect directly to VCCP or ground.
Active-low reset input. Connect to VCCP through a pullup resistor, if no active
3
1
A4
RESET
connection is used.
P port input/output (push-pull design structure). At power on, P0 is configured as
4
2
B3
P0
an input.
P port input/output (push-pull design structure). At power on, P1 is configured as
5
3
A3
P1
an input.
P port input/output (push-pull design structure). At power on, P2 is configured as
6
4
A2
P2
an input.
P port input/output (push-pull design structure). At power on, P3 is configured as
7
5
A1
P3
an input.
8
6
B1
GND
Ground
P port input/output (push-pull design structure). At power on, P4 is configured as
9
7
C1
P4
an input.
P port input/output (push-pull design structure). At power on, P5 is configured as
10
8
D1
P5
an input.
P port input/output (push-pull design structure). At power on, P6 is configured as
11
9
D2
P6
an input.
P port input/output (push-pull design structure). At power on, P7 is configured as
12
10
D3
P7
an input.
13
11
C3
INT
Interrupt output. Connect to VCCI through a pullup resistor.
14
12
D4
SCL
Serial clock bus. Connect to VCCI through a pullup resistor.
15
13
D5
SDA
Serial data bus. Connect to VCCI through a pullup resistor.
16
14
C5
VCCP
Supply voltage of TCA6408 for P port.
3
Submit Documentation Feedback


Similar Part No. - TCA6408RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408RGTR TI-TCA6408RGTR Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408RGTRG4 TI-TCA6408RGTRG4 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results

Similar Description - TCA6408RGTR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TCA6408A TI1-TCA6408A Datasheet
932Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6408 TI-TCA6408 Datasheet
841Kb / 30P
[Old version datasheet]   LOW-VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
logo
NXP Semiconductors
PCA6408A NXP-PCA6408A Datasheet
2Mb / 40P
   Low-voltage, 8-bit I2C-bus and SMBus I/O expander with interrupt output, reset, and configuration registers
Rev. 1-27 September 2012
logo
Texas Instruments
TCA6416 TI-TCA6416_10 Datasheet
913Kb / 35P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A Datasheet
900Kb / 32P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6416 TI-TCA6416 Datasheet
781Kb / 31P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA9554 TI1-TCA9554 Datasheet
663Kb / 31P
[Old version datasheet]   LOW VOLTAGE 8-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT AND CONFIGURATION REGISTERS
TCA6416A TI-TCA6416A_11 Datasheet
909Kb / 34P
[Old version datasheet]   LOW-VOLTAGE 16-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
TCA6424A TI-TCA6424A Datasheet
554Kb / 33P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT RESET AND CONFIGURATION REGISTERS
TCA6424 TI-TCA6424_10 Datasheet
507Kb / 29P
[Old version datasheet]   LOW-VOLTAGE 24-BIT I2C AND SMBus I/O EXPANDER WITH INTERRUPT OUTPUT, RESET, AND CONFIGURATION REGISTERS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com