Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65HVD3088EDR Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN65HVD3088EDR
Description  Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65HVD3088EDR Datasheet(HTML) 4 Page - Texas Instruments

  SN65HVD3088EDR Datasheet HTML 1Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 2Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 3Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 4Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 5Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 6Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 7Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 8Page - Texas Instruments SN65HVD3088EDR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
SN65HVD3082E, SN75HVD3082E
SN65HVD3085E, SH65HVD3088E
SLLS562G – AUGUST 2009 – REVISED MAY 2009
www.ti.com
DRIVER ELECTRICAL CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP(1)
MAX
UNIT
IO = 0, No Load
3
4.3
RL = 54 Ω, See Figure 1
1.5
2.3
|VOD|
Differential output voltage
V
RL = 100 Ω
2
VTEST = –7 V to 12 V, See Figure 2
1.5
Change in magnitude of differential
Δ|VOD|
See Figure 1 and Figure 2
–0.2
0
0.2
V
output voltage
Steady-state common-mode output
VOC(SS)
1
2.6
3
voltage
See Figure 3
V
Change in steady-state common-mode
ΔVOC(SS)
–0.1
0
0.1
output voltage
Peak-to-peak common-mode output
VOC(PP)
See Figure 3
500
mV
voltage
IOZ
High-impedance output current
See receiver input currents
II
Input current
D, DE
–100
100
µA
IOS
Short-circuit output current
−7 V ≤ VO ≤ 12 V, See Figure 7
–250
250
mA
(1)
All typical values are at 25°C and with a 5–V supply.
DRIVER SWITCHING CHARACTERISTICS
over recommended operating conditions unless otherwise noted
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Propagation delay time, low-to-high-level
HVD3082E
700
1300
tPLH
output
RL = 54 Ω, CL = 50 pF,
HVD3085E
150
500
ns
tPHL
Propagation delay time, high-to-low-level
See Figure 4
HVD3088E
12
20
output
HVD3082E
500
900
1500
tr
Differential output signal rise time
RL = 54 Ω, CL = 50 pF,
HVD3085E
200
300
ns
tf
Differential output signal fall time
See Figure 4
HVD3088E
7
15
HVD3082E
20
200
RL = 54 Ω, CL = 50 pF,
tsk(p)
Pulse skew (|tPHL – tPLH|)
HVD3085E
5
50
ns
See Figure 4
HVD3088E
1.4
2
Propagation delay time,
HVD3082E
2500
7000
RL = 110 Ω, RE at 0 V,
tPZH
high-impedance-to-high-level output
HVD3085E
1000
2500
See Figure 5 and
ns
tPZL
Propagation delay time,
Figure 6
HVD3088E
13
30
high-impedance-to-low-level output
Propagation delay time,
HVD3082E
80
200
RL = 110 Ω, RE at 0 V,
tPHZ
high-level-to-high-impedance output
HVD3085E
60
100
See Figure 5 and
ns
tPLZ
Propagation delay time,
Figure 6
HVD3088E
12
30
low-level-to-high-impedance output
Propagation delay time,
HVD3082E
3500
7000
tPZH(SHDN)
shutdown-to-high-level output
RL = 110 Ω, RE at VCC,
HVD3085E
2500
4500
ns
tPZL(SHDN)
Propagation delay time,
See Figure 5
HVD3088E
1600
2600
shutdown-to-low-level output
4
Submit Documentation Feedback
Copyright © 2009, Texas Instruments Incorporated
Product Folder Link(s): SN65HVD3082E SN75HVD3082E SN65HVD3085E SH65HVD3088E


Similar Part No. - SN65HVD3088EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3088EDR TI-SN65HVD3088EDR Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
SN65HVD3088EDR TI1-SN65HVD3088EDR Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3088EDR TI1-SN65HVD3088EDR Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3088EDR TI-SN65HVD3088EDR Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
SN65HVD3088EDRG4 TI-SN65HVD3088EDRG4 Datasheet
524Kb / 23P
[Old version datasheet]   LOW-POWER RS-485 TRANSCEIVER
More results

Similar Description - SN65HVD3088EDR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65HVD3082E TI1-SN65HVD3082E_17 Datasheet
1Mb / 36P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8 Package
SN65HVD3082E TI1-SN65HVD3082E_12 Datasheet
892Kb / 26P
[Old version datasheet]   Low-Power RS-485 Transceivers, Available in a Small MSOP-8Package
SN65HVD3082E TI-SN65HVD3082E_V01 Datasheet
1Mb / 39P
[Old version datasheet]   SNx5HVD308xE Low-Power RS-485 Transceivers
REVISED JUNE 2023
logo
Sipex Corporation
SP3493 SIPEX-SP3493 Datasheet
131Kb / 11P
   3.3V Low Power RS-485/RS-422 Transceivers
logo
Exar Corporation
SP483 EXAR-SP483_17 Datasheet
633Kb / 13P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481 Datasheet
100Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
SP481 SIPEX-SP481 Datasheet
78Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Exar Corporation
SP485EN-L EXAR-SP485EN-L Datasheet
564Kb / 11P
   Low Power Half-Duplex RS-485 Transceivers
logo
Sipex Corporation
SP481 SIPEX-SP481_04 Datasheet
168Kb / 10P
   Low Power Half-Duplex RS-485 Transceivers
logo
Texas Instruments
SN65HVD1176 TI1-SN65HVD1176_15 Datasheet
1Mb / 29P
[Old version datasheet]   RS-485 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com