Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PFC375-4001 Datasheet(PDF) 2 Page - Power-One

Part # PFC375-4001
Description  PerFormanCe POWER
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PFC375-4001 Datasheet(HTML) 2 Page - Power-One

  PFC375-4001 Datasheet HTML 1Page - Power-One PFC375-4001 Datasheet HTML 2Page - Power-One PFC375-4001 Datasheet HTML 3Page - Power-One PFC375-4001 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
PerFormanCe POWER PFC375
MULTIPLE OUTPUT MODEL SELECTION CHART (CONT.) - ISOLATED V3 AND V4 CAN BE USED AS POSITIVE OR NEGATIVE OUTPUTS
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT (NOTE 1)
CURRENT (NOTE 2)
REGULATION
REGULATION
%p-p (NOTE 3)
ACCURACY
+5V
4.5V to 5.5V
3.5 - 40A
40A
0.4%
0.8%
1%
4.98V to 5.02V
PFC375-4005
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
(Note 4)
24V
22.0V to 28.0V
3A
3A
0.5%
0.8%
1%
23.8V to 24.2V
24V
22.0V to 28.0V
3A
3A
0.5%
0.8%
1%
23.8V to 24.2V
+24V
21.5V to 26.4V
1 - 10A
10A
0.5%
0.8%
1%
23.8V to 24.2V
PFC375-4200
+5V
4.5V to 5.5V
10A
16A
0.4%
0.8%
1%
4.98V to 5.02V
12V
11.4V to 12.6V
4A
4A
0.5%
1%
1%
11.9V to 12.1V
12V
11.4V to 12.6V
4A
4A
0.5%
1%
1%
11.9V to 12.1V
+24V
21.5V to 26.4V
1 - 10A
10A
0.5%
0.8%
1%
23.8V to 24.2V
PFC375-4201
+5V
4.5V to 5.5V
10A
16A
0.4%
0.8%
1%
4.98V to 5.02V
15V
14.2V to 16.0V
4A
4A
0.5%
0.8%
1%
14.9V to 15.1V
15V
13.7V to 16.0V
4A
4A
0.5%
0.8%
1%
14.9V to 15.1V
+5V
4.5V to 5.5V
3.5 - 50A
50A
0.4%
0.8%
1%
4.98V to 5.02V
PFC375-4500
+12V
11.3V to 12.6V
10A
16A
0.9%
0.9%
1%
11.9V to 12.1V
12V
11.3V to 12.6V
6A
6A
0.9%
0.9%
1%
11.9V to 12.1V
5V
4.5V to 5.5V
3A
3A
2%
0.9%
1%
4.9V to 5.1V
NOTES: 1) Output currents ratings are expressed with 300 LFM forced air.
2) Peak loads up to 450 Watts for 60 seconds or less are acceptable, (10% duty cycle max.). Peak power must not exceed 450 Watts.
3) Maximum peak-to-peak noise expressed as a percentage of output voltage, 20 MHz bandwidth.
4) V3 and V4 may be series connected to obtain 48V.
INPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Input Voltage - AC
Continuous input range.
85
264
VAC
Input Frequency
AC Input.
47
63
Hz
Brown Out Protection
Lowest AC input voltage that regulation is maintained with full rated loads.
85
VAC
Hold-Up Time
Over full AC input voltage range at full rated load.
20
mS
Input Current
85 VAC at full rated load.
6ARMS
Input Protection
Non-user serviceable internally located AC input line fuse, F10A, 250V.
Inrush Surge Current
Internally limited by thermistor, one cycle, 25°C.
110 VAC
35
APK
220 VAC
65
Power Factor
Per EN61000-3-2.
0.98
W/VA
Operating Frequency
Switching frequency of main transformer.
100
kHz
OUTPUT SPECIFICATIONS
PARAMETER
CONDITIONS/DESCRIPTION
MIN
NOM
MAX
UNITS
Efficiency
Full rated load, 110 VAC. Varies with distribution of loads among outputs.
68
%
Minimum Loads
Single output models.
0
Multiple output models, 5V main output only.
3.5
Amps
Multiple output models, 24V main output only.
1
Ripple and Noise
Full load, 20MHz bandwidth.
See Model Selection Charts
Output Power
300 LFM forced air cooling required for operation. See optional fan.
Continuous power, multiple output models.
375
Watts
Peak power, all models.
450
Overshoot / Undershoot
Output voltage overshoot/undershoot at turn-on.
0
V
Regulation
Varies by output. Total regulation includes: line changes from 85-132 VAC or
See Model Selection Charts
170-264 VAC, changes in load starting at 20% load and changing to 100% load.
Transient Response
Recovery time, to within 1% of initial set point due to a 50-100% load change,
1mS
3% max. deviation. (Main output only on multi-output units).
Turn-On Delay
Time required for initial output voltage stabilization.
1
Sec
Turn-On Rise Time
Time required for output voltage to rise from 10% to 90%.
10
mS


Similar Part No. - PFC375-4001

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
PFC375-4001G BEL-PFC375-4001G Datasheet
691Kb / 6P
   Greater than 1 million hours demonstrated MTBF
More results

Similar Description - PFC375-4001

ManufacturerPart #DatasheetDescription
logo
Power-One
PFC500 POWER-ONE-PFC500 Datasheet
206Kb / 4P
   PerFormanCe POWER
PFC250 POWER-ONE-PFC250 Datasheet
266Kb / 4P
   PerFormanCe POWER
logo
Holtek Semiconductor In...
BC9824 HOLTEK-BC9824 Datasheet
1Mb / 22P
   Low Power High Performance Low Power High Performance
logo
List of Unclassifed Man...
MX-PS5000 ETC-MX-PS5000 Datasheet
2Mb / 21P
   Power. Precision. Performance.
logo
Laird Tech Smart Techno...
FGM LSTD-FGM Datasheet
135Kb / 2P
   High power performance
MCS LSTD-MCS Datasheet
200Kb / 2P
   High power performance
logo
Seme LAB
SML50HB06 SEME-LAB-SML50HB06 Datasheet
617Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
SML75HB06 SEME-LAB-SML75HB06 Datasheet
641Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
logo
Guangdong Kexin Industr...
FMMT495 KEXIN-FMMT495 Datasheet
36Kb / 2P
   Power High Performance Transistor
logo
Seme LAB
SML300HB12GG SEME-LAB-SML300HB12GG Datasheet
239Kb / 7P
   HIGH PERFORMANCE POWER SEMICONDUCTORS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com