Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN74LVC1G00DBVR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # SN74LVC1G00DBVR
Description  SINGLE 2-INPUT POSITIVE-NAND GATE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN74LVC1G00DBVR Datasheet(HTML) 10 Page - Texas Instruments

Back Button SN74LVC1G00DBVR Datasheet HTML 6Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 7Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 8Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 9Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 10Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 11Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 12Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 13Page - Texas Instruments SN74LVC1G00DBVR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
*All dimensions are nominal
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
SN74LVC1G00DBVR
SOT-23
DBV
5
3000
205.0
200.0
33.0
SN74LVC1G00DBVR
SOT-23
DBV
5
3000
180.0
180.0
18.0
SN74LVC1G00DBVT
SOT-23
DBV
5
250
180.0
180.0
18.0
SN74LVC1G00DBVT
SOT-23
DBV
5
250
205.0
200.0
33.0
SN74LVC1G00DCKR
SC70
DCK
5
3000
180.0
180.0
18.0
SN74LVC1G00DCKR
SC70
DCK
5
3000
205.0
200.0
33.0
SN74LVC1G00DCKT
SC70
DCK
5
250
205.0
200.0
33.0
SN74LVC1G00DCKT
SC70
DCK
5
250
180.0
180.0
18.0
SN74LVC1G00DRLR
SOT
DRL
5
4000
202.0
201.0
28.0
SN74LVC1G00YZPR
DSBGA
YZP
5
3000
220.0
220.0
34.0
PACKAGE MATERIALS INFORMATION
www.ti.com
3-Feb-2010
Pack Materials-Page 2


Similar Part No. - SN74LVC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN74LVC1G00DBVR TI-SN74LVC1G00DBVR Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVR TI-SN74LVC1G00DBVR Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74LVC1G00DBVR TI1-SN74LVC1G00DBVR Datasheet
1Mb / 36P
[Old version datasheet]   SN74LVC1G00_16
logo
Guangdong Youtai Semico...
SN74LVC1G00DBVR UMW-SN74LVC1G00DBVR Datasheet
2Mb / 10P
   Low input current: typical value 0.1uA ● Wide operating voltage range: 1.65V to 5.5V
logo
Texas Instruments
SN74LVC1G00DBVRE4 TI-SN74LVC1G00DBVRE4 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
More results

Similar Description - SN74LVC1G00DBVR

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
74LVC1G00_1012 DIODES-74LVC1G00_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
DS32196 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00_101 TI-SN74LVC1G00_101 Datasheet
667Kb / 16P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
logo
Diodes Incorporated
74LVCE1G00SE-7 DIODES-74LVCE1G00SE-7 Datasheet
275Kb / 14P
   SINGLE 2 INPUT POSITIVE NAND GATE
74AUP1G00 DIODES-74AUP1G00 Datasheet
206Kb / 11P
   SINGLE 2 INPUT POSITIVE NAND GATE
logo
Texas Instruments
SN74AHCT1G00 TI1-SN74AHCT1G00_18 Datasheet
1Mb / 25P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74LVC1G00Q DIODES-74LVC1G00Q Datasheet
528Kb / 9P
   SINGLE 2 INPUT POSITIVE NAND GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G00 TI-SN74LVC1G00 Datasheet
443Kb / 17P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHC1G00-Q1 TI-SN74AHC1G00-Q1 Datasheet
117Kb / 6P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NAND GATE
SN74AHCT1G00 TI1-SN74AHCT1G00_15 Datasheet
1,001Kb / 20P
[Old version datasheet]   Single 2-Input Positive-NAND Gate
logo
Diodes Incorporated
74AHC1G00Q DIODES-74AHC1G00Q Datasheet
523Kb / 9P
   SINGLE 2-INPUT POSITIVE NAND GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com