Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

YED122-11212-0BS Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # YED122-11212-0BS
Description  PGA
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

YED122-11212-0BS Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  YED122-11212-0BS Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 3Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 4Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 5Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 6Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 7Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 8Page - Yamaichi Electronics Co., Ltd. YED122-11212-0BS Datasheet HTML 9Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Specifications
Insulation Resistance:
1012
Ω min.
Withstanding Voltage:
1,000VRMS for 1 minute
Contact Resistance:
10m
Ω max. at 10mA / 20mV
Current Rating:
1A max.
Operating Temperature Range: -55°C ~ +125°C
Acceptable Pin Diameter:
0.46 ±0.05
Mating Cycles:
100 insertions min.
Materials and Finish
Housing: PCT, 30% Polyester, glass filled UL94V-0
Contact: Inner clip – Beryllium Copper (BeCu), Au over Ni (2-3µm)
Outer sleeve – Machined Brass, Sn over Ni (2-3µm)
Features
Round tail production PGA sockets
with Solder Dip or Wire Wrap terminals
Best solder ability due to stand-offs
Low insertion and extraction force,
due to 6 contacting leaves per pin
Any contact pattern available
Grid sizes >22 x 22 on request
Outline Socket Dimensions
Part Number (Details)
YED122 Series
PGA
Through Hole Terminal
Wire Wrapping Terminal
YED122
– 064 10 – 0 B S *
Through Hole Terminal
Contact Position Detail
Series No.
No. of Contact Pins
Grid
Design No.
Inner Contact Plating B = Gold
Outer Sleeve Plating S = Sn over Ni
Terminal Structure
1 = Straight Wire Wrapping Type (L=6.6mm)
2 = Straight Wire Wrapping Type (L=9.5mm)
4 = Straight Solder Dip Type (L=2.9mm)
A
Grid Size
Pin Count
BC
D
5 x 5
6 x 6
7 x 7
8 x 8
9 x 9
10 x 10
11 x 11
12 x 12
13 x 13
14 x 14
15 x 15
17 x 17
18 x 18
19 x 19
20 x 20
21 x 21
22 x 22
25
36
49
49
56
84
96
128
144
160
200
240
288
336
364
441
484
12.62
15.16
17.70
20.24
22.78
25.32
27.86
30.40
32.94
35.48
38.02
43.10
45.64
48.18
50.72
53.26
55.80
2.54x 4=10.16
2.54x 5=12.70
2.54x 6=15.24
2.54x 7=17.78
2.54x 8=20.32
2.54x 9=22.86
2.54x10=25.40
2.54x11=27.94
2.54x12=30.48
2.54x13=33.02
2.54x14=35.56
2.54x16=40.64
2.54x17=43.18
2.54x18=45.72
2.54x19=48.26
2.54x 20=50.80
2.54x21=53.34
20.32
22.86
25.40
27.94
30.48
33.02
38.10
40.64
43.18
45.72
10.16
12.70
10.16
12.70
8.89
11.43
13.97
11.43
17.78
15.24
11.43
13.97
RoHS


Similar Part No. - YED122-11212-0BS

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
YED210-32137-0BS4 YAMAICHI-YED210-32137-0BS4 Datasheet
64Kb / 1P
   SPGA - Interstitial (TH)
YED274 YAMAICHI-YED274 Datasheet
272Kb / 2P
   High Frequency Contacts
YED353 YAMAICHI-YED353 Datasheet
331Kb / 2P
   Economical and Customised Specialities
More results

Similar Description - YED122-11212-0BS

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX11270 MAXIM-MAX11270 Datasheet
1Mb / 46P
   Integrated PGA
Rev 0; 8/14
logo
ACCUTEK MICROCIRCUIT CO...
AK28PCS-PGA ACCUTEK-AK28PCS-PGA_12 Datasheet
166Kb / 3P
   PGA Adapter Modules
AK100PLCC-PGA ACCUTEK-AK100PLCC-PGA_09 Datasheet
778Kb / 6P
   PGA Adapter Modules
logo
Aries Electronics, Inc.
97-56001 ARIES-97-56001 Datasheet
491Kb / 1P
   QFP-to-PGA Adapter
logo
Wolfson Microelectronic...
WM8200 WOLFSON-WM8200 Datasheet
161Kb / 15P
   40MSPS ADC with PGA
logo
Texas Instruments
ADS124S06 TI1-ADS124S06 Datasheet
218Kb / 8P
[Old version datasheet]   PGA and Voltage Reference
logo
Precid-Dip Durtal SA
540-88-032-17-400-2 PREDIP-540-88-032-17-400-2 Datasheet
23Kb / 5P
   PGA / BGA / PLCC SOCKETS
550-10-352M26-001152 PREDIP-550-10-352M26-001152 Datasheet
20Kb / 4P
   PGA / BGA / PLCC SOCKETS
540-88-068-24-008 PREDIP-540-88-068-24-008 Datasheet
25Kb / 5P
   PGA / BGA / PLCC SOCKETS
510-83-257-19-081101 PREDIP-510-83-257-19-081101 Datasheet
23Kb / 4P
   PGA / BGA / PLCC SOCKETS
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com