Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ24617RGET Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # BQ24617RGET
Description  Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ24617RGET Datasheet(HTML) 7 Page - Texas Instruments

Back Button BQ24617RGET Datasheet HTML 3Page - Texas Instruments BQ24617RGET Datasheet HTML 4Page - Texas Instruments BQ24617RGET Datasheet HTML 5Page - Texas Instruments BQ24617RGET Datasheet HTML 6Page - Texas Instruments BQ24617RGET Datasheet HTML 7Page - Texas Instruments BQ24617RGET Datasheet HTML 8Page - Texas Instruments BQ24617RGET Datasheet HTML 9Page - Texas Instruments BQ24617RGET Datasheet HTML 10Page - Texas Instruments BQ24617RGET Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 33 page
background image
bq24610
bq24617
www.ti.com
SLUS892 – DECEMBER 2009
ELECTRICAL CHARACTERISTICS (continued)
5.0V
≤ V(VCC) ≤ 28V, 0°C < TJ < +125°C, typical values are at TA = 25°C, with respect to GND (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
REGN REGULATOR
VREGN_REG
REGN regulator voltage
VVCC > 10V, CE = HIGH, (0-40mA load)
5.7
6.0
6.3
V
IREGN_LIM
REGN current limit
VREGN = 0V, VVCC > VUVLO, CE = HIGH
40
mA
TTC INPUT AND SAFETY TIMER
TPRECHG
Precharge safety timer range(1)
Precharge time before fault occurs
1440
1800
2160
sec
Fast charge saftey timer range, with +/-
TCHARGE
Tchg = CTTC × KTTC
1
10
Hr
10% accuracy(1)
Fast charge timer accuracy(1)
0.01
μF ≤ CTTC ≤ 0.11 μF
–10%
10%
KTTC
Timer multiplier
5.6
min/nF
VTTC below this threshold disables the safety timer and
TTC low threshold
0.4
V
termination
TTC oscillator high threshold
1.5
V
TTC oscillator low threshold
1
V
TTC source/sink current
45
50
55
μA
BATTERY SWITCH (BATFET) DRIVER
RDS_BAT_OFF
BATFET turn-off resistance
VACN > 5V
150
RDS_BAT_ON
BATFET turn-on resistance
VACN > 5V
20
k
VBATDRV_REG = VACN – VBATDRV when VACN > 5V and
VBATDRV_REG
BATFET drive voltage
4.2
7
V
BATFET is on
AC SWITCH (ACFET) DRIVER
RDS_AC_OFF
ACFET turn-off resistance
VVCC > 5V
30
RDS_AC_ON
ACFET turn-on resistance
VVCC > 5V
20
k
VACDRV_REG = VVCC – VACDRV when VVCC > 5V and
VACDRV_REG
ACFET drive voltage
4.2
7
V
ACFET is on
AC / BAT MOSFET DRIVERS TIMING
Driver dead time
Dead time when switching between AC and BAT
10
μs
BATTERY DETECTION
tWAKE
Wake time
Max time charge is enabled
500
ms
IWAKE
Wake current
RSENSE = 10mΩ
50
125
200
mA
tDISCHARGE
Discharge time
Max time discharge current is applied
1
sec
IDISCHARGE
Discharge current
8
mA
IFAULT
Fault current after a timeout fault
2
mA
VWAKE
Wake threshold (with-respect-to VREG)
Voltage on VFB to detect battery absent during Wake
50
mV
Voltage on VFB to detect battery absent during
VDISCH
Discharge threshold
1.55
V
discharge
PWM HIGH SIDE DRIVER (HIDRV)
High side driver (HSD) turn-on
RDS_HI_ON
VBTST – VPH = 5.5 V
3.3
6
resistance
RDS_HI_OFF
High side driver turn-off resistance
VBTST – VPH = 5.5 V
1
1.3
Bootstrap refresh comparator threshold
VBTST_REFRESH
VBTST – VPH when low side refresh pulse is requested
4.0
4.2
V
voltage
PWM LOW SIDE DRIVER (LODRV)
RDS_LO_ON
Low side driver (LSD) turn-on resistance
4.1
7
RDS_LO_OFF
Low side driver turn-off resistance
1
1.4
(1)
Verified by design
Copyright © 2009, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): bq24610 bq24617


Similar Part No. - BQ24617RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
bq24617RGET TI-bq24617RGET Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
bq24617RGET TI-bq24617RGET Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
More results

Similar Description - BQ24617RGET

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ24610 TI-BQ24610 Datasheet
1Mb / 33P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24610_1002 TI-BQ24610_1002 Datasheet
1Mb / 32P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24600 TI-BQ24600_1 Datasheet
1Mb / 31P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24600 TI-BQ24600 Datasheet
1Mb / 29P
[Old version datasheet]   Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with Low Iq
BQ24616 TI-BQ24616 Datasheet
1Mb / 34P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24616 TI-BQ24616_1 Datasheet
1Mb / 36P
[Old version datasheet]   JEITA Guideline Compatible Stand-Alone Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger with System Power Selector and Low Iq
BQ24618 TI-BQ24618 Datasheet
1Mb / 36P
[Old version datasheet]   Stand-Alone USB-Friendly Synchronous Switch-Mode Li-Ion or Li-Polymer Battery Charger
BQ24170RGYT TI1-BQ24170RGYT Datasheet
2Mb / 40P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24170 TI-BQ24170 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger
BQ24133 TI1-BQ24133 Datasheet
2Mb / 35P
[Old version datasheet]   1.6-MHz Synchronous Switch-Mode Li-Ion and Li-Polymer Stand-Alone Battery Charger with Integrated MOSFETs and Power Path Selector
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com