Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PLD08UDB Datasheet(PDF) 1 Page - Power-One

Part # PLD08UDB
Description  PLD08 Series . 8A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

PLD08UDB Datasheet(HTML) 1 Page - Power-One

  PLD08UDB Datasheet HTML 1Page - Power-One PLD08UDB Datasheet HTML 2Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Product Brief
PLD08 Series – 8A Non-Isolated DC/DC Converter
5V, 3.3V Input
Dual Output
REV. 9/01
Page 1 of 2
www.power-one.com
Features
Surface mount configuration
1.56” by 0.55” low profile package
Two independently regulated outputs
Efficiency in excess of 90%
8A of combined output current at 65°C and
200LFM
Flexible output load distribution
Output overcurrent protection
Remote ON/OFF
Output voltage trim adjust for each output
Description
The PLD08 series converters are surface mount non-isolated dual output DC/DC converters. The products
provide point of load conversion of a single 3.3V or 5V input voltage into two independently regulated low
output voltages. Each output can provide up to 5A of output current, has independent feedback loop and
independent trim function. Two power trains operate out of phase thus significantly reducing ripple current
requirements and simplifying external filtering. High efficiency, low space requirements, and flexible loading
characteristics make the converters an ideal choice for powering of multivoltage ASICs.
3.3V Input
5V Input
3.3V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
5V input
Model
Input
voltage
range, VDC
Vout1,
VDC
Vout2,
VDC
Eff.
%
PLD08UDD
3.15-3.6
2.5
2.5
92
PLD08VEE
4.5-5.5
3.3
3.3
93
PLD08UDC
3.15-3.6
2.5
2.0
91
PLD08VED
4.5-5.5
3.3
2.5
93
PLD08UDB
3.15-3.6
2.5
1.8
91
PLD08VEC
4.5-5.5
3.3
2.0
92
PLD08UDA
3.15-3.6
2.5
1.5
90
PLD08VEB
4.5-5.5
3.3
1.8
92
PLD08UDY
3.15-3.6
2.5
1.2
90
PLD08VEA
4.5-5.5
3.3
1.5
92
PLD08UCC
3.0-3.6
2.0
2.0
91
PLD08VEY
4.5-5.5
3.3
1.2
91
PLD08UCB
3.0-3.6
2.0
1.8
90
PLD08VDD
4.5-5.5
2.5
2.5
92
PLD08UCA
3.0-3.6
2.0
1.5
89
PLD08VDC
4.5-5.5
2.5
2.0
91
PLD08UCY
3.0-3.6
2.0
1.2
89
PLD08VDB
4.5-5.5
2.5
1.8
91
PLD08UBB
3.0-3.6
1.8
1.8
89
PLD08VDA
4.5-5.5
2.5
1.5
90
PLD08UBA
3.0-3.6
1.8
1.5
89
PLD08VDY
4.5-5.5
2.5
1.2
89
PLD08UBY
3.0-3.6
1.8
1.2
88
PLD08VCC
4.5-5.5
2.0
2.0
90
PLD08UAA
3.0-3.6
1.5
1.5
88
PLD08VCB
4.5-5.5
2.0
1.8
90
PLD08UAY
3.0-3.6
1.5
1.2
86
PLD08VCA
4.5-5.5
2.0
1.5
89
PLD08UYY
3.0-3.6
1.2
1.2
85
PLD08VCY
4.5-5.5
2.0
1.2
88
PLD08VBB
4.5-5.5
1.8
1.8
89
PLD08VBA
4.5-5.5
1.8
1.5
89
PLD08VBY
4.5-5.5
1.8
1.2
88
PLD08VAA
4.5-5.5
1.5
1.5
88
PLD08VAY
4.5-5.5
1.5
1.2
86
Both outputs of the PLD08U and PLD08V can be
loaded up to five (5) amps each.
Note: The maximum combined output is eight (8)
amps.
PLD08VYY
4.5-5.5
1.2
1.2
85


Similar Part No. - PLD08UDB

ManufacturerPart #DatasheetDescription
logo
FutureWafer Tech Co.,Lt...
PLD08C FUTUREWAFER-PLD08C Datasheet
586Kb / 3P
   ESD Protection Device
More results

Similar Description - PLD08UDB

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
SRDB-08B BEL-SRDB-08B Datasheet
420Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
SRAH-08B BEL-SRAH-08B Datasheet
346Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
S7DB-08B BEL-S7DB-08B Datasheet
289Kb / 16P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 1.2V - 3.3V Output / 8A
S7AH-08B BEL-S7AH-08B Datasheet
339Kb / 22P
   NON-ISOLATED DC/DC CONVERTERS 5V Input / 0.9V - 3.3V Output / 8A
logo
Power-One
SLD10UDD POWER-ONE-SLD10UDD Datasheet
49Kb / 2P
   SLD10 Series . 10A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
PHD32UDD POWER-ONE-PHD32UDD Datasheet
53Kb / 2P
   PHD32 Series . 32A Non-Isolated DC/DC Converter 5V, 3.3V Input Dual Output
logo
Bel Fuse Inc.
SRAH-02C BEL-SRAH-02C Datasheet
127Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
S7AH-02C BEL-S7AH-02C Datasheet
119Kb / 8P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 1.5A
V7PC-04C BEL-V7PC-04C Datasheet
90Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
VRPC-04C BEL-VRPC-04C Datasheet
96Kb / 7P
   NON-ISOLATED DC/DC CONVERTERS 3.3V Input / 5V Output / 4A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com