Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC33078DGKTG4 Datasheet(PDF) 8 Page - Texas Instruments

Part # MC33078DGKTG4
Description  DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

MC33078DGKTG4 Datasheet(HTML) 8 Page - Texas Instruments

Back Button MC33078DGKTG4 Datasheet HTML 4Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 5Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 6Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 7Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 8Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 9Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 10Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 11Page - Texas Instruments MC33078DGKTG4 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
www.ti.com
0
5
10
15
20
25
30
-55
-35
-15
5
25
45
65
85
105
125
TA – Temperature – °C
0
5
10
15
20
25
30
5
6
7
8
9 10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
0
5
10
15
20
25
30
1.E+01 1.E+02 1.E+03 1.E+04 1.E+05 1.E+06 1.E+07
f – Frequency – Hz
100
1k
10k
100k
1M
10M
10
V
= 15 V
V
= –15 V
R = 2 k
A = 1
THD < 1%
T = 25°C
CC+
CC–
L
V
A
W
-20
-15
-10
-5
0
5
10
15
20
5
6
7
8
9
10 11 12 13 14 15 16 17 18
VCC+/–VCC– – Supply Voltage – V
R = 10 k
L
W
R = 2 k
L
W
R = 10 k
L
W
R = 2 k
L
W
MC33078
DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
SLLS633C – OCTOBER 2004 – REVISED NOVEMBER 2006
TYPICAL CHARACTERISTICS (continued)
GAIN BANDWIDTH PRODUCT
GAIN BANDWIDTH PRODUCT
vs
vs
SUPPLY VOLTAGE
TEMPERATURE
OUTPUT VOLTAGE
OUTPUT VOLTAGE
vs
vs
SUPPLY VOLTAGE
FREQUENCY
8
Submit Documentation Feedback


Similar Part No. - MC33078DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33078DGKTG4 TI-MC33078DGKTG4 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078DGKTG4 TI-MC33078DGKTG4 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
More results

Similar Description - MC33078DGKTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
MC33078 TI-MC33078 Datasheet
618Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP Datasheet
726Kb / 19P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078-EP TI-MC33078-EP_15 Datasheet
1,023Kb / 21P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
MC33078 TI-MC33078_2 Datasheet
698Kb / 22P
[Old version datasheet]   DUAL HIGH-SPEED LOW-NOISE OPERATIONAL AMPLIFIER
logo
New Japan Radio
NJM2719 NJRC-NJM2719 Datasheet
329Kb / 10P
   Low Noise, High-Speed Dual Operational Amplifier
logo
Renesas Technology Corp
UPC4570MF-DAA RENESAS-UPC4570MF-DAA Datasheet
318Kb / 11P
   Ultra Low-Noise, High Speed, Wideband, Dual Operational Amplifier
Jul 25, 2012
logo
National Semiconductor ...
LMH6629 NSC-LMH6629 Datasheet
905Kb / 22P
   Ultra-Low Noise, High Speed Operational Amplifier
logo
STMicroelectronics
TSH300 STMICROELECTRONICS-TSH300 Datasheet
398Kb / 18P
   Ultra Low-Noise High-Speed Operational Amplifier
logo
Analog Devices
OP-471 AD-OP-471 Datasheet
687Kb / 16P
   HIGH SPEED, LOW NOISE QUAD OPERATIONAL AMPLIFIER
OP471 AD-OP471_15 Datasheet
309Kb / 16P
   High Speed, Low Noise Quad Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com