Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZP7-6-S-G2T Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP7-6-S-G2T
Description  180째 / 90째 - TH Dual Row Box Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP7-6-S-G2T Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP7-6-S-G2T Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Specifications
Contact Resistance:
30m
Insulation Resistance:
3,000M
Ω min.
Current Rating:
1A
Operating Temperature Range: –40°C to +105°C
Withstanding Voltage:
500V AC for 1 minute
Soldering Temp.:
260°C / 3 sec.
Materials and Finish
Housing:
LCP glass reinforced, UL 94V-0
Terminals:
Phosphor Bronze or Brass
Contact Plating: Gold Flash or Selective Gold
Features
Pin count from 6 to 68
Mates with ZS1 and ZS1N Series
ZP7 Series
ZP7
- ** - * - *
180° / 90° - TH Dual Row Box Header
Series No.
No. of Contact Pins
Terminal Style:
A = 90° (TH)
S = 180° (TH)
Mating Face Plating:
G = Gold Flash
G2T = Selective Gold
Outline Connector Dimensions
Part Number (Details)
ZP7-6-*-*
13.10
4.00
12.10
ZP7-8-*-*
15.10
6.00
14.10
ZP7-10-*-*
17.10
8.00
16.10
ZP7-12-*-*
19.10
10.00
18.10
ZP7-14-*-*
21.10
12.00
20.10
ZP7-16-*-*
23.10
14.00
22.10
ZP7-20-*-*
27.10
18.00
26.10
ZP7-22-*-*
29.10
20.00
28.10
ZP7-24-*-*
31.10
22.00
30.10
Dimensional Information
Part Number
Dim. A
Dim. B
ZP7-26-*-*
33.10
24.00
32.10
ZP7-30-*-*
37.10
28.00
36.10
ZP7-34-*-*
41.10
32.00
40.10
ZP7-36-*-*
43.10
34.00
42.10
ZP7-40-*-*
47.10
38.00
46.10
ZP7-44-*-*
51.10
42.00
50.10
ZP7-50-*-*
57.10
48.00
56.10
ZP7-68-*-*
75.10
66.00
74.10
Dim. C
Part Number
Dim. A
Dim. B
Dim. C
PCB for 90° and 180° TH
Recommended PCB Layouts
Top View
RoHS


Similar Part No. - ZP7-6-S-G2T

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP7-6-SS-G YAMAICHI-ZP7-6-SS-G Datasheet
40Kb / 1P
   180째 SMT - Dual Row Box Header
More results

Similar Description - ZP7-6-S-G2T

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP7-6-SS-G YAMAICHI-ZP7-6-SS-G Datasheet
40Kb / 1P
   180째 SMT - Dual Row Box Header
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
ZS3A-04-G2 YAMAICHI-ZS3A-04-G2 Datasheet
82Kb / 1P
   180째 TH Socket for PCB Mount
NFP-10A-0122BF YAMAICHI-NFP-10A-0122BF Datasheet
72Kb / 2P
   90째 180째 Solder Dip Latch Header Plug (1.27mm Pitch)
ZS4A-06-G2 YAMAICHI-ZS4A-06-G2 Datasheet
57Kb / 1P
   90째 TH Socket for PCB Mount
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
logo
On-Shore Technology, In...
302-SXX1 OST-302-SXX1 Datasheet
130Kb / 1P
   2.54mm Dual Row Vertical Box Header
logo
Adam Technologies, Inc.
2MBHR-XX-VSG-SMT-P ADAM-TECH-2MBHR-XX-VSG-SMT-P Datasheet
84Kb / 1P
   DUAL ROW VERTICAL MOUNT BOX HEADER
logo
SUYIN USA, INC.
127157MA SUYIN-USA-127157MA Datasheet
175Kb / 1P
   1.27X1.27mm DUAL ROW BOX HEADER S.M.D.TYPE
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com