Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OWT2405-12 Datasheet(PDF) 2 Page - Power-One

Part # OWT2405-12
Description  TRIPLE OUTPUT, 25 WATT
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

OWT2405-12 Datasheet(HTML) 2 Page - Power-One

  OWT2405-12 Datasheet HTML 1Page - Power-One OWT2405-12 Datasheet HTML 2Page - Power-One OWT2405-12 Datasheet HTML 3Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
OWT SERIES - TRIPLE OUTPUT, 25 WATT
Natural Convection
14.9 °C/W
100 LFM
11.3 °C/W
200 LFM
8.3 °C/W
300 LFM
6.8 °C/W
400 LFM
5.4 °C/W
Tolerances
Pin
Function
MECHANICAL DRAWING
Inches:
(Millimeters)
.XX ± 0.040
.X ± 1.0
.XXX ± 0.010
.XX ± 0.25
Pin:
± 0.002
± 0.05
(Dimensions as listed unless otherwise
specified.)
Thermal Impedance
Note:
Thermal impedance data is dependent on
many environmental factors. The exact
thermal performance should be validated for
specific application.
1+V
in
2-V
in
3
No Conn.
4
Enable
5
+ Aux Out
6
+5V Out
7
Common
8
- Aux Out
MODELS - (See the last page of Section for options.)
DIA 0.040"
(4.6mm)
0.18" MIN.
2.00"
(50.8mm)
(1.0mm)
(12.7mm)
0.50"
5
2.00"
(50.8mm)
6
8
7
2
1
4
3
0.600"(15.2mm)
0.400"(10.2mm)
0
0.200"(5.1mm)
BOTTOM VIEW
-0.50"(-12.7mm)
0.300"(7.6mm)
-0.100"(-2.5mm)
0.700"(17.8mm)
1.100"(27.9mm)
-0.10"
(-2.5mm)
0
1.800"
(45.7mm)
Vin
(Volts)
Vin Range
(Volts)
Iin Max.*
(Amps)
Vout
(Volts)
Iout Rated
(Amps)
Ripple & Noise
Pk-Pk (mV)
Efficiency
Typ. **
Model
12
12
24
24
48
48
48 WIDE
48 WIDE
10 - 20
10 - 20
18 - 36
18 - 36
20 - 60
20 - 60
36 - 72
36 - 72
3.7
3.7
2.4
2.4
2.3
2.3
1.4
1.4
5, ±12
5, ±15
5, ±12
5, ±15
5, ±12
5, ±15
5, ±12
5, ±15
3.5, ±0.31
3.5, ±0.25
3.5, ±0.31
3.5, ±0.25
3.5, ±0.31
3.5, ±0.25
3.5, ±0.31
3.5, ±0.25
50, 120
50, 150
50, 120
50, 150
50, 120
50, 150
50, 120
50, 150
78%
79%
81%
82%
81%
82%
81%
82%
OWT1205-12
OWT1205-15
OWT2405-12
OWT2405-15
OWT4805-12S1
OWT4805-15S1
OWT4805-12
OWT4805-15
* Maximum input current at minimum input voltage, maximum rated output power.
** At nominal Vin, rated output.


Similar Part No. - OWT2405-12

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
OWTR-PT25C774 DIODES-OWTR-PT25C774 Datasheet
254Kb / 12P
   PWM high-efficiency LED driver control IC.
More results

Similar Description - OWT2405-12

ManufacturerPart #DatasheetDescription
logo
Power-One
OET020YEHH POWER-ONE-OET020YEHH Datasheet
93Kb / 3P
   TRIPLE OUTPUT, 25 WATT
logo
Artesyn Technologies
NFC25 ARTESYN-NFC25 Datasheet
162Kb / 3P
   Triple output 25 Watt Wide input DC-DC converters
logo
Intronics Power, Inc.
DC1800 INTRONICS-DC1800 Datasheet
182Kb / 1P
   25 Watt Single Dual Triple & 3.3V Output DC-DC Converters
logo
Power-One
OBD025YGG POWER-ONE-OBD025YGG Datasheet
76Kb / 3P
   DUAL OUTPUT, 25 WATT
logo
Recom International Pow...
R05TR244872 RECOM-R05TR244872_06 Datasheet
96Kb / 3P
   3 Watt SIP8 Triple Output
RACD25-A RECOM-RACD25-A Datasheet
106Kb / 2P
   25 Watt PFC Single Output
logo
List of Unclassifed Man...
TP1101 ETC1-TP1101 Datasheet
167Kb / 2P
   25 to 30 WATT SINGLE, DUAL and TRIPLE OUTPUT DC-DC CONVERTERS
logo
Recom International Pow...
RAC15-S-D-TA RECOM-RAC15-S-D-TA Datasheet
87Kb / 2P
   15 Watt Single/Dual & Triple Output
logo
ETA-USA
WRB01X-O ETA-USA-WRB01X-O Datasheet
1Mb / 4P
   50 Watt AC/DC Triple Output
logo
Recom International Pow...
RAC20-S-D-TA RECOM-RAC20-S-D-TA Datasheet
84Kb / 2P
   20 Watt Single/Dual & Triple Output
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com