Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZS4A-56-G2 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZS4A-56-G2
Description  90째 TH Socket for PCB Mount
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZS4A-56-G2 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZS4A-56-G2 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Outline Connector Dimensions
ZS4A Series
90° TH Socket for PCB Mount
Specifications
Contact Resistance:
20m
Ω max. at 100mA DC
Insulation Resistance:
1,000M
Ω min at 500V
Withstanding Voltage:
500V AC
Current Rating:
1A
Operating Temp. Range:
–40°C to +105°C
Soldering Temp.:
230°C / 3 sec.
Materials and Finish
Insulator:
Nylon 6T, glass reinforced, UL 94V-0 rated
Terminals:
Phosphor bronze
Contact Plating: Au Flash
Features
Pin count from 6 to 80
Part Number
Dim. A
Dim. B
ZS4A-06-G2
6.50
4.0
ZS4A-08-G2
8.50
6.0
ZS4A-10-G2
10.50
8.0
ZS4A-12-G2
12.50
10.0
ZS4A-14-G2
14.50
12.0
ZS4A-16-G2
16.50
14.0
ZS4A-18-G2
18.50
16.0
ZS4A-20-G2
20.50
18.0
ZS4A-22-G2
22.50
20.0
ZS4A-24-G2
24.50
22.0
ZS4A-26-G2
26.50
24.0
ZS4A-28-G2
28.50
26.0
ZS4A-30-G2
30.50
28.0
ZS4A-32-G2
32.50
30.0
ZS4A-34-G2
34.50
32.0
ZS4A-36-G2
36.50
34.0
ZS4A-38-G2
38.50
36.0
ZS4A-40-G2
40.50
38.0
ZS4A-42-G2
42.50
40.0
Part Number
Dim. A
Dim. B
ZS4A-44-G2
44.50
42.0
ZS4A-46-G2
46.50
44.0
ZS4A-48-G2
48.50
46.0
ZS4A-50-G2
50.50
48.0
ZS4A-52-G2
52.50
50.0
ZS4A-54-G2
54.50
52.0
ZS4A-56-G2
56.50
54.0
ZS4A-58-G2
58.50
56.0
ZS4A-60-G2
60.50
58.0
ZS4A-62-G2
62.50
60.0
ZS4A-64-G2
64.50
62.0
ZS4A-66-G2
66.50
64.0
ZS4A-68-G2
68.50
66.0
ZS4A-70-G2
70.50
68.0
ZS4A-72-G2
72.50
70.0
ZS4A-74-G2
74.50
72.0
ZS4A-76-G2
76.50
74.0
ZS3A-78-G2
78.50
76.0
ZS4A-80-G2
80.50
78.0
Recommended PCB Layout
ZS4A
-
**
G2
Series No.
No. of Contact Pins
(8 to 80)
Mating Face Plating:
G2 = Gold Flash
Part Number (Details)
RoHS
Top View


Similar Part No. - ZS4A-56-G2

ManufacturerPart #DatasheetDescription
logo
Formosa MS
ZS4728A FORMOSA-ZS4728A Datasheet
98Kb / 2P
   1WATT SURFACE MOUNT ZENER DIODE
logo
Weitron Technology
ZS4728A WEITRON-ZS4728A Datasheet
337Kb / 3P
   Surface Mount Zener Diodes
logo
PACELEADER INDUSTRIAL
ZS4728A PACELEADER-ZS4728A Datasheet
262Kb / 3P
   SURFACE MOUNT ZENER TYPE
logo
Yea Shin Technology Co....
ZS4728A YEASHIN-ZS4728A Datasheet
872Kb / 5P
   1000mW Surface Mount Zener Diodes - 3.3V-100V
logo
SHENZHEN YONGERJIA INDU...
ZS4728A WINNERJOIN-ZS4728A Datasheet
110Kb / 2P
   1WATT MELF ZENER DIODE
More results

Similar Description - ZS4A-56-G2

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZS3A-04-G2 YAMAICHI-ZS3A-04-G2 Datasheet
82Kb / 1P
   180째 TH Socket for PCB Mount
ZP7-6-A-G YAMAICHI-ZP7-6-A-G Datasheet
62Kb / 1P
   180째 / 90째 - TH Dual Row Box Header
MDIN03SS YAMAICHI-MDIN03SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
logo
Molex Electronics Ltd.
SD-73404-634 MOLEX-SD-73404-634 Datasheet
190Kb / 4P
   SMB PLUG 75 OHM VERTICAL PCB TH SMB-P/PCB
2014/11/11
SD-73391-008 MOLEX-SD-73391-008 Datasheet
443Kb / 4P
   SMA JACK R/A PCB TH 50 OHMS SMA-J/PCB
2023/03/14
SD-73100-0258 MOLEX-SD-73100-0258 Datasheet
141Kb / 2P
   SPECIAL 75 OHM SMB JACK VERTICAL PCB TH SMB-J/PCB
2011/03/31
logo
Tyco Electronics
1648635-1 MACOM-1648635-1 Datasheet
71Kb / 1P
   CONNECTOR, SOCKET PCB MOUNT 125A MIDDLE DRAWER
logo
Yamaichi Electronics Co...
HF507-41-01 YAMAICHI-HF507-41-01 Datasheet
419Kb / 4P
   Non-ZIF 90째 Socket Direct Mating Type
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
logo
Molex Electronics Ltd.
SD-73131-024 MOLEX-SD-73131-024 Datasheet
181Kb / 3P
   BNC JACK R/A PCB TH 50 OHMS, BNC-J/RA/PCB
2021/04/21
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com