Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78PL114 Datasheet(PDF) 2 Page - Texas Instruments

Part # BQ78PL114
Description  PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114 Datasheet(HTML) 2 Page - Texas Instruments

  BQ78PL114_09 Datasheet HTML 1Page - Texas Instruments BQ78PL114_09 Datasheet HTML 2Page - Texas Instruments BQ78PL114_09 Datasheet HTML 3Page - Texas Instruments BQ78PL114_09 Datasheet HTML 4Page - Texas Instruments BQ78PL114_09 Datasheet HTML 5Page - Texas Instruments BQ78PL114_09 Datasheet HTML 6Page - Texas Instruments BQ78PL114_09 Datasheet HTML 7Page - Texas Instruments BQ78PL114_09 Datasheet HTML 8Page - Texas Instruments BQ78PL114_09 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 31 page
background image
DESCRIPTION (CONTINUED)
bq78PL114
SLUS850B – SEPTEMBER 2008 – REVISED APRIL 2009................................................................................................................................................ www.ti.com
These devices have limited built-in ESD protection. The leads should be shorted together or the device placed in conductive foam
during storage or handling to prevent electrostatic damage to the MOS gates.
Temperature is sensed by up to 12 external sensors and one on-chip sensor. This permits accurate temperature
monitoring of each cell individually. Firmware is then able to compensate for the temperature-induced effects on
capacity, impedance, and OCV on a cell-by-cell basis, resulting in superior charge/ discharge and balancing
control.
External MOSFET control inputs provide user- definable direct hardware control over MOSFET states. Smart
control prevents excessive current through MOSFET body diodes. Auxiliary inputs can be used for enhanced
safety and control in large multicell arrays.
The bq78PL114 is completely user-configurable, with parametric tables in flash memory to suit a variety of cell
chemistries, operating conditions, safety controls, and data reporting needs. It is easily configured using the
supplied bqWizard™ graphical user interface (GUI). The device is fully programmed and requires no algorithm or
firmware development.
The bq78PL114 can be upgraded to the bq78PL114S12 by downloading the bq78PL114S12 firmware. The
firmware can be downloaded using the bqWizard application or during manufacturing. Upgrading to the
bq78Pl114S12 changes the functionality of the LED1–LED5, LEDEN, and N/C pin #29. The bq78PL114S12 pin
functions of LED1/SEG1–LED5/SEG5, PSH/BP/TP, and FIELD support LED, LCD, and electronic paper displays
(EPDs). The user can configure the bq78PL114S12 for the desired display type.
In this document all descriptions for the bq78PL114 apply to the bq78PL114S12 except where different
bq78PL114S12 functionality is specifically described.
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114RGZR TI-BQ78PL114RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S10RGZR TI-BQ78PL114S10RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S10RGZT TI-BQ78PL114S10RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S12RGZR TI-BQ78PL114S12RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
More results

Similar Description - BQ78PL114_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com