Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ78PL114 Datasheet(PDF) 11 Page - Texas Instruments

Part # BQ78PL114
Description  PowerLAN??Master Gateway Battery Management Controller With PowerPump??Cell Balancing Technology
Download  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

BQ78PL114 Datasheet(HTML) 11 Page - Texas Instruments

Back Button BQ78PL114_09 Datasheet HTML 7Page - Texas Instruments BQ78PL114_09 Datasheet HTML 8Page - Texas Instruments BQ78PL114_09 Datasheet HTML 9Page - Texas Instruments BQ78PL114_09 Datasheet HTML 10Page - Texas Instruments BQ78PL114_09 Datasheet HTML 11Page - Texas Instruments BQ78PL114_09 Datasheet HTML 12Page - Texas Instruments BQ78PL114_09 Datasheet HTML 13Page - Texas Instruments BQ78PL114_09 Datasheet HTML 14Page - Texas Instruments BQ78PL114_09 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
ABSOLUTE MAXIMUM RATINGS
(1)
RECOMMENDED OPERATING CONDITIONS
bq78PL114
www.ti.com................................................................................................................................................ SLUS850B – SEPTEMBER 2008 – REVISED APRIL 2009
over operating free-air temperature range (unless otherwise noted)
RANGE
UNITS
TA
Operating free-air temperature (ambient)
–40 to 85
°C
Tstg
Storage temperature
–65 to 150
°C
V4–V3
Maximum cell voltage
–0.5 to 5.0
V
V3–V2
Maximum cell voltage
–0.5 to 5.0
V
V2–V1
Maximum cell voltage
–0.5 to 5.0
V
V1–VSS
Maximum cell voltage
–0.5 to 5.0
V
Voltage on LEDEN, SPROT, CCBAT,
CCPACK, CSBAT, CSPACK, XT1, XT2,
Maximum voltage on any I/O pin with respect to VSS
–0.5 to (VLDO1 + 0.5)
V
OSCI, OSCO, P-LAN
Voltage on PSH/BP/TP (bq78PL114S12)
Maximum voltage range with respect to VSS
–0.5 to (VLDO1 + 0.5)
V
Voltage on LED1–LED5
Maximum voltage on I/O pin with respect to VSS
–0.5 to 5.5
V
Voltage on LED1/SEG1–LED5/SEG5
Maximum voltage on I/O pin
–0.5 to 5.5
V
(bq78PL114S12)
(V2 – 0.5) to
Voltage on XT3, XT4
Maximum voltage range with respect to V2
V
(VLDO2 + 0.5)
EFCIC, EFCID
Maximum voltage range with respect to VSS
–0.5 to 5.5
V
Voltage on SMBCLK, SMBDAT
Maximum voltage range with respect to VSS
–0.5 to 6
V
Voltage on PRE, CHG, DSG
Maximum voltage range with respect to VSS
–0.5 to (VLDO1 + 0.5)
V
Current through PRE, CHG, DSG,
Maximum current source/sink
20
mA
LED1–LED5, P-LAN
Current through
LED1/SEG1–LED5/SEG5,
Maximum current source/sink
20
mA
(bq78PL114S12, LED mode)
VLDO1 maximum current
Maximum current draw from VLDO
20
mA
JEDEC, JESD22-A114 human-body model, R = 1500
Ω, C =
ESD tolerance
2
kV
100 pF
Lead temperature, soldering
Total time < 3 seconds
300
°C
(1)
Stresses beyond those listed under Absolute Maximum Ratings may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under Recommended Operating
Conditions is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
over operating free-air temperature range (unless otherwise noted)
MIN
NOM
MAX
UNIT
VSUP
Supply voltage—V1, V2, V3, V4
2.3
4.5
V
VStartup
Minimum startup voltage—V1, V2
2.9
V
VIN
Input cell voltage range—V(n+1) – V(n), n = 1, 2, 3, 4
0
4.5
V
CVLDO1
VLDO 1 capacitor—VLDO1
2.2
10
47
µF
CVLDO2
VLDO 2 capacitor—VLDO2
2.2
10
47
µF
CVn
Cell-voltage capacitor—Vn
1
µF
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): bq78PL114


Similar Part No. - BQ78PL114_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114RGZR TI-BQ78PL114RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114RGZT TI-BQ78PL114RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S10RGZR TI-BQ78PL114S10RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S10RGZT TI-BQ78PL114S10RGZT Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL114S12RGZR TI-BQ78PL114S12RGZR Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
More results

Similar Description - BQ78PL114_09

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ78PL114 TI-BQ78PL114 Datasheet
451Kb / 22P
[Old version datasheet]   PowerLATM Master Gateway Battery Management Controller With PowerPumTM Cell Balancing Technology
BQ78PL116 TI-BQ78PL116 Datasheet
456Kb / 34P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ78PL116 TI1-BQ78PL116_15 Datasheet
1,010Kb / 37P
[Old version datasheet]   PowerLAN??Master Gateway Battery Management Controller
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
[Old version datasheet]   PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
BQ6400 TI-BQ6400 Datasheet
282Kb / 17P
[Old version datasheet]   Single Chip 3 or 4 Cell Li-Ion Battery Management Controller With PowerPump??Cell Balancing Technology
logo
NXP Semiconductors
MC33665A NXP-MC33665A Datasheet
136Kb / 9P
   Battery management communication gateway
Rev. 3 - 29 July 2022
logo
Aeroflex Circuit Techno...
BEU8635-24 AEROFLEX-BEU8635-24 Datasheet
212Kb / 8P
   Balancing for 24-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-08 AEROFLEX-BEU8635-08 Datasheet
211Kb / 8P
   Balancing for 8-Cell Battery Cell Voltage Monitoring and Telemetry
BEU8635-12 AEROFLEX-BEU8635-12 Datasheet
212Kb / 8P
   Balancing for 12-Cell Battery Cell Voltage Monitoring and Telemetry
logo
Analog Devices
AD7280A AD-AD7280A Datasheet
870Kb / 48P
   Lithium Ion Battery Monitoring System Cell balancing interface
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com