Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZP9-40-G2T Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # ZP9-40-G2T
Description  90째 Active Eject Pin Header
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

ZP9-40-G2T Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  ZP9-40-G2T Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Sockets and Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
Outline Connector Dimensions
ZP9 Series
Specifications
Voltage Rating:
150V AC
Current Rating:
1.0A
Operating Temperature Range: –40°C to +105°C
Withstanding Voltage:
500V for 1 minute
Soldering Temp.:
220°C min. / 60 sec., 250°C peak
Materials and Finish
Housing:
UL 94V-0 listed
Terminals:
Brass
Contact Plating: Selective Gold over Nickel
Features
Pin count from 10 to 68
Series No.
No. of Contact Pins
Plating:
G2T = Selective Gold
ZP9
- ** - G2T
90° Active Eject Pin Header
Part Number (Details)
Dimensional Information
Part Number
Dim. A
Dim. B
Dim. C
Part Number
Dim. A
Dim. B
Dim. C
ZP9-10-G2T
25.7
8.0
15.8
ZP9-12-G2T
27.7
10.0
17.8
ZP9-14-G2T
29.7
12.0
19.8
ZP9-16-G2T
31.7
14.0
21.8
ZP9-20-G2T
35.7
18.0
25.8
ZP9-22-G2T
37.7
20.0
27.8
ZP9-24-G2T
39.7
22.0
29.8
ZP9-26-G2T
41.7
24.0
31.8
ZP9-30-G2T
45.7
28.0
35.8
ZP9-34-G2T
49.7
32.0
39.8
ZP9-40-G2T
55.7
38.0
45.8
ZP9-44-G2T
59.7
42.0
49.8
ZP9-50-G2T
65.7
48.0
55.8
ZP9-68-G2T
83.7
66.0
73.8
Top View
Recommended PCB Layouts
RoHS


Similar Part No. - ZP9-40-G2T

ManufacturerPart #DatasheetDescription
logo
Shenzhen Luguang Electr...
ZP900A LUGUANG-ZP900A Datasheet
2Mb / 2P
   Rectifier Diodes
ZP9400A LUGUANG-ZP9400A Datasheet
2Mb / 2P
   Rectifier Diodes
logo
Advantech Co., Ltd.
ZP9D-DIN1 ADVANTECH-ZP9D-DIN1 Datasheet
385Kb / 1P
   ??for Zlinx??Standard Wireless IO products
More results

Similar Description - ZP9-40-G2T

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP8-10-G2T YAMAICHI-ZP8-10-G2T Datasheet
69Kb / 1P
   180째 Active Eject Pin Header
logo
SUYIN USA, INC.
200170MS SUYIN-USA-200170MS Datasheet
149Kb / 1P
   2.0mm DUAL ROW ACTIVE EJECT PIN HEADER STRAIGHT TYPE
200170MR SUYIN-USA-200170MR Datasheet
159Kb / 1P
   2.0mm DUAL ROW ACTIVE EJECT PIN HEADER RIGHT ANGLE TYPE
logo
FCI connector
95620 FCI-CONNECTOR-95620 Datasheet
687Kb / 9P
   5V EJECT HEADER ASSY
logo
Tyco Electronics
1-1761686-7 MACOM-1-1761686-7 Datasheet
134Kb / 1P
   HEADER ASSEMBLY, LONG EJECT LATCHES
1-1761685-7 MACOM-1-1761685-7 Datasheet
144Kb / 1P
   HEADER ASSEMBLY, SHORT EJECT LATCH, VERTICAL
logo
Aries Electronics, Inc.
12024 ARIES-12024 Datasheet
856Kb / 2P
   EJECT-A-DIP Lock/Eject DIP Socket w/Collet Contacts & Solder Pin Tails
logo
FCI connector
53612 FCI-CONNECTOR-53612 Datasheet
206Kb / 2P
   100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
logo
Yamaichi Electronics Co...
USB-M08-003A YAMAICHI-USB-M08-003A Datasheet
114Kb / 2P
   Mini USB - 90째 Receptacle 8 Pin
logo
FCI connector
53612-G34-4 FCI-CONNECTOR-53612-G34-4 Datasheet
206Kb / 2P
   100/2.54cc EJECT LATCH SHOROUDED VERTICAL HEADER
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com