Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TXS0102DCUTG4 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # TXS0102DCUTG4
Description  2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TXS0102DCUTG4 Datasheet(HTML) 4 Page - Texas Instruments

  TXS0102DCUTG4 Datasheet HTML 1Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 2Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 3Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 4Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 5Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 6Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 7Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 8Page - Texas Instruments TXS0102DCUTG4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
ELECTRICAL CHARACTERISTICS
(1) (2) (3)
TXS0102
SCES640C – JANUARY 2007 – REVISED MAY 2009 ....................................................................................................................................................... www.ti.com
over recommended operating free-air temperature range (unless otherwise noted)
TA = 25°C
–40°C to 85°C
TEST
PARAMETER
VCCA
VCCB
UNIT
CONDITIONS
MIN
TYP
MAX
MIN
MAX
IOH = –20 µA,
VOHA
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCA × 0.67
V
VIB ≥ VCCB – 0.4 V
IOL = 1 mA,
VOLA
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIB ≤ 0.15 V
IOH = –20 µA,
VOHB
1.65 V to 3.6 V
2.3 V to 5.5 V
VCCB × 0.67
V
VIA ≥ VCCA – 0.2 V
IOL = 1 mA,
VOLB
1.65 V to 3.6 V
2.3 V to 5.5 V
0.4
V
VIA ≤ 0.15 V
II
OE
1.65 V to 3.6 V
2.3 V to 5.5 V
±1
±2
µA
A port
0 V
0 to 5.5 V
±1
±2
µA
Ioff
B port
0 to 3.6 V
0 V
±1
±2
µA
IOZ
A or B port
1.65 V to 3.6 V
2.3 V to 5.5 V
±1
±2
µA
1.65 V to VCCB
2.3 V to 5.5 V
2.4
VI = VO = open,
ICCA
3.6 V
0 V
2.2
µA
IO = 0
0 V
5.5 V
–1
1.65 V to VCCB
2.3 V to 5.5 V
12
VI = VO = open,
ICCB
3.6 V
0 V
–1
µA
IO = 0
0 V
5.5 V
1
VI = VCCI or GND,
ICCA + ICCB
1.65 V to VCCB
2.3 V to 5.5 V
14.4
µA
IO = 0
CI
OE
3.3 V
3.3 V
2.5
3.5
pF
A or B port
3.3 V
3.3 V
10
Cio
A port
5
6
pF
B port
6
7.5
(1)
VCCI is the VCC associated with the input port.
(2)
VCCO is the VCC associated with the output port.
(3)
VCCA must be less than or equal to VCCB, and VCCA must not exceed 3.6 V.
4
Submit Documentation Feedback
Copyright © 2007–2009, Texas Instruments Incorporated
Product Folder Link(s): TXS0102


Similar Part No. - TXS0102DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102DCUTG4 TI-TXS0102DCUTG4 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCUTG4 TI-TXS0102DCUTG4 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102DCUTG4 TI1-TXS0102DCUTG4 Datasheet
1Mb / 33P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator
TXS0102DCUTG4 TI-TXS0102DCUTG4 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
More results

Similar Description - TXS0102DCUTG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TXS0102 TI-TXS0102_11 Datasheet
718Kb / 23P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102-Q1 TI1-TXS0102-Q1 Datasheet
878Kb / 24P
[Old version datasheet]   2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
TXS0102 TI-TXS0102_09 Datasheet
509Kb / 18P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
TXS0102_101 TI-TXS0102_101 Datasheet
448Kb / 19P
[Old version datasheet]   2-BIT BIDIRECTIONAL VOLTAGE-LEVEL TRANSLATOR FOR OPEN-DRAIN AND PUSH-PULL APPLICATIONS
logo
Union Semiconductor, In...
UM2002 UNIONSEMI-UM2002 Datasheet
279Kb / 12P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2001 NXP-NVT2001_V01 Datasheet
542Kb / 32P
   Bidirectional voltage level translator for open-drain and push-pull applications
Rev. 4.4 - 22 May 2023
logo
Texas Instruments
TXS0102 TI-TXS0102_V01 Datasheet
1Mb / 40P
[Old version datasheet]   TXS0102 2-Bit Bidirectional Voltage-Level Translator for Open-Drain and Push-Pull Applications
JANUARY 2007
logo
NXP Semiconductors
NVT2006BS PHILIPS-NVT2006BS Datasheet
493Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 5-19 February 2014
logo
Union Semiconductor, In...
UM3211P UNIONSEMI-UM3211P Datasheet
275Kb / 10P
   Bidirectional voltage level translator for open-drain and push-pull applications
logo
NXP Semiconductors
NVT2008PW NXP-NVT2008PW Datasheet
439Kb / 33P
   Bidirectional voltage-level translator for open-drain and push-pull applications
Rev. 3-27 January 2014
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com