Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS3V340PWE4 Datasheet(PDF) 6 Page - Texas Instruments

Part # TS3V340PWE4
Description  QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TS3V340PWE4 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TS3V340PWE4 Datasheet HTML 2Page - Texas Instruments TS3V340PWE4 Datasheet HTML 3Page - Texas Instruments TS3V340PWE4 Datasheet HTML 4Page - Texas Instruments TS3V340PWE4 Datasheet HTML 5Page - Texas Instruments TS3V340PWE4 Datasheet HTML 6Page - Texas Instruments TS3V340PWE4 Datasheet HTML 7Page - Texas Instruments TS3V340PWE4 Datasheet HTML 8Page - Texas Instruments TS3V340PWE4 Datasheet HTML 9Page - Texas Instruments TS3V340PWE4 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 26 page
background image
TS3V340
QUAD SPDT HIGHBANDWIDTH VIDEO SWITCH
WITH LOW AND FLAT ONSTATE RESISTANCE
SCDS172A - JULY 2004 − REVISED DECEMBER 2004
6
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
electrical
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP‡
MAX
UNIT
VIK
EN, IN
VCC = 3 V,
IIN = −18 mA
−1.8
V
IIH
EN, IN
VCC = 3.6 V,
VIN and VEN = 5.5 V
±1
µA
IIL
EN, IN
VCC = 3.6 V,
VIN and VEN = GND
±1
µA
IOZ§
VCC = 3.6 V,
VO = 0 to 5.5 V,
VI = 0,
Switch OFF
±1
µA
IOS¶
VCC = 3.6 V,
VO = 0.5 VCC,
VI = 0,
Switch ON
50
mA
Ioff
VCC = 0,
VO = 0 to 5.5 V,
VI = 0
1
µA
ICC
VCC = 3.6 V,
II/O = 0,
Switch ON or OFF
0.7
1.5
mA
∆ICC
EN, IN
VCC = 3.6 V,
One input at 3 V,
Other inputs at VCC or GND
30
µA
ICCD
VCC = 3.6 V,
D and S ports open,
VEN = GND,
VIN input switching 50% duty cycle
0.35
mA/
MHz
CIN
EN, IN
VIN or VEN = 5.5 V,
3.3 V or 0,
f = 1 MHz
2.5
3.5
pF
COFF
D port
VI = 5.5 V, 3.3 V, or 0,
f = 1 MHz,
Outputs open,
Switch OFF
5.5
7
pF
COFF
S port
VI = 5.5 V, 3.3 V, or 0,
f = 1 MHz,
Outputs open,
Switch OFF
3.5
5
pF
CON
VI = 5.5 V, 3.3 V, or 0,
f = 1 MHz,
Outputs open,
Switch ON
10.5
14
pF
ron#
VCC = 3 V
VI = 1 V,
IO = 13 mA
3
6
ron#
VCC = 3 V
VI = 2 V,
IO = 26 mA
3
6
ron(flat)||
VCC = 3.3 V,
VI = 0 to VCC,
IO = 26 mA
1
† VI, VO, II, and IO refer to I/O pins.
‡ All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
§ For I/O ports, the parameter IOZ includes the input leakage current.
¶ The IOS test is applicable to only one ON channel at a time. The duration of this test is less than 1 s.
# Measured by the voltage drop between the D and S terminals at the indicated current through the switch. ON-state resistance is determined by
the lower of the voltages of the two (D or S) terminals.
|| ron(flat) is the difference of ron in a given channel at specified voltages.
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V + 0.3 V, RL = 75 Ω, CL = 20 pF (unless otherwise noted) (see Figures 6 and 7)
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
UNIT
tpd(s)
IN
D
2
5
ns
tON
IN or EN
S
4
7
ns
tOFF
IN or EN
S
2
7
ns
dynamic
characteristics
over
recommended
operating
free-air
temperature
range,
VCC = 3.3 V + 0.3 V (unless otherwise noted)
PARAMETER
TEST CONDITIONS
TYP‡
UNIT
DGk
RL = 150 Ω,
f = 3.58 MHz,
See Figure 7
0.2
%
DPk
RL = 150 Ω,
f = 3.58 MHz,
See Figure 7
0.1
°
BW
RL = 150 Ω,
See Figure 8
500
MHz
XTALK
RL = 150 Ω,
f = 10 MHz,
RIN = 10 Ω,
See Figure 9
−80
dB
OIRR
RL = 150 Ω,
f = 10 MHz,
See Figure 10
−60
dB
‡ All typical values are at VCC = 3.3 V (unless otherwise noted), TA = 25°C.
k D
G and DP are expressed in absolute magnitude.


Similar Part No. - TS3V340PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V340PWE4 TI-TS3V340PWE4 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340PWE4 TI-TS3V340PWE4 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
More results

Similar Description - TS3V340PWE4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TS3V340 TI-TS3V340 Datasheet
514Kb / 23P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340 TI-TS3V340_10 Datasheet
692Kb / 26P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V340_101 TI-TS3V340_101 Datasheet
928Kb / 30P
[Old version datasheet]   QUAD SPDT HIGH-BANDWIDTH VIDEO SWITCH WITH LOW AND FLAT ON-STATE RESISTANCE
TS3V330 TI-TS3V330_09 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
logo
Tiger Electronic Co.,Lt...
PI5V330 TGS-PI5V330 Datasheet
466Kb / 9P
   Quad SPDT Wide-Bandwidth Video Switch with Low On-state Resistance
logo
Texas Instruments
TS3V330 TI-TS3V330_10 Datasheet
762Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330C TI1-TS5V330C Datasheet
847Kb / 22P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330 Datasheet
360Kb / 17P
[Old version datasheet]   QUAD SPDT WIDE BANDWIDTH VIDEO SWITCH WITH LOW ON STATE RESISTANCE
TS5V330 TI-TS5V330_10 Datasheet
713Kb / 24P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
TS5V330 TI-TS5V330_09 Datasheet
907Kb / 26P
[Old version datasheet]   QUAD SPDT WIDE-BANDWIDTH VIDEO SWITCH WITH LOW ON-STATE RESISTANCE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com