Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NHS068T-000-BS0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # NHS068T-000-BS0
Description  IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

NHS068T-000-BS0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  NHS068T-000-BS0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. NHS068T-000-BS0 Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
NH Series
(SCSI-3)
NHS
068T3 - 000 - BS *
Part Number (Details)
IDC Type Socket w/o Latch Blocks (1.27mm Pitch)
Series (socket)
No. of Leads
Terminal Type:
0 = IDC for Flat Cable
Contact Plating:
B = Mating Face Cont.- Au (15µ“) over Ni
S = IDC Terminals - Solder over Ni
Tapping Dimensions:
0 = 4-40 UNC
1 = 2-56 UNC
Specifications
Insulation Resistance:
500M
Ω min.
Withstanding Voltage:
250V AC rms for 1 minute
Contact Resistance:
35m
Ω max.
Current Rating:
1A
Operating Temp. Range: –55°C to +105°C
Materials and Finish
Housing: PBT (glass filled), UL94V-0
Contacts: Phosphor Bronze
Plating:
Mating Face - Gold over Nickel
IDC Terminals - Solder over Nickel
Features
Half pitch interface connector with SCSI-II pin type contacts
Part Number
A
B
No. of Leads
C
NHS068T3-000-BS*
68
41.91
51.50
63.88
49.30
46.13
47.10
49.20
57.91
DE
H
C
A
1.27
E ±0.05
H
C
A
1.27
E ±0.05
0.635
5.10
5.54
10.30
8.70
D
E ±0.05
– 0.10
+ 0
Cover
Strain Relief
FG
H
A
Trading Division
Outline Socket Dimensions
Row-A #1 Terminal
Row-B #1 Terminal
Applicable Cables
0.635mm pitch flat cable, AWG 30 (7/0.1)
stranded wire. (e.g. FLEX-*2*, see Section E)


Similar Part No. - NHS068T-000-BS0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NHS068S-004-BF0 YAMAICHI-NHS068S-004-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
NHS068S-004-BF1 YAMAICHI-NHS068S-004-BF1 Datasheet
136Kb / 2P
   Solder Dip Socket
NHS068SZ-002-BF0 YAMAICHI-NHS068SZ-002-BF0 Datasheet
136Kb / 2P
   Solder Dip Socket
NHS068SZ-002-BF1 YAMAICHI-NHS068SZ-002-BF1 Datasheet
136Kb / 2P
   Solder Dip Socket
More results

Similar Description - NHS068T-000-BS0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
NFS-10A-0110BF YAMAICHI-NFS-10A-0110BF Datasheet
47Kb / 1P
   IDC Type Socket (1.27mm Pitch)
logo
Dubilier
DBCIDCA3230CGB1 DUBILIER-DBCIDCA3230CGB1 Datasheet
99Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1_11 Datasheet
321Kb / 2P
   IDC IDC CABLE SOCKET 1.27mm
DBCIDCA7A26BGA1 DUBILIER-DBCIDCA7A26BGA1 Datasheet
115Kb / 1P
   IDC IDC CABLE SOCKET 1.27mm
logo
Yamaichi Electronics Co...
FAS-1001-2101-2-0AF YAMAICHI-FAS-1001-2101-2-0AF Datasheet
128Kb / 3P
   MIL Std. IDC Type Socket, (2.54mm Pitch) IDC - Socket, 2.54mm Pitch (2-Point Contact)
logo
Dubilier
DBCIDC506AS1 DUBILIER-DBCIDC506AS1_11 Datasheet
119Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
DBCIDC506AS1 DUBILIER-DBCIDC506AS1 Datasheet
71Kb / 1P
   IDC IDC CABLE SOCKET 2mm PITCH
logo
Yamaichi Electronics Co...
NFP-10G-0100BF YAMAICHI-NFP-10G-0100BF Datasheet
46Kb / 1P
   IDC Transition Header (1.27mm Pitch)
logo
Dubilier
DBCIDC206AS1 DUBILIER-DBCIDC206AS1_11 Datasheet
216Kb / 1P
   IDC IDC CABLE SOCKET
DBCIDC206AS1 DUBILIER-DBCIDC206AS1 Datasheet
167Kb / 1P
   IDC IDC CABLE SOCKET
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com