Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN75ALS181 Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # SN75ALS181
Description  DIFFERENTIAL DRIVER AND RECEIVER PAIR
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN75ALS181 Datasheet(HTML) 4 Page - Texas Instruments

  SN75ALS181 Datasheet HTML 1Page - Texas Instruments SN75ALS181 Datasheet HTML 2Page - Texas Instruments SN75ALS181 Datasheet HTML 3Page - Texas Instruments SN75ALS181 Datasheet HTML 4Page - Texas Instruments SN75ALS181 Datasheet HTML 5Page - Texas Instruments SN75ALS181 Datasheet HTML 6Page - Texas Instruments SN75ALS181 Datasheet HTML 7Page - Texas Instruments SN75ALS181 Datasheet HTML 8Page - Texas Instruments SN75ALS181 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
SN75ALS181
SLLS152C – DECEMBER 1992 – REVISED MAY 2010
www.ti.com
ABSOLUTE MAXIMUM RATINGS
(1)
over operating free-air temperature range (unless otherwise noted)
MIN
MAX
UNIT
VCC
Supply voltage range(2)
7
V
Input voltage range
D, DE, and RE inputs
7
V
Output voltage range
Driver
–9
14
V
Input voltage range
Receiver
–14
14
V
Receiver differential input voltage range(3)
–14
14
V
N package
80
qJA
Package thermal impedance(4)(5)
°C/W
NS package
76
Lead temperature 1,6 mm (1/16 inch) from case for 10 seconds
260
°C
Tstg
Storage temperature range
–65
150
°C
(1)
Stresses beyond those listed under “absolute maximum ratings” may cause permanent damage to the device. These are stress ratings
only, and functional operation of the device at these or any other conditions beyond those indicated under “recommended operating
conditions” is not implied. Exposure to absolute-maximum-rated conditions for extended periods may affect device reliability.
(2)
All voltage values, except differential input voltage, are with respect to network ground terminal.
(3)
Differential input voltage is measured at the noninverting terminal with respect to the inverting terminal.
(4)
Maximum power dissipation is a function of TJ(max), qJA, and TA. The maximum allowable power dissipation at any allowable ambient
temperature is PD = (TJ(max) – TA)/qJA. Operating at the absolute maximum TJ of 150°C can affect reliability.
(5)
The package thermal impedance is calculated in accordance with JESD 51-7.
RECOMMENDED OPERATING CONDITIONS
MIN
NOM
MAX
UNIT
VCC
Supply voltage
4.75
5
5.25
V
VOC
Common-mode output voltage(1)
Driver
–7
12
V
VIC
Common-mode input voltage(1)
Receiver
–12
12
V
VIH
High-level input voltage
D, DE, and RE
2
V
VIL
Low-level input voltage
D, DE, and RE
0.8
V
VID
Differential input voltage
±12
V
Driver
–60
mA
IOH
High-level output current
Receiver
–400
µA
Driver
60
IOL
Low-level output current
mA
Receiver
8
TA
Operating free-air temperature
0
70
°C
(1)
The algebraic convention, where the less positive (more negative) limit is designated as minimum, is used in this table for
common-mode output voltage level only.
4
Submit Documentation Feedback
Copyright © 1992–2010, Texas Instruments Incorporated
Product Folder Link(s): SN75ALS181


Similar Part No. - SN75ALS181

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181 TI-SN75ALS181 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181N TI-SN75ALS181N Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75ALS181NE4 TI-SN75ALS181NE4 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
More results

Similar Description - SN75ALS181

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC491 LINER-LTC491 Datasheet
236Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490_04 Datasheet
165Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75179B TI-SN75179B Datasheet
140Kb / 9P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC490 LINER-LTC490_15 Datasheet
174Kb / 12P
   Differential Driver and Receiver Pair
LTC490 LINER-LTC490 Datasheet
203Kb / 8P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181 Datasheet
314Kb / 14P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
SN75179A TI1-SN75179A Datasheet
191Kb / 10P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_15 Datasheet
192Kb / 12P
   Differential Driver and Receiver Pair
logo
Texas Instruments
SN75ALS181 TI-SN75ALS181_08 Datasheet
494Kb / 16P
[Old version datasheet]   DIFFERENTIAL DRIVER AND RECEIVER PAIR
logo
Linear Technology
LTC491 LINER-LTC491_04 Datasheet
182Kb / 12P
   Differential Driver and Receiver Pair
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com