Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LXN1701-6 Datasheet(PDF) 1 Page - Power-One

Part # LXN1701-6
Description  375 and 500 Watt AC-DC Converters
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

LXN1701-6 Datasheet(HTML) 1 Page - Power-One

  LXN1701-6 Datasheet HTML 1Page - Power-One LXN1701-6 Datasheet HTML 2Page - Power-One LXN1701-6 Datasheet HTML 3Page - Power-One LXN1701-6 Datasheet HTML 4Page - Power-One LXN1701-6 Datasheet HTML 5Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
1
www.power-one.com
Edition 5/7.2001
• Electrically and mechanically rugged DIN-rail
front end
• Outputs individually controlled with 150 %
output peak power
• Operating ambient temperature range
–40...60
°C with convection cooling
Input range 85...264 V AC with PFC
1 or 2 isolated, regulated outputs up to 96 V
3 kV AC I/O electric strength test voltage
X Series
375 and 500 Watt AC-DC Converters
LGA
Selection chart for front ends
Output 1
Output 2
Input voltage
Rated power
Type
Options1
Uo nom
Io nom
Uo nom
Io nom
Ui min…Ui max
TA = 60°C
[V DC]
[A]
[V DC ]
[A]
Po tot [W]
24.7
15
-
-
375
LXR 1601-6
R
24.7
20
-
-
500
LXN-1601-6
D1…D5
37
9.9
-
-
85…264 VAC
375
LXR 1701-6
S
37
13.2
-
-
(14…440 Hz)3
500
LXN 1701-6
M2
49.4
7.5
-
-
90…350 VDC
375
LXR-1801-6
F, F1
49.4
10
-
-
500
LXN-1801-6
K2
24.7
10
24.7
10
500
LXN-2660-6
49.4
5
49.4
5
500
LXN 2880-6
Selection chart for Battery chargers 2
Output
Input voltage
Rated power
Type
Options1
Uo nom
Io nom
Ui min…Ui max
TA = 60°C
[V DC]
[A]
Po tot [W]
25.7...29.3
12.6
85…264 VAC
345
LXR 1240-6 M1
F, F1
25.7...29.3
16.9
(14…440 Hz)3
460
LXN 1240-6 M1
K2
51.4...58.6
6.3
90…350 VDC
345
LXR 1740-6 M1
51.4...58.6
8.4
460
LXN 1740-6 M1
1 For lead times and minimum order quantities contact Power-One.
2 For availability contact Power-One.
3 Input frequency range certified for 14...440 Hz. For continuous operating frequency <40 Hz and >100 Hz contact
factory.


Similar Description - LXN1701-6

ManufacturerPart #DatasheetDescription
logo
Power-One
XSERIES POWER-ONE-XSERIES Datasheet
544Kb / 22P
   375, 500 Watt AC-DC and DC-DC DIN-Rail Converters
UT1201-7 POWER-ONE-UT1201-7 Datasheet
94Kb / 4P
   500 Watt AC-DC Converters
CK2540-9ERD3TB1 POWER-ONE-CK2540-9ERD3TB1 Datasheet
596Kb / 34P
   150 Watt DC-DC and AC-DC Converters
LWR-1601-6 POWER-ONE-LWR-1601-6 Datasheet
110Kb / 5P
   125 and 250 Watt AC-DC Converters
LB1740-6R POWER-ONE-LB1740-6R Datasheet
447Kb / 4P
   700 Watt AC-DC Converters
LK4003-6R POWER-ONE-LK4003-6R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LK1001-7R POWER-ONE-LK1001-7R Datasheet
95Kb / 4P
   150 Watt AC-DC Converters
LS1001-7R POWER-ONE-LS1001-7R Datasheet
66Kb / 4P
   100 Watt AC-DC Converters
LH1001-2R POWER-ONE-LH1001-2R Datasheet
63Kb / 4P
   50 Watt AC-DC Converters
LKP5662-7R POWER-ONE-LKP5662-7R Datasheet
90Kb / 4P
   250 Watt AC-DC Converters
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com