Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAP42-1012 Datasheet(PDF) 1 Page - Power-One

Part # MAP42-1012
Description  Universal Input 85-264 VAC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

MAP42-1012 Datasheet(HTML) 1 Page - Power-One

  MAP42-1012 Datasheet HTML 1Page - Power-One MAP42-1012 Datasheet HTML 2Page - Power-One MAP42-1012 Datasheet HTML 3Page - Power-One MAP42-1012 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
MAP30/40/42 SERIES
Power-One’s MAP30/40/42 series of power supplies combines low cost
and universal input in a board-only power solution to meet
commercial and industrial requirements. Full international safety,
EMI, and ESD compliance ensure world-wide acceptance. All units
bear the CE Mark.
Fixed frequency operation simplifies system level operation. The
MAP30/40/42 series is configured to the international standard 3.00"
x 5.00" footprint. Input and output connections are made via popular
single row Molex connectors.
Single output models feature wide-range output adjustability to meet a
wide variety of standard and user specific output voltage requirements.
FEATURES
• Universal Input 85-264 VAC
• CE Marked to Low Voltage Directive
• Input Transient & ESD Compliance to EN61000-4-2/-3/-4
• Meets EN55022 Conducted and Radiated Limits
• Greater than 311,000 Hours MTBF
• Remote Sense (MAP30, MAP42)
SINGLE OUTPUT MODEL SELECTION CHART
MODEL
OUTPUT
ADJUSTMENT
MAXIMUM OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
CURRENT (NOTE 2)
REGULATION
REGULATION
%p-p (NOTE 1)
ACCURACY
MAP30-1005
5V
4.7V to 5.8V
6A
8A
0.2%
±1%
1%
4.9V to 5.1V
MAP42-1005
5V
4.7V to 5.8V
8A
11A
0.2%
±1%
1%
4.9V to 5.1V
MAP42-1012
12V/15V
11.0V to 18.0V
3.4/2.7A (Note 3)
4.6/3.7A (Note 3)
0.2%
1%
1%
11.9V to 12.1V
MAP42-1024
24V/28V
23.0V to 29.0V
1.7/1.4A (Note 3)
2.3/1.9A (Note 3)
0.2%
1%
1%
23.8V to 24.2V
NOTES:
1) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
2) Peak ratings may be used as maximum output current with 100 Linear Feet per Minute (LFM) forced air cooling.
3) MAP42-1012 output currents are expressed as 12V/15V operation. MAP42-1024 output currents are expressed as 24V/28V operation.
MULTIPLE OUTPUT MODEL SELECTION CHART – 40W CONTINUOUS OUTPUT POWER
MODEL
OUTPUT
ADJUSTMENT
OUTPUT
PEAK OUTPUT
LINE
LOAD
RIPPLE & NOISE
INITIAL SETTING
VOLTAGE
RANGE
CURRENT
CURRENT (NOTE 1)
REGULATION
REGULATION
%p-p (NOTE 2)
ACCURACY
+5V
4.75V to 5.50V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3000
+12V
Fixed
2A
3.5A
1%
3.5% (Note 3)
1%
11.5V to 12.5V
-12V
Fixed
0.3A
0.5A
1%
2% (Note 4)
1%
-11.4V to -12.6V
+5V
4.75V to 5.25V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3100
+12V
Fixed
2A
3.5A
1%
3.5% (Note 3)
1%
11.5V to 12.5V
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.4V to -12.6V
+5V
4.75V to 5.25V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3101
+24V
Fixed
1A
1.5A
1%
3.5% (Note 3)
1%
23.0V to 25.0V
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.5V to -12.5V
+5V
4.7V to 5.8V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3105
+12
Fixed
2A
3.5A
1%
3.5% (Note 3)
1%
11.5V to 12.5V
-5V
Fixed
0.5A
1.0A
1%
2%
1%
-4.75V to -5.25V
+5V
4.7V to 5.8V
5A
6A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3500
+12V
Fixed
1A
3.5A
1%
3.5% (Note 3)
1%
11.5V to 12.5V
-12V
Fixed
0.3A
0.5A
1%
2%
1%
-11.4V to -12.6V
+5V
4.7V to 5.8V
3A
5A
0.2%
2%
1%
4.9V to 5.1V
MAP40-3003
+15V
Fixed
1.5A
3A
1%
3.5% (Note 3)
1%
14.7V to 15.3V
-15V
Fixed
0.2A
0.5A
1%
2% (Note 4)
1%
-14.3V to -15.7V
NOTES : 1) Peak loads for 30 seconds or less are acceptable, (10% duty cycle max.).
2) Maximum peak to peak noise expressed as a percentage of output voltage, 20MHz bandwidth.
3) Quasi regulated output. See Regulation Curves for more information.
4) Requires a minimum load of 0.5A on V1 or 0.3A on V2.
Rev. 10/2000
NUCLEAR AND MEDICAL APPLICATIONS Power-One products are not authorized for use as critical components in life support systems, equipment used in hazardous environments,
or nuclear control systems without the express written consent of the President of Power-One, Inc.
TECHNICAL REVISIONS The appearance of products, including safety agency certifications pictured on labels, may change depending on the date manufactured. Specifications are
subject to change without notice.


Similar Part No. - MAP42-1012

ManufacturerPart #DatasheetDescription
logo
Power-One
MAP42-1012 POWER-ONE-MAP42-1012 Datasheet
88Kb / 5P
   power supplies combines low cost and universal input
logo
Bel Fuse Inc.
MAP42-1012G BEL-MAP42-1012G Datasheet
502Kb / 6P
   RoHS Compliant
More results

Similar Description - MAP42-1012

ManufacturerPart #DatasheetDescription
logo
Bel Fuse Inc.
MAP140 BEL-MAP140 Datasheet
821Kb / 5P
   Universal Input 85-264 VAC
MAP110 BEL-MAP110 Datasheet
781Kb / 6P
   Universal Input 85-264 VAC
logo
Power-One
MAP140 POWER-ONE-MAP140_06 Datasheet
198Kb / 4P
   Universal Input 85-264 VAC
MAP140 POWER-ONE-MAP140 Datasheet
575Kb / 3P
   Universal Input 85-264 VAC
logo
Emerson Network Power
NLP65 EMERSON-NETWORKPOWER-NLP65_09 Datasheet
427Kb / 4P
   85 VAC to 264 VAC universal input range
logo
Arch Electronics Corp.
AQFV480E_SERIES ARCH-AQFV480E_SERIES Datasheet
550Kb / 7P
   Universal Input: 90-264 VAC
AQF240U_SERIES ARCH-AQF240U_SERIES Datasheet
255Kb / 2P
   Universal Input: 90-264 VAC
AQFC480F_SERIES ARCH-AQFC480F_SERIES Datasheet
493Kb / 5P
   Universal Input: 90-264 VAC
AES60D_SERIES ARCH-AES60D_SERIES Datasheet
235Kb / 2P
   Universal Input: 85-265 VAC
logo
Powerbox
PBKAMN30 POWERBOX-PBKAMN30 Datasheet
163Kb / 1P
   Universal input 85 - 265 VAC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com