Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MDIN06K Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # MDIN06K
Description  180째 PTH Socket
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

MDIN06K Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  MDIN06K Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Sockets and Connectors
Trading Division
Specifications
Insulation Resistance:
50M
Ω min. at 250V DC
Withstanding Voltage:
250V AC for 1 minute
Contact Resistance:
30m
Ω max.
Rating :
1A max. at 100V AC
2A max. at 12V DC
Operating Temp. Range: -25°C to +80°C
Mating Cycles:
1000 min. at 10-20 times
per minute (no electrical load)
Soldering Temp.:
260°C / 10 sec.
Materials and Finish
Housing: Thermoplastic
Contact: Phosphor Bronze, Silver Plating
Features
180° Pin Through Hole Socket
Minimum ordering quantity is 1,000 pcs
MiniDIN Series (K)
180° PTH Socket
Ø 12
Ø 14
Ø 0.8
3.5
8
1
1
9.5
Part No.: MDIN03K
Part No.: MDIN06K
Part No.: MDIN04K
Part No.: MDIN05K
Part No.: MDIN08K
Bottom View
Bottom View
Bottom View
Bottom View
Bottom View
Front View
Front View
Front View
Front View
Front View
Not Available
Contact Arrangements and PCB Layouts
3 Pins
6 Pins
4 Pins
7 Pins
5 Pins
8 Pins
1
2
3
1
2
3
4
2
1
3
4
5
3
1
4
5
2
6
43
1
5
6
7
2
8
RoHS


Similar Part No. - MDIN06K

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN06G YAMAICHI-MDIN06G Datasheet
100Kb / 1P
   180째 PTH Jam-Nut Socket
MDIN06J YAMAICHI-MDIN06J Datasheet
36Kb / 1P
   Solder Jack, Assembly Type
MDIN06P/POT YAMAICHI-MDIN06P/POT Datasheet
36Kb / 1P
   Solder Plug, Assembly Type
MDIN06SS YAMAICHI-MDIN06SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
MDIN06SSV-G YAMAICHI-MDIN06SSV-G Datasheet
49Kb / 1P
   90째 PTH Socket (with Shield and 4 Grounding Springs)
More results

Similar Description - MDIN06K

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
MDIN03G YAMAICHI-MDIN03G Datasheet
100Kb / 1P
   180째 PTH Jam-Nut Socket
ZS5A-04-G2 YAMAICHI-ZS5A-04-G2 Datasheet
130Kb / 2P
   180째 SMT Socket
MDIN03SS YAMAICHI-MDIN03SS Datasheet
532Kb / 1P
   90째 PTH Socket (with Shield)
NDS050-005-BF1 YAMAICHI-NDS050-005-BF1 Datasheet
93Kb / 1P
   180째 SMT Type Socket (1.27mm Pitch)
ZS3A-04-G2 YAMAICHI-ZS3A-04-G2 Datasheet
82Kb / 1P
   180째 TH Socket for PCB Mount
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
ZS6A-06-G2 YAMAICHI-ZS6A-06-G2 Datasheet
62Kb / 1P
   180째 SMT Low Profile Socket (Height 2.5mm)
MDIN03SP YAMAICHI-MDIN03SP Datasheet
48Kb / 1P
   90째 PTH Power Socket (with and without Shield)
logo
SparkFun Electronics
PRT-08619 SPARKFUN-PRT-08619 Datasheet
213Kb / 1P
   ProtoBoard - Wombat (PTH)
3/24/2017
logo
Yamaichi Electronics Co...
MDIN03SSV-G YAMAICHI-MDIN03SSV-G Datasheet
49Kb / 1P
   90째 PTH Socket (with Shield and 4 Grounding Springs)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com