Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SN65LVDT9637A Datasheet(PDF) 1 Page - Texas Instruments

Part # SN65LVDT9637A
Description  HIGH-SPEED DIFFERENTIAL RECEIVERS
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SN65LVDT9637A Datasheet(HTML) 1 Page - Texas Instruments

  SN65LVDT9637A Datasheet HTML 1Page - Texas Instruments SN65LVDT9637A Datasheet HTML 2Page - Texas Instruments SN65LVDT9637A Datasheet HTML 3Page - Texas Instruments SN65LVDT9637A Datasheet HTML 4Page - Texas Instruments SN65LVDT9637A Datasheet HTML 5Page - Texas Instruments SN65LVDT9637A Datasheet HTML 6Page - Texas Instruments SN65LVDT9637A Datasheet HTML 7Page - Texas Instruments SN65LVDT9637A Datasheet HTML 8Page - Texas Instruments SN65LVDT9637A Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
SN65LVDS32A, SN65LVDT32A, SN65LVDS3486A
SN65LVDT3486A, SN65LVDS9637A, SN65LVDT9637A
HIGHSPEED DIFFERENTIAL RECEIVERS
SLLS368E − JULY 1999 − REVISED JUNE 2001
1
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
D Meets or Exceeds the Requirements of
ANSI EIA/TIA-644 Standard for Signaling
Ratesup to 400 Mbps
D Operates With a Single 3.3-V Supply
D −2-V to 4.4-V Common-Mode Input Voltage
Range
D Differential Input Thresholds <50 mV With
50 mV of Hysteresis Over Entire
Common-Mode Input Voltage Range
D Integrated 110-Ω Line Termination
Resistors Offered With the LVDT Series
D Propagation Delay Times 4 ns (typ)
D Active Fail Safe Assures a High-Level
Output With No Input
D Recommended Maximum Parallel Rate of
100 M-Transfers/s
D Outputs High-Impedance With VCC <1.5 V
D Available in Small-Outline Package With
1,27 mm Terminal Pitch
D Pin-Compatible With the AM26LS32,
MC3486, or
µA9637
description
This family of differential line receivers offers
improved performance and features that imple-
ment the electrical characteristics of low-voltage
differential signaling (LVDS). LVDS is defined in
the TIA/EIA-644 standard. This improved perfor-
mance represents the second generation of
receiver products for this standard, providing a
better overall solution for the cabled environment.
The next generation family of products is an
extension to TI’s overall product portfolio and is
not necessarily a replacement for older LVDS
receivers.
Improved features include an input common-
mode voltage range 2 V wider than the minimum
required by the standard. This will allow longer
cable lengths by tripling the allowable ground
noise tolerance to 3 V between a driver and
receiver.
Copyright
 2001, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
G
2Y
2A
2B
GND
VCC
4B
4A
4Y
G
3Y
3A
3B
SN65LVDS32A, SN65LVDT32A
1
2
3
4
8
7
6
5
VCC
1Y
2Y
GND
1A
1B
2A
2B
D PACKAGE
(TOP VIEW)
D PACKAGE
(TOP VIEW)
For Replacement Use SN65LVDS32B or SN65LVDT32B
G
G
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Logic Diagram
(positive logic)
SN65LVDT32A
ONLY (4 Places)
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
1B
1A
1Y
1,2EN
2Y
2A
2B
GND
VCC
4B
4A
4Y
3,4EN
3Y
3A
3B
SN65LVDS3486A, SN65LVDT3486A
D PACKAGE
(TOP VIEW)
For Replacement Use SN65LVDS3486B or SN65LVDT3486B
1A
1B
2A
2B
3A
3B
4A
4B
1Y
2Y
3Y
4Y
Logic Diagram
(positive logic)
SN65LVDT3486A
ONLY (4 Places)
1,2EN
3,4EN
1A
1B
2A
2B
1Y
2Y
SN65LVDT9637A
ONLY
SN65LVDS9637A, SN65LVDT9637A
For Replacement Use SN65LVDS9637B or SN65LVDT9637B
Logic Diagram
(positive logic)
NOT RECOMMENDED FOR NEW DESIGNS
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
† Signaling rate, 1/t, where t is the minimum unit interval and is expressed in the units bits/s (bits per second)


Similar Part No. - SN65LVDT9637A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDT9637A TI-SN65LVDT9637A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT9637AD TI-SN65LVDT9637AD Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
More results

Similar Description - SN65LVDT9637A

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SN65LVDS32B TI-SN65LVDS32B Datasheet
294Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33_07 Datasheet
530Kb / 23P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32B TI-SN65LVDS32B_07 Datasheet
206Kb / 20P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS32A TI-SN65LVDS32A Datasheet
191Kb / 14P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDS33 TI-SN65LVDS33 Datasheet
419Kb / 20P
[Old version datasheet]   HIGH SPEED DIFFERENTIAL RECEIVERS
SN75LVDS32 TI-SN75LVDS32 Datasheet
215Kb / 16P
[Old version datasheet]   HIGH-SPEED DIFFERENTIAL LINE RECEIVERS
SN65LVDS348 TI-SN65LVDS348 Datasheet
310Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
SN65LVDT352 TI-SN65LVDT352 Datasheet
306Kb / 20P
[Old version datasheet]   QUAD HIGH-SPEED DIFFERENTIAL RECEIVERS
logo
STMicroelectronics
STLVDS32B STMICROELECTRONICS-STLVDS32B Datasheet
696Kb / 17P
   High speed differential line receivers
logo
Pericom Semiconductor C...
PI90LV386 PERICOM-PI90LV386_08 Datasheet
437Kb / 8P
   High-Speed Differential Line Receivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com