Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FRS008-3100-0 Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # FRS008-3100-0
Description  5-in-1 Card Connector (Manual)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

FRS008-3100-0 Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  FRS008-3100-0 Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Card
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Connectors
Card Types
Features
Five different card types
(SM, MS, SD, MMC and xD) can be
inserted individually
Easy operation by manual insertion / extraction
Card detection / Write protection switch
Tray packaging
xD picture card (licence required)
FRS008 - 3100 - 0
Series
Design Number
Part Number (Details)
SeriesSM / MS / SD / MMC / xD
5-in-1 Card Connector (Manual)
Outline Connector Dimensions
View A
View A
Recommended PCB Layout
Top View
Specifications
SM
SD/MMC
MS
xD
Mating Cycles (times)
5000
10,000
12,000
10,000
Voltage Rating(AC Vrms)
50
250
125
5
Insulation Resistance
1000m
Ω min at 500V (xD: at 250V)
Contact Resistance
100m
Ω at 1mA / 20 mV max.
Current Rating:
0.5A
Operating Temp. Range
-20
°C to +60°C
Materials and Finish
Insulator:
PA
Contacts:
Phosphor Bronze
Contact Area: Ni-Au


Similar Part No. - FRS008-3100-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FRS012-2200-0 YAMAICHI-FRS012-2200-0 Datasheet
149Kb / 2P
   4-in-1 Card Connector (Push / Push)
FRS016T-2000-0 YAMAICHI-FRS016T-2000-0 Datasheet
296Kb / 1P
   2-in-1 Card Reader (Push / Push and Manual)
More results

Similar Description - FRS008-3100-0

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
FRS016T-2000-0 YAMAICHI-FRS016T-2000-0 Datasheet
296Kb / 1P
   2-in-1 Card Reader (Push / Push and Manual)
logo
SUYIN USA, INC.
254803MR SUYIN-USA-254803MR Datasheet
197Kb / 1P
   5 in 1 Right Angle Connector
logo
PHOENIX CONTACT
3030367 PHOENIX-3030367 Datasheet
43Kb / 2P
   Plug-in bridge - FBS 1/5-5
3030368 PHOENIX-3030368 Datasheet
43Kb / 2P
   Plug-in bridge - FBS 1/3/5-5
logo
Molex Electronics Ltd.
0622017500 MOLEX-0622017500 Datasheet
61Kb / 1P
   Manual Arbor Press, RAST 5
08/25/2022
logo
PHOENIX CONTACT
3030370 PHOENIX-3030370 Datasheet
43Kb / 2P
   Plug-in bridge - FBS 1/2/4/5-5
logo
List of Unclassifed Man...
LKM-9268 ETC-LKM-9268 Datasheet
577Kb / 1P
   15LCD 5-in-1 1U Height Drawer
logo
SUYIN USA, INC.
100051FB066SX00ZA SUYIN-USA-100051FB066SX00ZA Datasheet
360Kb / 3P
   5 IN 1 NON PP/TOP CONN
logo
PHOENIX CONTACT
3030188 PHOENIX-3030188 Datasheet
43Kb / 2P
   Plug-in bridge - FBS 1/4-5
logo
Holtek Semiconductor In...
HT113SA HOLTEK-HT113SA Datasheet
666Kb / 16P
   Casino Game 5-in-1 LCD Game
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com