Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

40IMX35-D12D12-9 Datasheet(PDF) 1 Page - Power-One

Part # 40IMX35-D12D12-9
Description  35 Watt DC-DC Converters
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  POWER-ONE [Power-One]
Direct Link  http://www.power-one.com
Logo POWER-ONE - Power-One

40IMX35-D12D12-9 Datasheet(HTML) 1 Page - Power-One

  40IMX35-D12D12-9 Datasheet HTML 1Page - Power-One 40IMX35-D12D12-9 Datasheet HTML 2Page - Power-One 40IMX35-D12D12-9 Datasheet HTML 3Page - Power-One 40IMX35-D12D12-9 Datasheet HTML 4Page - Power-One  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
www.power-one.com
• Magnetic feedback on selected models
• Synchronous rectifier on some models
• Input and output protection
• Industry standard 3" x 2.5" metal case with
10.5 mm profile
IMX 35 Series
35 Watt DC-DC Converters
Wide input voltage ranges up to 75 V DC
2...4 outputs up to 60 V DC
1500 V DC I/O electric strength test voltage
Selection chart
Output 1
Output 2
Output 3
Output 4
Input
Type
Options
Uo nom
Io nom
Uo nom
Io nom
Uo nom
Io nom
Uo nom
Io nom
Ui
[V DC]
[A]
[V DC]
[A]
[V DC]
[A]
[V DC]
[A]
[V DC]
5
2.7
5
2.7
-
-
-
-
9...36
20 IMX 35-05-05-9
-8, Z, i
5
2.8
5
2.8
-
-
-
-
18...75
40 IMX 35-05-05-9
-8, Z, i
12
1.3
12
1.3
-
-
-
-
9...36
20 IMX 35-12-12-9
-8, Z, i
12
1.4
12
1.4
-
-
-
-
18...75
40 IMX 35-12-12-9
-8, Z, i
15
1.1
15
1.1
-
-
-
-
9...36
20 IMX 35-15-15-9
-8, Z, i
15
1.2
15
1.2
-
-
-
-
18...75
40 IMX 35-15-15-9
-8, Z, i
3.3
4.25
5
1.3
5
1.3
-
-
9...36
20 IMX 35-03D05-9
-8, Z, i
3.3
4.25
5
1.35
5
1.35
-
-
18...75
40 IMX 35-03D05-9
-8, Z, i
3.3
4.25
12
0.65
12
0.65
-
-
9...36
20 IMX 35-03D12-9
-8, Z, i
3.3
4.25
12
0.7
12
0.7
-
-
18...75
40 IMX 35-03D12-9
-8, Z, i
3.3
4.25
15
0.55
15
0.55
-
-
9...36
20 IMX 35-03D15-9
-8, Z, i
3.3
4.25
15
0.6
15
0.6
-
-
18...75
40 IMX 35-03D15-9
-8, Z, i
5.1
3.3
5
1.35
5
1.35
-
-
9...36
20 IMX 35-05D05-9
-8, Z, i
5.1
3.4
5
1.4
5
1.4
-
-
18...75
40 IMX 35-05D05-9
-8, Z, i
5.1
3.3
12
0.65
12
0.65
-
-
9...36
20 IMX 35-05D12-9
-8, Z, i
5.1
3.4
12
0.7
12
0.7
-
-
18...75
40 IMX 35-05D12-9
-8, Z, i
5.1
3.3
15
0.55
15
0.55
-
-
9...36
20 IMX 35-05D15-9
-8, Z, i
5.1
3.4
15
0.6
15
0.6
-
-
18...75
40 IMX 35-05D15-9
-8, Z, i
5
1.35
5
1.35
5
1.35
5
1.35
9...36
20 IMX 35 D05D05-9
-8, Z, i
5
1.4
5
1.4
5
1.4
5
1.4
18...75
40 IMX 35 D05D05-9
-8, Z, i
12
0.65
12
0.65
12
0.65
12
0.65
9...36
20 IMX 35 D12D12-9
-8, Z, i
12
0.7
12
0.7
12
0.7
12
0.7
18...75
40 IMX 35 D12D12-9
-8, Z, i
15
0.55
15
0.55
15
0.55
15
0.55
9...36
20 IMX 35 D15D15-9
-8, Z, i
15
0.6
15
0.6
15
0.6
15
0.6
18...75
40 IMX 35 D15D15-9
-8, Z, i
LGA


Similar Part No. - 40IMX35-D12D12-9

ManufacturerPart #DatasheetDescription
logo
Power-One
40IMX35 POWER-ONE-40IMX35 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
40IMX35D05D05-8 POWER-ONE-40IMX35D05D05-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
40IMX35D05D05-8G BEL-40IMX35D05D05-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
logo
Power-One
40IMX35D05D12-8 POWER-ONE-40IMX35D05D12-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
logo
Bel Fuse Inc.
40IMX35D05D12-8G BEL-40IMX35D05D12-8G Datasheet
1Mb / 16P
   35 Watt Quad-Output DC-DC Converter
More results

Similar Description - 40IMX35-D12D12-9

ManufacturerPart #DatasheetDescription
logo
Power-One
70IMX35D05D15-8 POWER-ONE-70IMX35D05D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
110IMX35D15D15-8 POWER-ONE-110IMX35D15D15-8 Datasheet
474Kb / 15P
   IMX35 Series Data Sheet 35 Watt Quad-Output DC-DC Converters
IMS7 POWER-ONE-IMS7 Datasheet
135Kb / 4P
   7 Watt DC-DC Converters
IMX15 POWER-ONE-IMX15 Datasheet
61Kb / 4P
   15 Watt DC-DC Converters
IXP POWER-ONE-IXP Datasheet
138Kb / 2P
   3 Watt DC-DC Converters
logo
AIMTEC
AM30K-C AIMTEC-AM30K-C Datasheet
294Kb / 2P
   30 watt dc-dc converters
AM30K-I AIMTEC-AM30K-I Datasheet
221Kb / 3P
   30 watt dc-dc converters
AM15E-C AIMTEC-AM15E-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
AM15EW-C AIMTEC-AM15EW-C Datasheet
288Kb / 2P
   15 watt dc-dc converters
logo
List of Unclassifed Man...
CQB100-110S ETC2-CQB100-110S Datasheet
158Kb / 2P
   100 WATT DC-DC CONVERTERS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com