Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

796636-5 Datasheet(PDF) 2 Page - Tyco Electronics

Part # 796636-5
Description  TERMI-BLOCK HEADER ASSEMBLY 180 ?, CLOSED ENDS, 5.08mm PITCH
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

796636-5 Datasheet(HTML) 2 Page - Tyco Electronics

  796636-5 Datasheet HTML 1Page - Tyco Electronics 796636-5 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image


Similar Part No. - 796636-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
796634-2 MACOM-796634-2 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
logo
TE Connectivity Ltd
796634-2 TEC-796634-2 Datasheet
911Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
796634-3 MACOM-796634-3 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
logo
TE Connectivity Ltd
796634-3 TEC-796634-3 Datasheet
911Kb / 3P
   THIS DRAWING IS A CONTROLLED DOCUMENT.
logo
Tyco Electronics
796634-4 MACOM-796634-4 Datasheet
612Kb / 2P
   TERMINAL BLOCK, PLUG, STACKING, 5.08mm PITCH
More results

Similar Description - 796636-5

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
C-796637 MACOM-C-796637 Datasheet
115Kb / 1P
   TERMI - BLOK HEADER ASSEMBLY 180 ? , CLOSED ENDS, 5.08mm PITCH
C-1546111 MACOM-C-1546111 Datasheet
55Kb / 1P
   TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-796639 MACOM-C-796639 Datasheet
126Kb / 1P
   TERMI - BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.08mm PITCH
C-796638 MACOM-C-796638 Datasheet
186Kb / 2P
   TERMI-BLOCK HEADER ASSEMBLY 90 ? , CLOSED ENDS, 5.08mm PITCH
C-796643 MACOM-C-796643 Datasheet
53Kb / 1P
   TERMI-BLOK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.00mm PITCH
C-1546109 MACOM-C-1546109 Datasheet
63Kb / 1P
   TERMI-BLOCK HEADER ASSEMBLY, 90 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1546882 MACOM-C-1546882 Datasheet
76Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-1776147 MACOM-C-1776147 Datasheet
88Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY, 180 DEGREE, CLOSED ENDS, 5.08mm PITCH
C-282826 MACOM-C-282826 Datasheet
41Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS 10mm PITCH
C-282964 MACOM-C-282964 Datasheet
42Kb / 1P
   TERMINAL BLOCK HEADER ASSEMBLY 180 ? CLOSED ENDS, 7.5mm PITCH
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com