Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CT09-15S Datasheet(PDF) 2 Page - Yamaichi Electronics Co., Ltd.

Part # CT09-15S
Description  180째 Solder Cup
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

CT09-15S Datasheet(HTML) 2 Page - Yamaichi Electronics Co., Ltd.

  CT09-15S Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. CT09-15S Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Sockets and Connectors
SPECIFICATIONS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
Trading Division
CT Series (HD D-Sub)
180° Solder Cup (Female)
Part Numbers
Specifications
Insulation Resistance:
5,000M
Ω min.
Withstanding Voltage:
1,000V AC
Contact Resistance:
10m
Ω max.
Current Rating:
5A
Operating Temp. Range: –55°C to +105°C
Materials and Finish
Insulator: Polyester Resin
and Glass Fiber reinforced (UL94V-0)
Contacts: Copper Alloy
Plating:
Gold over Nickel
Features
Stamped contacts
Full gold plating
15 Contacts
Part No. CT09-15S
26 Contacts
Part No. CT15-26S
44 Contacts
Part No. CT25-44S
62 Contacts
Part No. CT37-62S
78 Contacts
Part No. CT50-78S
1
1
1
1
1
Part Number
A
B
No. of Contacts
C
CT09-15S
15
30.80
25.00
16.30
19.20
7.80
12.50
10.70
CT15-26S
26
39.10
33.30
24.60
27.70
7.80
12.50
10.70
CT25-44S
44
53.00
47.00
38.30
41.10
7.80
12.50
10.70
CT37-62S
62
69.30
63.50
54.80
57.30
7.80
12.50
10.70
CT50-78S
78
66.90
61.10
52.40
55.10
10.70
15.40
13.60
DE
FG
Outline Connector Dimensions


Similar Part No. - CT09-15S

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15S1 YAMAICHI-CT09-15S1 Datasheet
87Kb / 2P
   180째 Solder Dip
CT09-15S5-S2-K228 YAMAICHI-CT09-15S5-S2-K228 Datasheet
47Kb / 1P
   90째 Solder Dip - Slim Line (Female, 2.50mm)
CT09-15S5-S2-K228-PC99 YAMAICHI-CT09-15S5-S2-K228-PC99 Datasheet
47Kb / 1P
   90째 Solder Dip - Slim Line (Female, 2.50mm)
CT09-15S5-S3-K228 YAMAICHI-CT09-15S5-S3-K228 Datasheet
47Kb / 1P
   90째 SMT Type - Low Profile (Female)
CT09-15S5-S3-K228-PC99 YAMAICHI-CT09-15S5-S3-K228-PC99 Datasheet
47Kb / 1P
   90째 SMT Type - Low Profile (Female)
More results

Similar Description - CT09-15S

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
CT09-15P1 YAMAICHI-CT09-15P1 Datasheet
87Kb / 2P
   180째 Solder Dip
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
NDS050-002-BF YAMAICHI-NDS050-002-BF Datasheet
82Kb / 2P
   90째 180째 Solder Dip Socket (1.27mm Pitch)
NDP050-002-BF YAMAICHI-NDP050-002-BF Datasheet
133Kb / 2P
   90째 180째 Solder Dip Plug (1.27mm Pitch)
NFP-10A-0132BF YAMAICHI-NFP-10A-0132BF Datasheet
67Kb / 2P
   90째 180째 Solder Dip Box Header (1.27mm Pitch)
logo
List of Unclassifed Man...
SDH26P ETC2-SDH26P Datasheet
109Kb / 1P
   HDB26M SOLDER CUP CONNECTOR
logo
Adam Technologies, Inc.
DXXX-SD ADAM-TECH-DXXX-SD Datasheet
88Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-JS ADAM-TECH-DXXX-SD-JS Datasheet
115Kb / 1P
   D-SUB SOLDER CUP
DXXX-SD-SL ADAM-TECH-DXXX-SD-SL Datasheet
110Kb / 1P
   D-SUB SOLDER CUP
logo
List of Unclassifed Man...
SDH15P ETC2-SDH15P Datasheet
108Kb / 1P
   HD815M SOLDER CUP CONNECTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com