Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RDP34-010-005FL Datasheet(PDF) 1 Page - Yamaichi Electronics Co., Ltd.

Part # RDP34-010-005FL
Description  180째 SMT Male Female Header
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  YAMAICHI [Yamaichi Electronics Co., Ltd.]
Direct Link  http://yamaichi.com
Logo YAMAICHI - Yamaichi Electronics Co., Ltd.

RDP34-010-005FL Datasheet(HTML) 1 Page - Yamaichi Electronics Co., Ltd.

  RDP34-010-005FL Datasheet HTML 1Page - Yamaichi Electronics Co., Ltd. RDP34-010-005FL Datasheet HTML 2Page - Yamaichi Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Connectors
SPECIFICATIONS AND DRAWINGS ARE SUBJECT TO ALTERATION WITHOUT PRIOR NOTICE - DIMENSIONS IN MILLIMETER
D-71
Internal
Connectors
Trading Division
Series RDP
180° SMT Male Header
Specifications
Insulation Resistance:
100M
Ω min.
Voltage Rating:
50V AC
Withstanding Voltage:
200V ACrms
Current Rating:
0.5A
Contact Resistance:
50m
Ω max. initial
Operating Temp. Range: –40°C to +80°C
Mating Force:
90g max. / contact
Unmating Force:
10g min. / contact
Mating Cycles:
50 insertions
Soldering Temp.:
230° C min. / 60 sec., 260°C peak
Materials and Finish
Housing:
High Temperature Thermoplastic, UL 94V-0 rated
Contacts: Copper Alloy (t=0.2mm)
Mating Area - Au Flash
Solder Area - Au Flash or Sn
Fitting Nail:Copper Alloy (t=0.2mm), lead free solder
Features
Pin counts from 10 to 80
Various mating heights
RDP
60 - 0** - 005 F *
Part Number (Details)
Outline Dimensions
Series
Pin Count
Height Coding
Code
Dim H*
Dim J*
005
0.5mm
2.0mm
010
1.0mm
3.0mm
015
1.5mm
3.5mm
180° SMT
F = Au Flash (Mating Area)
Solder Area:
F = Au Flash (Dim. H = 0.5mm only)
L = Sn (Dim. H = 1.0 and 1.5mm only)
RDP034-010-005-FL
34
8.0
11.0
10.0
8.5
RDP034-015-005-FL
34
8.0
11.0
10.0
8.5
RDP036-***-005-F*
36
8.5
11.5
10.5
9.0
RDP038-010-005-FL
38
9.0
12.0
11.0
9.5
RDP038-015-005-FL
38
9.0
12.0
11.0
9.5
RDP040-***-005-F*
40
9.5
12.5
11.5
10.0
RDP044-***-005-F*
44
10.5
13.5
12.5
11.0
RDP046-010-005-FL
46
11.0
14.0
13.0
11.5
RDP050-***-005-F*
50
12.0
15.0
14.0
12.5
RDP054-010-005-FL
54
12.5
16.0
15.0
13.5
RDP060-***-005-F*
60
14.5
17.5
16.5
15.0
RDP068-010-005-FL
68
16.5
19.5
18.5
17.0
RDP068-015-005-FL
68
16.5
19.5
18.5
17.0
Recommended PCB Layout
RDS
Top View
Mating Height
= Dim. H + H
RDP
*see drawing
RDP010-***-005-F*
10
2.0
5.0
4.0
2.5
RDP012-***-005-F*
12
2.5
5.5
4.5
3.0
RDP014-***-005-F*
14
3.0
6.0
5.0
3.5
RDP016-***-005-F*
16
3.5
6.5
5.5
4.0
RDP018-***-005-F*
18
4.0
7.0
6.0
4.5
RDP020-***-005-F*
20
4.5
7.5
6.5
5.0
RDP022-005-005-FF
22
5.0
8.0
7.0
5.5
RDP022-010-005-FL
22
5.0
8.0
7.0
5.5
RDP024-***-005-F*
24
5.5
8.5
7.5
6.0
RDP026-010-005-FL
26
6.0
9.0
8.0
6.5
RDP028-***-005-F*
28
6.5
9.5
8.5
7.0
RDP030-***-005-F*
30
7.0
10.0
9.0
7.5
RDP032-005-005-FF
32
7.5
10.5
9.5
8.0
RDP032-015-005-FL
32
7.5
10.5
9.5
8.0
Part Number
Pin Count
A
B
C
D
Part Number
Pin Count
A
B
C
D
Dimensional Information


Similar Part No. - RDP34-010-005FL

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
RDP-2150 MINI-RDP-2150 Datasheet
456Kb / 3P
   Diplexer
RDP-2150++ MINI-RDP-2150+ Datasheet
456Kb / 3P
   Diplexer
RDP-272 MINI-RDP-272 Datasheet
353Kb / 3P
   Diplexer
RDP-272++ MINI-RDP-272+ Datasheet
353Kb / 3P
   Diplexer
RDP-2R15 MINI-RDP-2R15 Datasheet
361Kb / 3P
   Diplexer
More results

Similar Description - RDP34-010-005FL

ManufacturerPart #DatasheetDescription
logo
Yamaichi Electronics Co...
ZP7-6-SS-G YAMAICHI-ZP7-6-SS-G Datasheet
40Kb / 1P
   180째 SMT - Dual Row Box Header
DD-15PNT-S-IE YAMAICHI-DD-15PNT-S-IE Datasheet
48Kb / 1P
   180째 Solder Dip (Male / Female)
ZS5A-04-G2 YAMAICHI-ZS5A-04-G2 Datasheet
130Kb / 2P
   180째 SMT Socket
logo
Dubilier
DBCIDCB27CD20BS1 DUBILIER-DBCIDCB27CD20BS1 Datasheet
103Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 7.0MM
DBCIDCB27BD20BS1 DUBILIER-DBCIDCB27BD20BS1 Datasheet
101Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
DBCIDCB27D14BS1 DUBILIER-DBCIDCB27D14BS1 Datasheet
98Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 6.4MM
DBCIDCB27AS20BSA1 DUBILIER-DBCIDCB27AS20BSA1 Datasheet
100Kb / 1P
   FEMALE HEADER FEMALE HEADER SMT - 5.0MM
logo
Adam Technologies, Inc.
HFH-XX-G-SMT-PP-NK-NP ADAM-TECH-HFH-XX-G-SMT-PP-NK-NP Datasheet
81Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-SG-SMT-NP-BL ADAM-TECH-HFH-XX-SG-SMT-NP-BL Datasheet
91Kb / 1P
   FEMALE HEADER SMT TYPE
HFH-XX-T-SMT-P ADAM-TECH-HFH-XX-T-SMT-P Datasheet
118Kb / 1P
   FEMALE HEADER SMT TYPE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com